Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT46V8M16TG-8L Datasheet(PDF) 10 Page - Micron Technology

Part # MT46V8M16TG-8L
Description  DOUBLE DATA RATE DDR SDRAM
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT46V8M16TG-8L Datasheet(HTML) 10 Page - Micron Technology

Back Button MT46V8M16TG-8L Datasheet HTML 6Page - Micron Technology MT46V8M16TG-8L Datasheet HTML 7Page - Micron Technology MT46V8M16TG-8L Datasheet HTML 8Page - Micron Technology MT46V8M16TG-8L Datasheet HTML 9Page - Micron Technology MT46V8M16TG-8L Datasheet HTML 10Page - Micron Technology MT46V8M16TG-8L Datasheet HTML 11Page - Micron Technology MT46V8M16TG-8L Datasheet HTML 12Page - Micron Technology MT46V8M16TG-8L Datasheet HTML 13Page - Micron Technology MT46V8M16TG-8L Datasheet HTML 14Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
10
128Mb: x4, x8, x16 DDR SDRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
128Mx4x8x16DDR_C.p65 – Rev. C; Pub. 4/01
©2001, Micron Technology, Inc.
128Mb: x4, x8, x16
DDR SDRAM
PRELIMINARY
Figure 1
Mode Register Definition
Reserved states should not be used, as unknown
operation or incompatibility with future versions may
result.
When a READ or WRITE command is issued, a
block of columns equal to the burst length is effectively
selected. All accesses for that burst take place within this
block, meaning that the burst will wrap within the
block if a boundary is reached. The block is uniquely
selected by A1-Ai when the burst length is set to two, by
A2-Ai when the burst length is set to four and by A3-Ai
when the burst length is set to eight (where Ai is the
most significant column address bit for a given con-
TABLE 1
BURST DEFINITION
Burst
StartingColumn
Order of Accesses Within a Burst
Length
Address
Type=Sequential
Type=Interleaved
A0
2
0
0-1
0-1
1
1-0
1-0
A1 A0
0
0
0-1-2-3
0-1-2-3
4
0
1
1-2-3-0
1-0-3-2
1
0
2-3-0-1
2-3-0-1
1
1
3-0-1-2
3-2-1-0
A2 A1 A0
0
0
0
0-1-2-3-4-5-6-7
0-1-2-3-4-5-6-7
0
0
1
1-2-3-4-5-6-7-0
1-0-3-2-5-4-7-6
0
1
0
2-3-4-5-6-7-0-1
2-3-0-1-6-7-4-5
8
0
1
1
3-4-5-6-7-0-1-2
3-2-1-0-7-6-5-4
1
0
0
4-5-6-7-0-1-2-3
4-5-6-7-0-1-2-3
1
0
1
5-6-7-0-1-2-3-4
5-4-7-6-1-0-3-2
1
1
0
6-7-0-1-2-3-4-5
6-7-4-5-2-3-0-1
1
1
1
7-0-1-2-3-4-5-6
7-6-5-4-3-2-1-0
NOTE: 1. For a burst length of two, A1-Ai select the two-
data-element block; A0 selects the first access
within the block.
2. For a burst length of four, A2-Ai select the four-
data-element block; A0-A1 select the first access
within the block.
3. For a burst length of eight, A3-Ai select the eight-
data-element block; A0-A2 select the first access
within the block.
4. Whenever a boundary of the block is reached
within a given sequence above, the following
access wraps within the block.
figuration). The remaining (least significant) address
bit(s) is (are) used to select the starting location within
the block. The programmed burst length applies to
both READ and WRITE bursts.
Burst Type
Accesses within a given burst may be programmed
to be either sequential or interleaved; this is referred to
as the burst type and is selected via bit M3.
The ordering of accesses within a burst is deter-
mined by the burst length, the burst type and the
starting column address, as shown in Table 1.
M3 = 0
Reserved
2
4
8
Reserved
Reserved
Reserved
Reserved
M3 = 1
Reserved
2
4
8
Reserved
Reserved
Reserved
Reserved
Operating Mode
Normal Operation
Normal Operation/Reset DLL
All other states reserved
0
1
Burst Type
Sequential
Interleaved
CAS Latency
Reserved
Reserved
2
Reserved
Reserved
Reserved
2.5
Reserved
Burst Length
M0
0
1
0
1
0
1
0
1
Burst Length
CAS Latency BT
0*
0*
A9
A7 A6 A5 A4 A3
A8
A2 A1 A0
Mode Register (Mx)
Address Bus
9
7
65
4
3
8
2
1
0
M1
0
0
1
1
0
0
1
1
M2
0
0
0
0
1
1
1
1
M3
M4
0
1
0
1
0
1
0
1
M5
0
0
1
1
0
0
1
1
M6
0
0
0
0
1
1
1
1
Valid
Valid
-
M6-M0
0
1
-
M8
0
0
-
M7
Operating Mode
A10
A11
BA0
BA1
10
11
12
13
* M13 and M12 (BA0 and BA1)
must be “0, 0” to select the
base mode register (vs. the
extended mode register).
0
0
-
M9
0
0
-
M10
0
0
-
M11


Similar Part No. - MT46V8M16TG-8L

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT46V8M16 MICRON-MT46V8M16 Datasheet
154Kb / 8P
   DOUBLE DATA RATE DDR SDRAM
More results

Similar Description - MT46V8M16TG-8L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAA32M4 ETC1-SAA32M4 Datasheet
256Kb / 13P
   DOUBLE DATA RATE (DDR) SDRAM
logo
Micron Technology
MT46V32M8P-5BK MICRON-MT46V32M8P-5BK Datasheet
4Mb / 91P
   Double Data Rate (DDR) SDRAM
MT46V64M4 MICRON-MT46V64M4 Datasheet
152Kb / 8P
   DOUBLE DATA RATE DDR SDRAM
MT46V4M32 MICRON-MT46V4M32 Datasheet
1Mb / 66P
   DOUBLE DATA RATE DDR SDRAM
logo
Alliance Semiconductor ...
MT46V32M16CV-5B ALSC-MT46V32M16CV-5B Datasheet
1Mb / 93P
   Double Data Rate (DDR) SDRAM
logo
Micron Technology
MT46V64M4 MICRON-MT46V64M4_1 Datasheet
3Mb / 93P
   Double Data Rate (DDR) SDRAM
MT46V128M4 MICRON-MT46V128M4 Datasheet
2Mb / 68P
   DOUBLE DATA RATE DDR SDRAM
MT46V2M32V1 MICRON-MT46V2M32V1 Datasheet
2Mb / 65P
   DOUBLE DATA RATE DDR SDRAM
MT46V256M4 MICRON-MT46V256M4 Datasheet
2Mb / 74P
   DOUBLE DATA RATE (DDR) SDRAM
MT46V16M8 MICRON-MT46V16M8 Datasheet
166Kb / 9P
   DOUBLE DATA RATE DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com