Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT48V8M16LFFF Datasheet(PDF) 7 Page - Micron Technology

Part # MT48V8M16LFFF
Description  SYNCHRONOUS DRAM
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT48V8M16LFFF Datasheet(HTML) 7 Page - Micron Technology

Back Button MT48V8M16LFFF Datasheet HTML 3Page - Micron Technology MT48V8M16LFFF Datasheet HTML 4Page - Micron Technology MT48V8M16LFFF Datasheet HTML 5Page - Micron Technology MT48V8M16LFFF Datasheet HTML 6Page - Micron Technology MT48V8M16LFFF Datasheet HTML 7Page - Micron Technology MT48V8M16LFFF Datasheet HTML 8Page - Micron Technology MT48V8M16LFFF Datasheet HTML 9Page - Micron Technology MT48V8M16LFFF Datasheet HTML 10Page - Micron Technology MT48V8M16LFFF Datasheet HTML 11Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
7
128Mb: x16, x32 Mobile SDRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MobileY95W_3V_F.p65 – Rev. F; Pub. 9/02
©2002, Micron Technology, Inc.
128Mb: x16, x32
MOBILE SDRAM
ADVANCE
BALL DESCRIPTIONS
54-BALL VFBGA
SYMBOL
TYPE
DESCRIPTION
F2
CLK
Input
Clock: CLK is driven by the system clock. All SDRAM input signals are sampled
on the positive edge of CLK. CLK also increments the internal burst counter
and controls the output registers.
F3
CKE
Input
Clock Enable: CKE activates (HIGH) and deactivates (LOW) the CLK signal.
Deactivating the clock provides PRECHARGE POWER-DOWN and SELF REFRESH
operation (all banks idle), ACTIVE POWER-DOWN (row active in any bank) or
CLOCK SUSPEND operation (burst/access in progress). CKE is synchronous
except after the device enters power-down and self refresh modes, where
CKE becomes asynchronous until after exiting the same mode. The input
buffers, including CLK, are disabled during power-down and self refresh
modes, providing low standby power. CKE may be tied HIGH.
G9
CS#
Input
Chip Select: CS# enables (registered LOW) and disables (registered HIGH) the
command decoder. All commands are masked when CS# is registered HIGH.
CS# provides for external bank selection on systems with multiple banks. CS#
is considered part of the command code.
F7, F8, F9
CAS#, RAS#,
Input
Command Inputs: CAS#, RAS#, and WE# (along with CS#) define the
WE#
command being entered.
E8, F1
LDQM,
Input
Input/Output Mask: DQM is sampled HIGH and is an input mask signal for
UDQM
write accesses and an output enable signal for read accesses. Input data is
masked during a WRITE cycle. The output buffers are placed in a High-Z state
(two-clock latency) when during a READ cycle. LDQM corresponds to DQ0–
DQ7, UDQM corresponds to DQ8–DQ15. LDQM and UDQM are considered
same state when referenced as DQM.
G7, G8
BA0, BA1
Input
Bank Address Input(s): BA0 and BA1 define to which bank the ACTIVE, READ,
WRITE or PRECHARGE command is being applied. These pins also provide the
op-code during a LOAD MODE REGISTER command
H7, H8, J8, J7, J3, J2,
A0–A11
Input
Address Inputs: A0–A11 are sampled during the ACTIVE command (row-
H3, H2, H1, G3, H9, G2,
address A0–A11) and READ/WRITE command (column-address A0–A8; with
A10 defining auto precharge) to select one location out of the memory array
in the respective bank. A10 is sampled during a PRECHARGE command to
determine if all banks are to be precharged (A10 HIGH) or bank selected by
BA0, BA1 (LOW). The address inputs also provide the op-code during a LOAD
MODE REGISTER command.
A8, B9, B8, C9, C8, D9,
DQ0–DQ15
I/O
Data Input/Output: Data bus
D8, E9, E1, D2, D1, C2,
C1, B2, B1, A2
E2, G1
NC
No Connect: These pins should be left unconnected.
G1 is a no connect for this part but may be used as A12 in future designs.
A7, B3, C7, D3
VDDQ
Supply
DQ Power: Isolated power on the die to improve noise immunity.
A3, B7, C3, D7,
VSSQ
Supply
DQ Ground: Isolated power on the die to improve noise immunity.
A9, E7, J9
VDD
Supply
Power Supply: Voltage dependant on option.
A1, E3, J1
VSS
Supply
Ground.


Similar Part No. - MT48V8M16LFFF

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48V16M16LFFG MICRON-MT48V16M16LFFG Datasheet
1Mb / 58P
   MOBILE SDRAM
More results

Similar Description - MT48V8M16LFFF

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM484M1644VTC EOREX-EM484M1644VTC_15 Datasheet
199Kb / 17P
   Synchronous DRAM
EM484M1644VTD EOREX-EM484M1644VTD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM488M3244VBD EOREX-EM488M3244VBD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
logo
Alliance Semiconductor ...
AS4C4M16SA ALSC-AS4C4M16SA Datasheet
1Mb / 54P
   Synchronous DRAM
logo
Micron Technology
MT48LC16M4A2 MICRON-MT48LC16M4A2 Datasheet
1Mb / 55P
   SYNCHRONOUS DRAM
MT48LC1M16A1 MICRON-MT48LC1M16A1 Datasheet
1Mb / 51P
   SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com