Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT48LC2M8A2 Datasheet(PDF) 5 Page - Micron Technology

Part # MT48LC2M8A2
Description  SYNCHRONOUS DRAM
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT48LC2M8A2 Datasheet(HTML) 5 Page - Micron Technology

  MT48LC2M8A2 Datasheet HTML 1Page - Micron Technology MT48LC2M8A2 Datasheet HTML 2Page - Micron Technology MT48LC2M8A2 Datasheet HTML 3Page - Micron Technology MT48LC2M8A2 Datasheet HTML 4Page - Micron Technology MT48LC2M8A2 Datasheet HTML 5Page - Micron Technology MT48LC2M8A2 Datasheet HTML 6Page - Micron Technology MT48LC2M8A2 Datasheet HTML 7Page - Micron Technology MT48LC2M8A2 Datasheet HTML 8Page - Micron Technology MT48LC2M8A2 Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
5
16 Meg: x4, x8 SDRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
16MSDRAMx4x8_B.p65 – Rev. 5/98
©1998, Micron Technology, Inc.
16 MEG: x4, x8
SDRAM
FUNCTIONAL BLOCK DIAGRAM
2 Meg x 8 SDRAM
11
11
11
RAS#
REFRESH
CONTROLLER
2,048
REFRESH
COUNTER
CAS#
512
512 (x8)
9
ROW-
ADDRESS
MUX
CLK
CS#
WE#
CKE
512 (x8)
BANK 1
MEMORY
ARRAY
(2,048 x 512 x 8)
SENSE AMPLIFIERS
I/O GATING
DQM MASK LOGIC
CONTROL
LOGIC
COLUMN
DECODER
9
MODE REGISTER
ROW-
ADDRESS
LATCH
11
11
DQ0 -
DQ7
A0-A10, BA
8
8
DQM
512
2,048
BANK 0
MEMORY
ARRAY
(2,048 x 512 x 8)
ROW-
ADDRESS
LATCH
11
12
ADDRESS
REGISTER
12
SENSE AMPLIFIERS
I/O GATING
DQM MASK LOGIC
DATA
INPUT
REGISTER
DATA
OUTPUT
REGISTER
8
8


Similar Part No. - MT48LC2M8A2

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC2M32B2 MICRON-MT48LC2M32B2 Datasheet
1Mb / 53P
   SYNCHRONOUS DRAM
MT48LC2M32B2P-6A MICRON-MT48LC2M32B2P-6A Datasheet
3Mb / 80P
   SDR SDRAM MT48LC2M32B2 ??512K x 32 x 4 Banks
MT48LC2M32B2TG MICRON-MT48LC2M32B2TG Datasheet
1Mb / 53P
   SYNCHRONOUS DRAM
MT48LC2M32B2TG MICRON-MT48LC2M32B2TG Datasheet
3Mb / 80P
   SDR SDRAM MT48LC2M32B2 ??512K x 32 x 4 Banks
MT48LC2M32B2TG-7ITG MICRON-MT48LC2M32B2TG-7ITG Datasheet
3Mb / 80P
   SDR SDRAM MT48LC2M32B2 ??512K x 32 x 4 Banks
More results

Similar Description - MT48LC2M8A2

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM484M1644VTC EOREX-EM484M1644VTC_15 Datasheet
199Kb / 17P
   Synchronous DRAM
EM484M1644VTD EOREX-EM484M1644VTD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM488M3244VBD EOREX-EM488M3244VBD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
logo
Alliance Semiconductor ...
AS4C4M16SA ALSC-AS4C4M16SA Datasheet
1Mb / 54P
   Synchronous DRAM
logo
Micron Technology
MT48LC16M4A2 MICRON-MT48LC16M4A2 Datasheet
1Mb / 55P
   SYNCHRONOUS DRAM
MT48LC1M16A1 MICRON-MT48LC1M16A1 Datasheet
1Mb / 51P
   SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com