Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT46V32M16TG-8L Datasheet(PDF) 8 Page - Micron Technology

Part # MT46V32M16TG-8L
Description  DOUBLE DATA RATE DDR SDRAM
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT46V32M16TG-8L Datasheet(HTML) 8 Page - Micron Technology

Back Button MT46V32M16TG-8L Datasheet HTML 4Page - Micron Technology MT46V32M16TG-8L Datasheet HTML 5Page - Micron Technology MT46V32M16TG-8L Datasheet HTML 6Page - Micron Technology MT46V32M16TG-8L Datasheet HTML 7Page - Micron Technology MT46V32M16TG-8L Datasheet HTML 8Page - Micron Technology MT46V32M16TG-8L Datasheet HTML 9Page - Micron Technology MT46V32M16TG-8L Datasheet HTML 10Page - Micron Technology MT46V32M16TG-8L Datasheet HTML 11Page - Micron Technology MT46V32M16TG-8L Datasheet HTML 12Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
8
512Mb: x4, x8, x16 DDR SDRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
512Mx4x8x16DDR_B.p65 – Rev. B; Pub 4/01
©2001, Micron Technology, Inc.
512Mb: x4, x8, x16
DDR SDRAM
ADVANCE
PIN DESCRIPTIONS (continued)
TSOP PIN NUMBERS
SYMBOL
TYPE
DESCRIPTION
RESERVED NC PINS1
TSOP PIN NUMBERS
SYMBOL
TYPE
DESCRIPTION
17
A13
I
Address input for 1Gb devices.
NOTE: 1. NC pins not listed may also be reserved for other uses now or in the future. This table simply defines specific NC pins
deemed to be of importance.
2, 5, 8, 11, 56, 59, 62, 65
DQ0-7
I/O
Data Input/Output: Data bus for x8 (2, 8, 59 and 65 are NC for x4).
5, 11, 56, 62
DQ0-3
I/O
Data Input/Output: Data bus for x4.
51
DQS
I/O
Data Strobe: Output with read data, input with write data. DQS is
16, 51
LDQS, UDQS
edge-aligned with read data, centered in write data. It is used to
capture data. For the x16 , LDQS is DQS for DQ0-DQ7 and UDQS is
DQS for DQ8-DQ15. Pin 16 is NC on x4 and x8.
50
DNU
Do Not Use: Must float to minimize noise.
3, 9, 15, 55, 61
VDDQ
Supply
DQ Power Supply: +2.5V ±0.2V. Isolated on the die for improved
noise immunity.
6, 12, 52, 58, 64
VSSQ
Supply
DQ Ground. Isolated on the die for improved noise immunity.
1, 18, 33
VDD
Supply
Power Supply: +2.5V ±0.2V.
34, 48, 66
VSS
Supply
Ground.
49
VREF
Supply
SSTL_2 reference voltage.
14, 17, 19, 25, 43, 53
NC
No Connect: These pins should be left unconnected.


Similar Part No. - MT46V32M16TG-8L

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT46V32M16 MICRON-MT46V32M16 Datasheet
3Mb / 91P
   512Mb: x4, x8, x16 DDR SDRAM Features
MT46V32M16 MICRON-MT46V32M16 Datasheet
1Mb / 93P
   512Mb: x4, x8, x16 Double Data Rate SDRAM Features
MT46V32M16 MICRON-MT46V32M16 Datasheet
1Mb / 93P
   512Mb: x4, x8, x16 Double Data Rate (DDR) SDRAM SDRAM Features
logo
Alliance Semiconductor ...
MT46V32M16CV-5B ALSC-MT46V32M16CV-5B Datasheet
1Mb / 93P
   Double Data Rate (DDR) SDRAM
logo
Micron Technology
MT46V32M16P-5BITF MICRON-MT46V32M16P-5BITF Datasheet
3Mb / 91P
   512Mb: x4, x8, x16 DDR SDRAM Features
More results

Similar Description - MT46V32M16TG-8L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAA32M4 ETC1-SAA32M4 Datasheet
256Kb / 13P
   DOUBLE DATA RATE (DDR) SDRAM
logo
Micron Technology
MT46V32M8P-5BK MICRON-MT46V32M8P-5BK Datasheet
4Mb / 91P
   Double Data Rate (DDR) SDRAM
MT46V64M4 MICRON-MT46V64M4 Datasheet
152Kb / 8P
   DOUBLE DATA RATE DDR SDRAM
MT46V4M32 MICRON-MT46V4M32 Datasheet
1Mb / 66P
   DOUBLE DATA RATE DDR SDRAM
logo
Alliance Semiconductor ...
MT46V32M16CV-5B ALSC-MT46V32M16CV-5B Datasheet
1Mb / 93P
   Double Data Rate (DDR) SDRAM
logo
Micron Technology
MT46V64M4 MICRON-MT46V64M4_1 Datasheet
3Mb / 93P
   Double Data Rate (DDR) SDRAM
MT46V32M4-1 MICRON-MT46V32M4-1 Datasheet
2Mb / 68P
   DOUBLE DATA RATE DDR SDRAM
MT46V2M32V1 MICRON-MT46V2M32V1 Datasheet
2Mb / 65P
   DOUBLE DATA RATE DDR SDRAM
MT46V256M4 MICRON-MT46V256M4 Datasheet
2Mb / 74P
   DOUBLE DATA RATE (DDR) SDRAM
MT46V16M8 MICRON-MT46V16M8 Datasheet
166Kb / 9P
   DOUBLE DATA RATE DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com