Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT28F322D20FH-804BET Datasheet(PDF) 9 Page - Micron Technology

Part # MT28F322D20FH-804BET
Description  FLASH MEMORY
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT28F322D20FH-804BET Datasheet(HTML) 9 Page - Micron Technology

Back Button MT28F322D20FH-804BET Datasheet HTML 5Page - Micron Technology MT28F322D20FH-804BET Datasheet HTML 6Page - Micron Technology MT28F322D20FH-804BET Datasheet HTML 7Page - Micron Technology MT28F322D20FH-804BET Datasheet HTML 8Page - Micron Technology MT28F322D20FH-804BET Datasheet HTML 9Page - Micron Technology MT28F322D20FH-804BET Datasheet HTML 10Page - Micron Technology MT28F322D20FH-804BET Datasheet HTML 11Page - Micron Technology MT28F322D20FH-804BET Datasheet HTML 12Page - Micron Technology MT28F322D20FH-804BET Datasheet HTML 13Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
9
2 Meg x 16 Async/Page/Burst Flash Memory
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT28F322D20FH_4.p65 – Rev. 4, Pub. 7/02
©2002, Micron Technology, Inc.
2 MEG x 16
ASYNC/PAGE/BURST FLASH MEMORY
COMMAND STATE MACHINE (CSM)
Commands are issued to the command state ma-
chine (CSM) using standard microprocessor write tim-
ings. The CSM acts as an interface between external
microprocessors and the internal write state machine
(WSM). The available commands are listed in Table 3,
their definitions are given in Table 4, and their descrip-
tions in Table 5. Program and erase algorithms are
automated by an on-chip WSM. (For more specific
information about the CSM transition states, see Micron
technical note TN-28-33, “Command State Machine De-
scription and Command Definition.”
Once a valid PROGRAM/ERASE command is entered,
the WSM executes the appropriate algorithm, which gen-
erates the necessary timing signals to control the device
internally to accomplish the requested operation. A com-
mand is valid only if the exact sequence of WRITEs is
completed. After the WSM completes its task, the WSM
status bit (SR7) (see Table 7) is set to a logic HIGH level (1),
allowing the CSM to respond to the full command set
again.
OPERATIONS
Device operations are selected by entering a standard
JEDEC 8-bit command code with conventional micro-
processor timings into an on-chip CSM through I/Os
DQ0–DQ7. The number of bus cycles required to activate
a command is typically one or two. The first operation is
always a WRITE. Control signals CE#, ADV#, and WE#
must be at a logic LOW level (VIL), and OE# and RST#
must be at logic HIGH (VIH). The second operation, when
needed, can be a WRITE or a READ depending upon the
command. During a READ operation, control signals
CE#, ADV#, and OE# must be at a logic LOW level (VIL),
and WE# and RST# must be at logic HIGH (VIH).
Table 6 illustrates the bus operations for all the modes:
write, read, reset, standby, and output disable.
When the device is powered up, internal reset cir-
cuitry initializes the chip to a read array mode of opera-
tion. Changing the mode of operation requires that a
command code be entered into the CSM. For each one of
the two memory partitions, an on-chip status register is
available. These two registers allow the progress of the
various operations that can take place on a memory bank
to be monitored. One of the two status registers is inter-
rogated by entering a READ STATUS REGISTER com-
mand onto the CSM (cycle 1), specifying an address within
the memory partition boundary, and reading the register
data on I/Os DQ0–DQ7 (cycle 2). Status register bits SR0-
SR7 correspond to DQ0–DQ7 (see Table 7).
COMMAND DEFINITION
Once a specific command code has been entered, the
WSM executes an internal algorithm, generating the nec-
essary timing signals to program, erase, and verify data.
See Table 4 for the CSM command definitions and data
for each of the bus cycles.
STATUS REGISTER
The status register allows the user to determine
whether the state of a PROGRAM/ERASE operation is
pending or complete. The status register is monitored by
toggling OE# and CE# and reading the resulting status
code on I/Os DQ0–DQ7. The high-order I/Os (DQ8–DQ15)
Table 3
Command State Machine Codes For Device Mode Selection
COMMAND DQ0–DQ7
CODE ON DEVICE MODE
40h/10h
Program setup/alternate program setup
20h
Block erase setup
50h
Clear status register
60h
Protection configuration setup
60h
Set read configuration register
70h
Read status register
90h
Read protection configuration register
98h
Read query
B0h
Program/erase suspend
C0h
Protection register program/lock
D0h
Program/erase resume – erase confirm
FFh
Read array


Similar Part No. - MT28F322D20FH-804BET

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28F322P3 MICRON-MT28F322P3 Datasheet
395Kb / 36P
   FLASH MEMORY
More results

Similar Description - MT28F322D20FH-804BET

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
   FLASH MEMORY
logo
Micron Technology
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
   FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
   FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
   FLASH MEMORY
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
   FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
   FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
   FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
   FLASH MEMORY
KM29V32000T SAMSUNG-KM29V32000T Datasheet
1Mb / 26P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com