Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT46V16M8TG-75ZL Datasheet(PDF) 1 Page - Micron Technology

Part # MT46V16M8TG-75ZL
Description  DOUBLE DATA RATE DDR SDRAM
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT46V16M8TG-75ZL Datasheet(HTML) 1 Page - Micron Technology

  MT46V16M8TG-75ZL Datasheet HTML 1Page - Micron Technology MT46V16M8TG-75ZL Datasheet HTML 2Page - Micron Technology MT46V16M8TG-75ZL Datasheet HTML 3Page - Micron Technology MT46V16M8TG-75ZL Datasheet HTML 4Page - Micron Technology MT46V16M8TG-75ZL Datasheet HTML 5Page - Micron Technology MT46V16M8TG-75ZL Datasheet HTML 6Page - Micron Technology MT46V16M8TG-75ZL Datasheet HTML 7Page - Micron Technology MT46V16M8TG-75ZL Datasheet HTML 8Page - Micron Technology MT46V16M8TG-75ZL Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
1
128Mb: x4, x8, x16 DDR SDRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
128Mx4x8x16DDR_C.p65 – Rev. C; Pub. 4/01
©2001, Micron Technology, Inc.
128Mb: x4, x8, x16
DDR SDRAM
‡ PRODUCTS AND SPECIFICATIONS DISCUSSED HEREIN ARE FOR EVALUATION AND REFERENCE PURPOSES ONLY AND ARE
SUBJECT TO CHANGE BY MICRON WITHOUT NOTICE. PRODUCTS ARE ONLY WARRANTED BY MICRON TO MEET MICRON’S
PRODUCTION DATA SHEET SPECIFICATIONS.
PRELIMINARY
KEY TIMING PARAMETERS
SPEED
CLOCK RATE
DATA-OUT
ACCESS
DQS-DQ
GRADE
CL = 2**
CL = 2.5**
WINDOW* WINDOW
SKEW
-75Z
133 MHz
133 MHz
2.5ns
±0.75ns
+0.5ns
-75
100 MHz
133 MHz
2.5ns
±0.75ns
+0.5ns
-8
100 MHz
125 MHz
3.4ns
±0.8ns
+0.6ns
*Minimum clock rate @ CL = 2 (-75Z and -8) and CL = 2.5 (-75)
**CL = CAS (Read) Latency
DOUBLE DATA RATE
(DDR) SDRAM
MT46V32M4 – 8 Meg x 4 x 4 banks
MT46V16M8 – 4 Meg x 8 x 4 banks
MT46V8M16 – 2 Meg x 16 x 4 banks
For the latest data sheet revisions, please refer to the Micron
Web site: www.micron.com/datasheets
PIN ASSIGNMENT (TOP VIEW)
66-Pin TSOP
FEATURES
•VDD = +2.5V ±0.2V, VDDQ = +2.5V ±0.2V
• Bidirectional data strobe (DQS) transmitted/
received with data, i.e., source-synchronous data
capture (x16 has two – one per byte)
• Internal, pipelined double-data-rate (DDR)
architecture; two data accesses per clock cycle
• Differential clock inputs (CK and CK#)
• Commands entered on each positive CK edge
• DQS edge-aligned with data for READs; center-
aligned with data for WRITEs
• DLL to align DQ and DQS transitions with CK
• Four internal banks for concurrent operation
• Data mask (DM) for masking write data (x16 has
two – one per byte)
• x16 has programmable IOL/IOH option
• Programmable burst lengths: 2, 4, or 8
• Auto precharge option
• Auto Refresh and Self Refresh Modes
• Longer lead TSOP for improved reliability (OCPL)
• 2.5V I/O (SSTL_2 compatible)
OPTIONS
MARKING
• Configuration
32 Meg x 4 (8 Meg x 4 x 4 banks)
32M4
16 Meg x 8 (4 Meg x 8 x 4 banks)
16M8
8 Meg x 16 (2 Meg x 16 x 4 banks)
8M16
• Plastic Package – OCPL
66-pin TSOP
T G
(400 mil width, 0.65mm pin pitch)
• Timing – Cycle Time
7.5ns @ CL = 2 (DDR266B)1
-75Z
7.5ns @ CL = 2.5 (DDR266B)2
-75
10ns @ CL = 2 (DDR200)3
-8
• Self Refresh
Standard
none
Low Power
L
NOTE: 1. Supports PC2100 modules with 2-3-3 timing
2. Supports PC2100 modules with 2.5-3-3 timing
3. Supports PC1600 modules with 2-2-2 timing
32 Meg x 4
16 Meg x 8
8 Meg x 16
Configuration
8 Meg x 4 x 4 banks
4 Meg x 8 x 4 banks 2 Meg x 16 x 4 banks
RefreshCount
4K
4K
4K
RowAddressing
4K(A0–A11)
4K(A0–A11)
4K(A0–A11)
BankAddressing
4(BA0,BA1)
4(BA0,BA1)
4(BA0,BA1)
ColumnAddressing
2K(A0–A9,A11)
1K(A0–A9)
512(A0–A8)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
VSS
DQ15
VSSQ
DQ14
DQ13
VDDQ
DQ12
DQ11
VSSQ
DQ10
DQ9
VDDQ
DQ8
NC
VSSQ
UDQS
DNU
VREF
VSS
UDM
CK#
CK
CKE
NC
NC
A11
A9
A8
A7
A6
A5
A4
VSS
x16
VDD
DQ0
VDDQ
DQ1
DQ2
VssQ
DQ3
DQ4
VDDQ
DQ5
DQ6
VssQ
DQ7
NC
VDD
Q
LDQS
NC
VDD
DNU
LDM
WE#
CAS#
RAS#
CS#
NC
BA0
BA1
A10/AP
A0
A1
A2
A3
VDD
x16
VSS
DQ7
VSSQ
NC
DQ6
VDDQ
NC
DQ5
VSSQ
NC
DQ4
VDDQ
NC
NC
VSSQ
DQS
DNU
VREF
VSS
DM
CK#
CK
CKE
NC
NC
A11
A9
A8
A7
A6
A5
A4
VSS
x8
x4
VSS
NC
VSSQ
NC
DQ3
VDDQ
NC
NC
VSSQ
NC
DQ2
VDDQ
NC
NC
VSSQ
DQS
DNU
VREF
VSS
DM
CK#
CK
CKE
NC
NC
A11
A9
A8
A7
A6
A5
A4
VSS
VDD
DQ0
VDDQ
NC
DQ1
VSSQ
NC
DQ2
VDDQ
NC
DQ3
VSSQ
NC
NC
VDDQ
NC
NC
VDD
DNU
NC
WE#
CAS#
RAS#
CS#
NC
BA0
BA1
A10/AP
A0
A1
A2
A3
VDD
x8
x4
VDD
NC
VDDQ
NC
DQ0
VSSQ
NC
NC
VDDQ
NC
DQ1
VSSQ
NC
NC
VDDQ
NC
NC
VDD
NC
NC
WE#
CAS#
RAS#
CS#
NC
BA0
BA1
A10/AP
A0
A1
A2
A3
VDD


Similar Part No. - MT46V16M8TG-75ZL

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT46V16M8 MICRON-MT46V16M8 Datasheet
166Kb / 9P
   DOUBLE DATA RATE DDR SDRAM
MT46V16M8 MICRON-MT46V16M8 Datasheet
154Kb / 8P
   DOUBLE DATA RATE DDR SDRAM
More results

Similar Description - MT46V16M8TG-75ZL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAA32M4 ETC1-SAA32M4 Datasheet
256Kb / 13P
   DOUBLE DATA RATE (DDR) SDRAM
logo
Micron Technology
MT46V32M8P-5BK MICRON-MT46V32M8P-5BK Datasheet
4Mb / 91P
   Double Data Rate (DDR) SDRAM
MT46V64M4 MICRON-MT46V64M4 Datasheet
152Kb / 8P
   DOUBLE DATA RATE DDR SDRAM
MT46V4M32 MICRON-MT46V4M32 Datasheet
1Mb / 66P
   DOUBLE DATA RATE DDR SDRAM
logo
Alliance Semiconductor ...
MT46V32M16CV-5B ALSC-MT46V32M16CV-5B Datasheet
1Mb / 93P
   Double Data Rate (DDR) SDRAM
logo
Micron Technology
MT46V64M4 MICRON-MT46V64M4_1 Datasheet
3Mb / 93P
   Double Data Rate (DDR) SDRAM
MT46V128M4 MICRON-MT46V128M4 Datasheet
2Mb / 68P
   DOUBLE DATA RATE DDR SDRAM
MT46V2M32V1 MICRON-MT46V2M32V1 Datasheet
2Mb / 65P
   DOUBLE DATA RATE DDR SDRAM
MT46V256M4 MICRON-MT46V256M4 Datasheet
2Mb / 74P
   DOUBLE DATA RATE (DDR) SDRAM
MT46V16M8 MICRON-MT46V16M8 Datasheet
166Kb / 9P
   DOUBLE DATA RATE DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com