Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN4828 Datasheet(PDF) 10 Page - ON Semiconductor

Part # EN4828
Description  Asynchronous Silicon Gate 1/2 Duty LCD Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EN4828 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button EN4828 Datasheet HTML 6Page - ON Semiconductor EN4828 Datasheet HTML 7Page - ON Semiconductor EN4828 Datasheet HTML 8Page - ON Semiconductor EN4828 Datasheet HTML 9Page - ON Semiconductor EN4828 Datasheet HTML 10Page - ON Semiconductor EN4828 Datasheet HTML 11Page - ON Semiconductor EN4828 Datasheet HTML 12Page - ON Semiconductor EN4828 Datasheet HTML 13Page - ON Semiconductor EN4828 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
3. Key Scan during Sleep Mode
• The pins KS1 to KS6 are set high or low according to the S0 and S1 control data bits.
(See the description of the control data function for details.)
• If a key for a line corresponding to one of the pins KS1 to KS6 which is high is pressed, the oscillator at the OSC
pin starts and a key scan is performed. The key scan continues until all keys have been released. Multiple key
presses can be recognized by determining if multiple key data bits have been set.
• When a key has been pressed for 800T [s] (where T = 1/f
OSC) or longer, a key data read request (DO is set to low)
is output to the controller. The controller acknowledges this request and reads the key data. However, DO will go
high when CE is high during a serial data transfer.
• After the controller has finished reading the key data, the LSI clears the key data read request (by setting DO high)
and performs another key scan. Note that since DO is an open drain output, a pull-up resistor of between 1 and 10 k
is required.
• Key scan example in sleep mode
Example: Here S0 = 0 and S1 = 1 (This is a sleep in which only KS6 is high.)
Multiple Key Presses
Without the insertion of additional diodes, the LC75852 supports key scan for double key presses in general, triple key
presses of keys on the lines for input pins KI1 to KI5, and multiple key presses of keys on the lines for the output pins
KS1 to KS6. However, if multiple key presses in excess of these limits occur, the LC75852 may recognize keys that
were not pressed as having been pressed. Therefore, series diodes must be connected to each key.
No. 4828-10/16
LC75852E, 75852W


Similar Part No. - EN4828

ManufacturerPart #DatasheetDescription
logo
SAB North America
EN4-1 SAB-EN4-1 Datasheet
223Kb / 1P
   EMC Grounding Cable Glands
EN4-1 SAB-EN4-1 Datasheet
223Kb / 1P
   EMC Grounding Cable Glands
EN4-1/2 SAB-EN4-1/2 Datasheet
223Kb / 1P
   EMC Grounding Cable Glands
EN4-1/2C SAB-EN4-1/2C Datasheet
223Kb / 1P
   EMC Grounding Cable Glands
EN4-1/2C-2 SAB-EN4-1/2C-2 Datasheet
223Kb / 1P
   EMC Grounding Cable Glands
More results

Similar Description - EN4828

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75852E SANYO-LC75852E Datasheet
340Kb / 16P
   Asynchronous Silicon Gate 1/2 Duty LCD Driver with On-Chip Key Input Function
logo
New Japan Radio
NJU6543 NJRC-NJU6543 Datasheet
214Kb / 29P
   1/2 1/3 1/4 Duty LCD Driver
logo
List of Unclassifed Man...
ML9478C ETC2-ML9478C Datasheet
405Kb / 31P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
ML9480 ETC2-ML9480 Datasheet
444Kb / 37P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 40 Outputs LCD Driver
ML9488 ETC2-ML9488 Datasheet
403Kb / 31P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
logo
LAPIS Semiconductor Co....
ML9478C LAPIS-ML9478C Datasheet
323Kb / 31P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
logo
List of Unclassifed Man...
ML9479E ETC2-ML9479E Datasheet
403Kb / 32P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 160 Outputs LCD Driver
logo
LAPIS Semiconductor Co....
ML9484 LAPIS-ML9484 Datasheet
304Kb / 29P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 50 Outputs LCD Driver
ML9488 LAPIS-ML9488 Datasheet
320Kb / 31P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
logo
List of Unclassifed Man...
ML9489 ETC2-ML9489 Datasheet
401Kb / 32P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 160 Outputs LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com