Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5210-1GT3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS5210-1GT3
Description  10 A LDO 3?뭁in Adjustable Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5210-1GT3 Datasheet(HTML) 2 Page - ON Semiconductor

  CS5210-1GT3 Datasheet HTML 1Page - ON Semiconductor CS5210-1GT3 Datasheet HTML 2Page - ON Semiconductor CS5210-1GT3 Datasheet HTML 3Page - ON Semiconductor CS5210-1GT3 Datasheet HTML 4Page - ON Semiconductor CS5210-1GT3 Datasheet HTML 5Page - ON Semiconductor CS5210-1GT3 Datasheet HTML 6Page - ON Semiconductor CS5210-1GT3 Datasheet HTML 7Page - ON Semiconductor CS5210-1GT3 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CS5210−1
http://onsemi.com
2
MAXIMUM RATINGS*
Parameter
Value
Unit
Input Voltage
6.0
V
Operating Ambient Temperature Range
0 ≤ TA ≤ 70
°C
Operating Junction Temperature Range
0 ≤ TJ ≤ 150
°C
Storage Temperature Range
−65 to +150
°C
Lead Temperature Soldering:
Wave Solder (through hole styles only) Note 1
260 Peak
°C
ESD Damage Threshold
2.0
kV
1. 10 second maximum.
*The maximum package power dissipation must be observed.
ELECTRICAL CHARACTERISTICS ( 0°C ≤ TA ≤ 70°C, 0°C ≤ TJ ≤ 150°C, VAdj = 0 V, unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Adjustable Output Voltage
Reference Voltage
VIN = 2.75 V to 5.5 V,
IOUT = 10 mA to 10 A
1.227
(−2.0%)
1.253
1.278
(+2.0%)
V
Line Regulation
VIN = 2.75 V to 5.5 V, IOUT = 10 mA
0.02
0.20
%
Load Regulation
VIN = 2.75 V, IOUT = 10 mA to 10 A
0.04
0.50
%
Minimum Load Current (Note 2)
VIN = 5.0 V, ΔVOUT = +2.0%
5.0
10
mA
Adjust Pin Current
VIN = 2.75 V, IOUT = 10 mA
70
120
μA
Current Limit
VIN = 2.75 V, ΔVOUT = −2.0%
10.1
12
A
Short Circuit Current
VIN = 2.75 V, VOUT = 0 V
8.0
10
A
Ripple Rejection (Note 3)
VIN = 3.25 V Avg, VRIPPLE = 1.0 VP−P @ 120 Hz,
IOUT = 4.0 A, CAdj = 0.1 μF; COUT = 22 μF
60
80
dB
Thermal Regulation (Note 3)
30 ms Pulse, TA = 25°C
0.002
%/W
Dropout Voltage (Minimum VIN−VOUT)
(Note 4)
IOUT = 100 mA
IOUT = 1.0 A
IOUT = 2.75 A
IOUT = 4.0 A
IOUT = 10 A
0.92
0.93
0.94
0.95
1.03
1.15
1.15
1.15
1.15
1.40
V
V
V
V
V
RMS Output Noise
Freq = 10 Hz to 10 kHz, TA = 25°C
0.003
%VOUT
Temperature Stability
0.5
%
Thermal Shutdown (Note 5)
150
180
210
°C
Thermal Shutdown Hysteresis (Note 5)
25
°C
2. The minimum load current is the minimum current required to maintain regulation. Normally the current in the resistor divider used to set the
output voltage is selected to meet the minimum load current requirement.
3. This parameter is guaranteed by design and is not 100% production tested.
4. Dropout voltage is defined as the minimum input/output voltage differential required to maintain 2.0% regulation.
5. This parameter is guaranteed by design, but not parametrically tested in production. However, a 100% thermal shutdown functional test is
performed on each part.


Similar Part No. - CS5210-1GT3

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5210-1GT3 CHERRY-CS5210-1GT3 Datasheet
142Kb / 8P
   10A LDO 3-Pin Adjustable Linear Regulator
More results

Similar Description - CS5210-1GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS52510-1 ONSEMI-CS52510-1 Datasheet
262Kb / 10P
   10 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
CS5207A-1 ONSEMI-CS5207A-1 Datasheet
221Kb / 8P
   7.0 A LDO 3?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS5208-1 ONSEMI-CS5208-1 Datasheet
221Kb / 8P
   8.0 A LDO 3?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
CS5253-1 ONSEMI-CS5253-1 Datasheet
268Kb / 10P
   3.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006??Rev. 11
CS5257A-1 ONSEMI-CS5257A-1 Datasheet
274Kb / 11P
   7.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 10
CS5258-1 ONSEMI-CS5258-1 Datasheet
255Kb / 10P
   8.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
logo
Cherry Semiconductor Co...
CS5208-1 CHERRY-CS5208-1 Datasheet
136Kb / 7P
   8A LDO 3-Pin Adjustable Linear Regulator
CS5210-1 CHERRY-CS5210-1 Datasheet
142Kb / 8P
   10A LDO 3-Pin Adjustable Linear Regulator
CS5207A-1 CHERRY-CS5207A-1 Datasheet
136Kb / 7P
   7A LDO 3-Pin Adjustable Linear Regulator
logo
Texas Instruments
LP38853 TI1-LP38853_15 Datasheet
1Mb / 30P
[Old version datasheet]   3-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com