Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5111YDWF24 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CS5111YDWF24
Description  Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5111YDWF24 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CS5111YDWF24 Datasheet HTML 2Page - ON Semiconductor CS5111YDWF24 Datasheet HTML 3Page - ON Semiconductor CS5111YDWF24 Datasheet HTML 4Page - ON Semiconductor CS5111YDWF24 Datasheet HTML 5Page - ON Semiconductor CS5111YDWF24 Datasheet HTML 6Page - ON Semiconductor CS5111YDWF24 Datasheet HTML 7Page - ON Semiconductor CS5111YDWF24 Datasheet HTML 8Page - ON Semiconductor CS5111YDWF24 Datasheet HTML 9Page - ON Semiconductor CS5111YDWF24 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
CS5111
http://onsemi.com
6
CIRCUIT DESCRIPTION
VREG
Overvoltage
+
Bandgap
Reference
1.25 V
IBIAS
RBIAS
64.9 k
CDelay
WDI
RESET &
Watchdog Timer
Over
Temperature
Current
Limit
Linear
Error
Amplifier
R1
Q2
Q1
Q3
R2
R3
R4
R5
VLIN
COUT = 100 µF
ESR < 8.0
RESET
Figure 6. Block Diagram of 5.0 V Linear Regulator Portion of the CS5111
5.0 V LINEAR REGULATOR
The 5.0 V linear regulator consists of an error amplifier,
bandgap voltage reference, and a composite pass transistor.
The 5.0 V linear regulator circuitry is shown in Figure 6.
When an unregulated voltage greater than 6.6 V is applied
to the VREG input, a 5.0 V regulated DC voltage will be
present at VLIN. For proper operation of the 5.0 V linear
regulator, the IBIAS lead must have a 64.9 kΩ pull down
resistor to ground. A 100
µF or larger capacitor with an ESR
< 8.0
Ω must be connected between VLIN and ground. To
operate the 5.0 V linear regulator as an independent
regulator (i.e. separate from the switching supply), the input
voltage must be tied to the VREG lead.
As the voltage at the VREG input is increased, Q1 is turned
on. Q1 provides base drive for Q2 which in turn provides
base current for Q3. As Q3 is turned on, the output voltage,
VLIN, begins to rise as Q3’s output current charges the output
capacitor, COUT. Once VLIN rises to a certain level, the error
amplifier becomes biased and provides the appropriate
amount of base current to Q1. The error amplifier monitors
the scaled output voltage via an internal voltage divider, R2
through R5, and compares it to the bandgap voltage
reference. The error amplifier output or error signal is an
output current equal to the error amplifier’s input
differential voltage times the transconductance of the
amplifier. Therefore, the error amplifier varies the base
current to Q1, which provides bias to Q2 and Q3, based on the
difference between the reference voltage and the scaled
VLIN output voltage.
CONTROL FUNCTIONS
The watchdog timer circuitry monitors an input signal
(WDI) from the microprocessor. It responds to the falling
edge of this watchdog signal which it expects to see within
an externally programmable time (see Figure 7).
The watchdog time is given by:
tWDI + 1.353
CDelayRBIAS
Using CDelay = 0.1 µF and RBIAS = 64.9 kΩ gives a time
ranging from 6.25 ms to 11 ms assuming ideal components.
Based on this, the software must be written so that the
watchdog arrives at least every 6.25 ms. In practice, the
tolerance of CDelay and RBIAS must be taken into account
when calculating the minimum watchdog time (tWDI).
RESET
VREG
WDI
VLIN
Normal Operation
tPOR
Figure 7. Timing Diagram for Normal
Regulator Operation
If a correct watchdog signal is not received within the
specified time a reset pulse train is issued until the correct
watchdog signal is received. The nominal reset signal in this
case is a 5 volt square wave with a 50% duty cycle as shown
in Figure 8.


Similar Part No. - CS5111YDWF24

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5111YDWF24 CHERRY-CS5111YDWF24 Datasheet
188Kb / 10P
   1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
More results

Similar Description - CS5111YDWF24

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Texas Instruments
PT7778-3.3V TI1-PT7778-3.3V Datasheet
183Kb / 4P
[Old version datasheet]   Switching Regulator
logo
National Semiconductor ...
LM1578A NSC-LM1578A Datasheet
1Mb / 18P
   Switching Regulator
logo
Sanyo Semicon Device
LA5757TP SANYO-LA5757TP Datasheet
78Kb / 6P
   Switching Regulator
logo
National Semiconductor ...
LM3578A NSC-LM3578A Datasheet
1Mb / 20P
   Switching Regulator
logo
Sanyo Semicon Device
LA5756 SANYO-LA5756 Datasheet
125Kb / 4P
   Switching Regulator
logo
National Semiconductor ...
LM2579 NSC-LM2579 Datasheet
540Kb / 13P
   SWITCHING REGULATOR
logo
Texas Instruments
LM2578A TI1-LM2578A Datasheet
1Mb / 30P
[Old version datasheet]   Switching Regulator
logo
ON Semiconductor
LA5774MC ONSEMI-LA5774MC Datasheet
313Kb / 6P
   Switching Regulator
May,2013
logo
XP Power Limited
STR XPPOWER-STR Datasheet
360Kb / 4P
   Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com