Electronic Components Datasheet Search |
|
MT46V16M8TG-75Z Datasheet(PDF) 7 Page - Micron Technology |
|
MT46V16M8TG-75Z Datasheet(HTML) 7 Page - Micron Technology |
7 / 68 page 7 128Mb: x4, x8, x16 DDR SDRAM Micron Technology, Inc., reserves the right to change products or specifications without notice. 128Mx4x8x16DDR_C.p65 – Rev. C; Pub. 4/01 ©2001, Micron Technology, Inc. 128Mb: x4, x8, x16 DDR SDRAM PRELIMINARY PIN DESCRIPTIONS TSOP PIN NUMBERS SYMBOL TYPE DESCRIPTION 45, 46 CK, CK# Input Clock: CK and CK# are differential clock inputs. All address and control input signals are sampled on the crossing of the positive edge of CK and negative edge of CK#. Output data (DQs and DQS) is referenced to the crossings of CK and CK#. 44 CKE Input Clock Enable: CKE HIGH activates and CKE LOW deactivates the internal clock, input buffers and output drivers. Taking CKE LOW provides PRECHARGE POWER-DOWN and SELF REFRESH operations (all banks idle), or ACTIVE POWER-DOWN (row ACTIVE in any bank). CKE is synchronous for POWER-DOWN entry and exit, and for SELF REFRESH entry. CKE is asynchronous for SELF REFRESH exit and for disabling the outputs. CKE must be maintained HIGH throughout read and write accesses. Input buffers (excluding CK, CK# and CKE) are disabled during POWER- DOWN. Input buffers (excluding CKE) are disabled during SELF REFRESH. CKE is an SSTL_2 input but will detect an LVCMOS LOW level after VDD is applied. 24 CS# Input Chip Select: CS# enables (registered LOW) and disables (regis- tered HIGH) the command decoder. All commands are masked when CS# is registered HIGH. CS# provides for external bank selection on systems with multiple banks. CS# is considered part of the command code. 23, 22, 21 RAS#,CAS#, Input Command Inputs: RAS#, CAS#, and WE# (along with CS#) define the WE# command being entered. 47 DM Input Input Data Mask: DM is an input mask signal for write data. Input 20, 47 LDM, UDM data is masked when DM is sampled HIGH along with that input data during a WRITE access. DM is sampled on both edges of DQS. Although DM pins are input-only, the DM loading is designed to match that of DQ and DQS pins. For the x16 , LDM is DM for DQ0- DQ7 and UDM is DM for DQ8-DQ15. Pin 20 is a NC on x4 and x8 26, 27 BA0, BA1 Input Bank Address Inputs: BA0 and BA1 define to which bank an ACTIVE, READ, WRITE, or PRECHARGE command is being applied. 29-32, 35-40, A0–A11 Input Address Inputs: Provide the row address for ACTIVE commands, and 28, 41 the column address and auto precharge bit (A10) for READ/WRITE commands, to select one location out of the memory array in the respective bank. A10 sampled during a PRECHARGE command determines whether the PRECHARGE applies to one bank (A10 LOW, bank selected by BA0, BA1) or all banks (A10 HIGH). The address inputs also provide the op-code during a MODE REGISTER SET command. BA0 and BA1 define which mode register (mode register or extended mode register) is loaded during the LOAD MODE REGISTER command. 2, 4, 5, 7, 8, 10,11, 13, 54 DQ0–15 I/O Data Input/Output: Data bus for x16 (4, 7, 10, 13, 54, 57, 60, and 63 56, 57, 59, 60, 62, 63,65 are NC for x8), (2, 4, 7, 8,10, 13, 54, 57, 59, 60, 63, and 65 are NC for x4). 2, 5, 8, 11, 56, 59, 62, 65 DQ0–7 I/O Data Input/Output: Data bus for x8 (2, 8, 59, and 65 are NC for x4). 5, 11, 56, 62 DQ0–3 I/O Data Input/Output: Data bus for x4. (continued on next page) |
Similar Part No. - MT46V16M8TG-75Z |
|
Similar Description - MT46V16M8TG-75Z |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |