Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AR0331SRSC00XUEE0-DRBR1 Datasheet(PDF) 7 Page - ON Semiconductor

Part # AR0331SRSC00XUEE0-DRBR1
Description  Full HD Digital Image Sensor
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0331SRSC00XUEE0-DRBR1 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button AR0331SRSC00XUEE0-DRBR1 Datasheet HTML 3Page - ON Semiconductor AR0331SRSC00XUEE0-DRBR1 Datasheet HTML 4Page - ON Semiconductor AR0331SRSC00XUEE0-DRBR1 Datasheet HTML 5Page - ON Semiconductor AR0331SRSC00XUEE0-DRBR1 Datasheet HTML 6Page - ON Semiconductor AR0331SRSC00XUEE0-DRBR1 Datasheet HTML 7Page - ON Semiconductor AR0331SRSC00XUEE0-DRBR1 Datasheet HTML 8Page - ON Semiconductor AR0331SRSC00XUEE0-DRBR1 Datasheet HTML 9Page - ON Semiconductor AR0331SRSC00XUEE0-DRBR1 Datasheet HTML 10Page - ON Semiconductor AR0331SRSC00XUEE0-DRBR1 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
AR0331_DS Rev. L Pub. 5/15 EN
6
©Semiconductor Components Industries, LLC, 2015.
AR0331: 1/3-Inch 3.1 Mp/Full HD Digital Image Sensor
General Description
General Description
The ON Semiconductor AR0331 can be operated in its default mode or programmed for
frame size, exposure, gain, and other parameters. The default mode output is a 1080p-
resolution image at 60 frames per second (fps). In linear mode, it outputs 12-bit or 10-bit
A-Law compressed raw data, using either the parallel or serial (HiSPi) output ports. In
high dynamic range mode, it outputs 12-bit compressed data using parallel output. In
HiSPi mode, 12- or 14-bit compressed, or 16-bit linearized data may be output. The
device may be operated in video (master) mode or in single frame trigger mode.
FRAME_VALID and LINE_VALID signals are output on dedicated pins, along with a
synchronized pixel clock in parallel mode.
The AR0331 includes additional features to allow application-specific tuning:
windowing and offset, auto black level correction, and on-board temperature sensor.
Optional register information and histogram statistic information can be embedded in
the first and last 2 lines of the image frame.
The sensor is designed to operate in a wide temperature range (–30°C to +85°C).
Functional Overview
The AR0331 is a progressive-scan sensor that generates a stream of pixel data at a
constant frame rate. It uses an on-chip, phase-locked loop (PLL) that can be optionally
enabled to generate all internal clocks from a single master input clock running between
6 and 48 MHz. The maximum output pixel rate is 148.5 Mp/s, corresponding to a clock
rate of 74.25 MHz. Figure 1 shows a block diagram of the sensor.
Figure 1:
Block Diagram
Row noise correction
Black level correction
Adaptive CD filter
Motion correction and
Blue Halo filter
HDR linearization
(ME or DLO)
Pixel defect correction
Smooting filter
Digital gain and
pedestal
Companding
16, 14, or 12 bits
Parallel
HiSPi
12 bits ( HDR and
Linear), 12 or 10 bits Linear
Test pattern generator
ADC data


Similar Part No. - AR0331SRSC00XUEE0-DRBR1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0331SRSC00XUEAD-GEVK ONSEMI-AR0331SRSC00XUEAD-GEVK Datasheet
496Kb / 52P
   AR0331 1/3?륤nch 3.1 Mp/Full HD Digital Image Sensor
March, 2017 ??Rev. 14
AR0331SRSC00XUEAD3-GEVK ONSEMI-AR0331SRSC00XUEAD3-GEVK Datasheet
496Kb / 52P
   AR0331 1/3?륤nch 3.1 Mp/Full HD Digital Image Sensor
March, 2017 ??Rev. 14
AR0331SRSC00XUEAH-GEVB ONSEMI-AR0331SRSC00XUEAH-GEVB Datasheet
496Kb / 52P
   AR0331 1/3?륤nch 3.1 Mp/Full HD Digital Image Sensor
March, 2017 ??Rev. 14
More results

Similar Description - AR0331SRSC00XUEE0-DRBR1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0230 ONSEMI-AR0230 Datasheet
959Kb / 36P
   Full HD Digital Image Sensor
Rev. 8, Pub. 11/15 EN
KAF-4320 ONSEMI-KAF-4320 Datasheet
791Kb / 25P
   Full HD Digital Image Sensor
April, 2015 ??Rev. 2
AR023Z ONSEMI-AR023Z Datasheet
948Kb / 35P
   Mp/Full HD Digital Image Sensor
Rev. 0, Pub. 9/15 EN
AR0238 ONSEMI-AR0238 Datasheet
288Kb / 26P
   2.1 Mp/Full HD Digital Image Sensor
October, 2017 ??Rev. 5
AR0237 ONSEMI-AR0237 Datasheet
803Kb / 34P
   1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 3, 3/16 EN
AR0237CS ONSEMI-AR0237CS Datasheet
921Kb / 38P
   1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 4, 6/16 EN
AR0230CS ONSEMI-AR0230CS Datasheet
864Kb / 33P
   1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 9, 6/16 EN
AR023ZM ONSEMI-AR023ZM Datasheet
810Kb / 35P
   1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 1 Pub. 8/15 EN
AR0230CS ONSEMI-AR0230CS_17 Datasheet
181Kb / 24P
   1/2.7?릋nch 2.1 Mp/Full HD Digital Image Sensor
August, 2017 ??Rev.11
AS260 ONSEMI-AS260 Datasheet
1Mb / 45P
   High-Definition (HD) Digital Image Sensor
Rev. G Pub. 4/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com