Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AR0331SRSC00XUEE0-BY-DRBR Datasheet(PDF) 1 Page - ON Semiconductor

Part # AR0331SRSC00XUEE0-BY-DRBR
Description  Full HD Digital Image Sensor
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0331SRSC00XUEE0-BY-DRBR Datasheet(HTML) 1 Page - ON Semiconductor

  AR0331SRSC00XUEE0-BY-DRBR Datasheet HTML 1Page - ON Semiconductor AR0331SRSC00XUEE0-BY-DRBR Datasheet HTML 2Page - ON Semiconductor AR0331SRSC00XUEE0-BY-DRBR Datasheet HTML 3Page - ON Semiconductor AR0331SRSC00XUEE0-BY-DRBR Datasheet HTML 4Page - ON Semiconductor AR0331SRSC00XUEE0-BY-DRBR Datasheet HTML 5Page - ON Semiconductor AR0331SRSC00XUEE0-BY-DRBR Datasheet HTML 6Page - ON Semiconductor AR0331SRSC00XUEE0-BY-DRBR Datasheet HTML 7Page - ON Semiconductor AR0331SRSC00XUEE0-BY-DRBR Datasheet HTML 8Page - ON Semiconductor AR0331SRSC00XUEE0-BY-DRBR Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
AR0331: 1/3-Inch 3.1 Mp/Full HD Digital Image Sensor
Features
AR0331_DS Rev. L Pub. 5/15 EN
1
©Semiconductor Components Industries, LLC 2015,
1/3-Inch 3.1 Mp/Full HD Digital Image Sensor
AR0331 Datasheet, Rev. L
For the latest datasheet, please visit www.onsemi.com
Features
• Superior low-light performance
• Latest 2.2 m pixel with ON Semiconductor A-Pix™
technology
• Full HD support at 1080P 60 fps for superior video
performance
• Linear or high dynamic range capture
• 3.1M (4:3)and 1080P full HD (16:9) images
• Optional adaptive local tone mapping (ALTM)
• Interleaved T1/T2 output
• Support for external mechanical shutter
• Support for external LED or Xenon flash
• Slow-motion video (VGA 120 fps)
• On-chip phase-locked loop (PLL) oscillator
• Integrated position-based color and lens shading
correction
• Slave mode for precise frame-rate control
• Stereo/3D camera support
• Statistics engine
• Data interfaces: four-lane serial high-speed pixel
interface (HiSPi™) differential signaling (SLVS and
HiVCM), or parallel
• Auto black level calibration
• High-speed context switching
•Temperature sensor
Applications
• Video surveillance
• Stereo vision
•Smart vision
•Automation
•Machine vision
• 1080p60 video applications
• High dynamic range imaging
General Description
The ON Semiconductor AR0331 is a 1/3-inch CMOS
digital image sensor with an active-pixel array of
2048Hx1536V. It captures images in either linear or
high dynamic range modes, with a rolling-shutter
readout. It includes sophisticated camera functions
such as in-pixel binning, windowing and both video
and single frame modes. It is designed for both low
light and high dynamic range scene performance. It is
programmable through a simple two-wire serial inter-
face. The AR0331 produces extraordinarily clear, sharp
digital pictures, and its ability to capture both continu-
ous video and single frames makes it the perfect choice
for a wide range of applications, including surveillance
and HD video.
Table 1:
Key Parameters
Parameter
Typical Value
Optical format
1/3-inch (5.8 mm)
Note: Sensor optical format will
also work with lenses designed
for 1/3.2” format.
Active pixels
2048(H) x 1536(V) (4:3, mode)
Pixel size
2.2m x 2.2m
Color filter array
RGB Bayer
Shutter type
Electronic rolling shutter and GRR
Input clock range
6 – 48 MHz
Output clock maximum
148.5 Mp/s (4-lane HiSPi)
74.25 Mp/s (Parallel)
Output
Serial
HiSPi 10-, 12-, 14-, or 16-bit
Parallel
10-, 12-bit
Frame
rate
Full resolution
30 fps
1080p
60 fps
Responsivity
1.9 V/lux-sec
SNRMAX
39 dB
Max Dynamic range
Up to 100 dB
Supply
voltage
I/O
1.8 or 2.8 V
Digital
1.8 V
Analog
2.8 V
HiSPi
0.3V - 0.6V, 1.7 V - 1.9 V
Power consumption
(typical)
<780 mW
Operating temperature
(ambient)
–30°C to + 85° C
Package options
10 x 10 mm 48 pin iLCC
9.5 x 9.5 mm 63-pin iBGA


Similar Part No. - AR0331SRSC00XUEE0-BY-DRBR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0331SRSC00XUEAD-GEVK ONSEMI-AR0331SRSC00XUEAD-GEVK Datasheet
496Kb / 52P
   AR0331 1/3?륤nch 3.1 Mp/Full HD Digital Image Sensor
March, 2017 ??Rev. 14
AR0331SRSC00XUEAD3-GEVK ONSEMI-AR0331SRSC00XUEAD3-GEVK Datasheet
496Kb / 52P
   AR0331 1/3?륤nch 3.1 Mp/Full HD Digital Image Sensor
March, 2017 ??Rev. 14
AR0331SRSC00XUEAH-GEVB ONSEMI-AR0331SRSC00XUEAH-GEVB Datasheet
496Kb / 52P
   AR0331 1/3?륤nch 3.1 Mp/Full HD Digital Image Sensor
March, 2017 ??Rev. 14
More results

Similar Description - AR0331SRSC00XUEE0-BY-DRBR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0230 ONSEMI-AR0230 Datasheet
959Kb / 36P
   Full HD Digital Image Sensor
Rev. 8, Pub. 11/15 EN
KAF-4320 ONSEMI-KAF-4320 Datasheet
791Kb / 25P
   Full HD Digital Image Sensor
April, 2015 ??Rev. 2
AR023Z ONSEMI-AR023Z Datasheet
948Kb / 35P
   Mp/Full HD Digital Image Sensor
Rev. 0, Pub. 9/15 EN
AR0238 ONSEMI-AR0238 Datasheet
288Kb / 26P
   2.1 Mp/Full HD Digital Image Sensor
October, 2017 ??Rev. 5
AR0237 ONSEMI-AR0237 Datasheet
803Kb / 34P
   1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 3, 3/16 EN
AR0237CS ONSEMI-AR0237CS Datasheet
921Kb / 38P
   1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 4, 6/16 EN
AR0230CS ONSEMI-AR0230CS Datasheet
864Kb / 33P
   1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 9, 6/16 EN
AR023ZM ONSEMI-AR023ZM Datasheet
810Kb / 35P
   1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 1 Pub. 8/15 EN
AR0230CS ONSEMI-AR0230CS_17 Datasheet
181Kb / 24P
   1/2.7?릋nch 2.1 Mp/Full HD Digital Image Sensor
August, 2017 ??Rev.11
AS260 ONSEMI-AS260 Datasheet
1Mb / 45P
   High-Definition (HD) Digital Image Sensor
Rev. G Pub. 4/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com