Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT48LC1M16A1S Datasheet(PDF) 9 Page - Micron Technology

Part # MT48LC1M16A1S
Description  SYNCHRONOUS DRAM
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT48LC1M16A1S Datasheet(HTML) 9 Page - Micron Technology

Back Button MT48LC1M16A1S Datasheet HTML 5Page - Micron Technology MT48LC1M16A1S Datasheet HTML 6Page - Micron Technology MT48LC1M16A1S Datasheet HTML 7Page - Micron Technology MT48LC1M16A1S Datasheet HTML 8Page - Micron Technology MT48LC1M16A1S Datasheet HTML 9Page - Micron Technology MT48LC1M16A1S Datasheet HTML 10Page - Micron Technology MT48LC1M16A1S Datasheet HTML 11Page - Micron Technology MT48LC1M16A1S Datasheet HTML 12Page - Micron Technology MT48LC1M16A1S Datasheet HTML 13Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
16Mb: x16 SDRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
16MSDRAMx16.p65 – Rev. 8/99
©1999, Micron Technology, Inc.
9
16Mb: x16
SDRAM
TRUTH TABLE 1 – COMMANDS AND DQM OPERATION
(Notes: 1)
NAME (FUNCTION)
CS# RAS# CAS# WE# DQM ADDR
DQs NOTES
COMMAND INHIBIT (NOP)
H
X
X
X
X
X
X
NO OPERATION (NOP)
L
H
H
H
X
X
X
ACTIVE (Select bank and activate row)
L
L
H
H
X
Bank/Row
X
3
READ (Select bank and column and start READ burst)
L
H
L
H
L/H8 Bank/Col
X
4
WRITE (Select bank and column and
L
H
L
L
L/H8 Bank/Col Valid
4
start WRITE burst)
BURST TERMINATE
L
H
H
L
X
X
Active
PRECHARGE (Deactivate row in bank or banks)
L
L
H
L
X
Code
X
5
AUTO REFRESH or
L
L
L
H
X
X
X
6, 7
SELF REFRESH (Enter self refresh mode)
LOAD MODE REGISTER
L
L
L
L
X
Op-Code
X
2
Write Enable/Output Enable
––––
L
Active
8
Write Inhibit/Output High-Z
––––
H
High-Z
8
following the Operation section; these tables provide
current state/next state information.
COMMANDS
Truth Table 1 provides a quick reference of available
commands. This is followed by a written description of
each command. Three additional Truth Tables appear
NOTE: 1. CKE is HIGH for all commands shown except SELF REFRESH.
2. A0-A10 and BA define the op-code written to the Mode Register.
3. A0-A10 provide row address, and BA determines which bank is made active.
4. A0-A7 provide column address; A10 HIGH enables the auto precharge feature (nonpersistent), while A10 LOW disables
the auto precharge feature; BA determines which bank is being read from or written to.
5. For A10 LOW, BA determines which bank is being precharged; for A10 HIGH, all banks are precharged and BA is a
“Don’t Care.”
6. This command is AUTO REFRESH if CKE is HIGH, SELF REFRESH if CKE is LOW.
7. Internal refresh counter controls row addressing; all inputs and I/Os are “Don’t Care” except for CKE.
8. Activates or deactivates the DQs during WRITEs (zero-clock delay) and READs (two-clock delay).


Similar Part No. - MT48LC1M16A1S

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC1M16A1 MICRON-MT48LC1M16A1 Datasheet
1Mb / 51P
   SYNCHRONOUS DRAM
MT48LC1M16A1TGSIT MICRON-MT48LC1M16A1TGSIT Datasheet
1Mb / 51P
   SYNCHRONOUS DRAM
More results

Similar Description - MT48LC1M16A1S

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM484M1644VTC EOREX-EM484M1644VTC_15 Datasheet
199Kb / 17P
   Synchronous DRAM
EM484M1644VTD EOREX-EM484M1644VTD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM488M3244VBD EOREX-EM488M3244VBD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
logo
Alliance Semiconductor ...
AS4C4M16SA ALSC-AS4C4M16SA Datasheet
1Mb / 54P
   Synchronous DRAM
logo
Micron Technology
MT48LC16M4A2 MICRON-MT48LC16M4A2 Datasheet
1Mb / 55P
   SYNCHRONOUS DRAM
MT48LC1M16A1 MICRON-MT48LC1M16A1 Datasheet
1Mb / 51P
   SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com