Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS0260CSSC28SUD20 Datasheet(PDF) 8 Page - ON Semiconductor

Part # AS0260CSSC28SUD20
Description  Digital Image Sensor
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260CSSC28SUD20 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button AS0260CSSC28SUD20 Datasheet HTML 4Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 5Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 6Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 7Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 8Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 9Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 10Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 11Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
8
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
Figure 2:
Typical Configuration
Notes:
1. This typical configuration shows only one scenario out of multiple possible variations for this sen-
sor.
2. If a MIPI Interface is not required, the MIPI serial port must be left floating. The VDD_PHY power sig-
nal must always be connected to the 1.8V supply.
3. Only one of the output modes (serial or parallel) can be used at any time.
4. ON Semiconductor recommends a 1.5kresistor value for the two-wire serial interface RPULL-UP;
however, greater values may be used for slower transmission speed.
5. All inputs must be configured with VDD_IO.
6. RESET_BAR has an internal pull-up resistor and can be left floating.
7. ON Semiconductor recommends that 0.1F and 1F decoupling capacitors for each power supply
are mounted as close as possible to the pad. Actual values and numbers may vary depending on
layout and design considerations.
8. TRST_BAR connects to GND for normal operation.
9. Future versions of AS0260 will not require VDD, REG_OUT, and REG_FB to be connected to REG_IN0.
VAA7
SDATA
SCLK
SADDR
AGND
VDD_PHY
I/O5
power
VDD
VAA VAA_PIX
Two-wire
serial interface
RPULL-UP
4
RESET_BAR6
Analog
power
EXTCLK
External clock in
(6–54 MHz)
Active LOW reset
DGND
REG_IN0
VDD_PHY2, 7
VDD_IO5, 7
PHY2
power
VDD_IO
TRST_BAR8
CONFIG/GPIO1
Boot-to-stream option
SHUTDOWN
FRAME_VALID
PIXCLK
LINE_VALID
DOUT[7:0]
DATA_2P
DATA_2N
Parallel
Port
OR3
CLK_N
DATA_P
MIPI
Serial
Port
DATA_N
CLK_P
REG_OUT REG_FB
REG_IN0
0.1
µF
Digital
power9


Similar Part No. - AS0260CSSC28SUD20

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AS02008MO-R PUIAUDIO-AS02008MO-R Datasheet
449Kb / 5P
   IP65-rated design for protection against dust and water
AS02008MR-5-R PUIAUDIO-AS02008MR-5-R Datasheet
351Kb / 1P
   ALL DIMENSIONS ARE IN MILLIMETERS
AS02008MR-LW152-R PUIAUDIO-AS02008MR-LW152-R Datasheet
274Kb / 1P
   ALL DIMENSIONS ARE IN MILLIMETERS
logo
Projects Unlimited, Inc...
AS02008MR-R PUI-AS02008MR-R Datasheet
230Kb / 1P
   Speaker
logo
PUI audio inc.
AS02008MR-R PUIAUDIO-AS02008MR-R Datasheet
334Kb / 1P
   ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - AS0260CSSC28SUD20

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9M034 ONSEMI-MT9M034 Datasheet
1Mb / 56P
   Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M114 ONSEMI-MT9M114 Datasheet
1Mb / 66P
   Digital Image Sensor
Rev. J Pub. 4/15 EN
MT9P111 ONSEMI-MT9P111 Datasheet
1Mb / 67P
   Digital Image Sensor
Rev. G Pub. 5/15 EN
MT9F002 ONSEMI-MT9F002 Datasheet
2Mb / 93P
   CMOS Digital Image Sensor
Rev. H Pub. 6/15 EN
MT9P001 ONSEMI-MT9P001 Datasheet
1Mb / 48P
   CMOS Digital Image Sensor
Rev. L 4/15 EN
MT9D015 ONSEMI-MT9D015_17 Datasheet
490Kb / 55P
   CMOS Digital Image Sensor
May, 2017 ??Rev. 13
AR0141 ONSEMI-AR0141 Datasheet
1Mb / 63P
   Inch Digital Image Sensor
Rev. D Pub. 6/15 EN
MT9D115 ONSEMI-MT9D115 Datasheet
1Mb / 66P
   CMOS Digital Image Sensor
Rev. E Pub. 4/15 EN
MT9M021 ONSEMI-MT9M021 Datasheet
866Kb / 34P
   CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M024 ONSEMI-MT9M024 Datasheet
1Mb / 65P
   CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com