Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AR0835HS Datasheet(PDF) 9 Page - ON Semiconductor

Part # AR0835HS
Description  8 Mp CMOS Digital Image Sensor
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0835HS Datasheet(HTML) 9 Page - ON Semiconductor

Back Button AR0835HS Datasheet HTML 5Page - ON Semiconductor AR0835HS Datasheet HTML 6Page - ON Semiconductor AR0835HS Datasheet HTML 7Page - ON Semiconductor AR0835HS Datasheet HTML 8Page - ON Semiconductor AR0835HS Datasheet HTML 9Page - ON Semiconductor AR0835HS Datasheet HTML 10Page - ON Semiconductor AR0835HS Datasheet HTML 11Page - ON Semiconductor AR0835HS Datasheet HTML 12Page - ON Semiconductor AR0835HS Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
AR0835HS_DS Rev. D Pub. 5/15 EN
9
©Semiconductor Components Industries, LLC, 2015.
AR0835HS: 1/3.2-Inch 8 Mp CMOS Digital Image Sensor
Signal Descriptions
7. VDD_1V2 and VDD_PHY can be tied together.
8. HiSPi mode only: VDDSLVS_PHY is set to 0.4V externally. Alternatively, VDDSLVS_PHY
may be tied to 1.2V if the user chooses to have the HiSPi SLVS PHY TX voltage sup-
plied using the AR0835HS's internal 1.2V-to-0.4V regulator.
9. Register 31BE[2:3] can be used to program the option of internal of external regulator,
ON Semiconductor recommends using external regulator
10. ATEST can be left floating.
11. TEST pin must be tied to DGND.
12. VDD_1V8 is the OTPM read voltage.
Signal Descriptions
AR0835HS has 66 pads placed in a two-sided pad frame. It has only serial outputs. The
part may be configured as HiSPi with different bit depths. The pad description is tabu-
lated in Table 4:
Table 4:
Pad Descriptions
Pad Name
Pad Type
Description
Sensor Control
EXTCLK
Input
Master clock input; PLL input clock. 6 MHz - 27 MHz.
This is a SMIA-compliant pad.
GPIO0
Input/Output
General Input and one Output function include:
a. (Default Output) Flash
b. (Input) all options in GPI2
High-Z before XSHUTDOWN going high; default value is ‘0’ after all three
voltages in place and XSHUTDOWN being high.
After reset, this pad is not powered down since its default use is as Flash pin.
If not used, can be left floating.
GPIO1
Input/Output
General Input and 2 Output functions include:
a. (Default Output) Shutter
b. (Output) 3-D daisy chain communication output
c. (Input) all options in GPI2
High-Z before XSHUTDOWN going high; default value is ‘0’ after all three
voltages in place and XSHUTDOWN being high.
After reset, this pad is not powered-down since its default use is as Shutter
pin.
If not used, can be left floating.
GPI2
Input
General Input; After reset, these pads are powered down by default; this
means that it is not necessary to bond to these pads. Functions include:
a. SADDR, switch to the second two-wire serial interface device address (see
“Slave Address/Data Direction Byte” on page 17)
b. Trigger signal for Slave Mode
c. Standby
If not used, can be left floating.
GPI3
Input
General Input; After reset, these pads are powered-down by default; this
means that it is not necessary to bond to these pads. Functions include:
a. 3-D daisy chain communication input
b. All options in GPI2
If not used, can be left floating.
Two-wire Serial Interface
SCLK
Input
Serial clock for access to control and status registers.


Similar Part No. - AR0835HS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0835HS ONSEMI-AR0835HS Datasheet
400Kb / 50P
   CMOS Digital Image Sensor
February, 2017 ??Rev. 4
AR0835HS3C12SUAA0-DP ONSEMI-AR0835HS3C12SUAA0-DP Datasheet
400Kb / 50P
   CMOS Digital Image Sensor
February, 2017 ??Rev. 4
AR0835HS3C12SUAA0-DR ONSEMI-AR0835HS3C12SUAA0-DR Datasheet
400Kb / 50P
   CMOS Digital Image Sensor
February, 2017 ??Rev. 4
AR0835HS ONSEMI-AR0835HS_17 Datasheet
400Kb / 50P
   CMOS Digital Image Sensor
February, 2017 ??Rev. 4
More results

Similar Description - AR0835HS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0833 ONSEMI-AR0833 Datasheet
1Mb / 64P
   8 Mp CMOS Digital Image Sensor
Rev. H Pub. 4/15 EN
MT9P031 ONSEMI-MT9P031 Datasheet
1Mb / 46P
   5 Mp CMOS Digital Image Sensor
Rev. J 5/15 EN
AR0542 ONSEMI-AR0542 Datasheet
1Mb / 81P
   5 Mp CMOS Digital Image Sensor
Rev. H Pub. 5/15 EN
MT9P401 ONSEMI-MT9P401 Datasheet
1Mb / 62P
   5 Mp CMOS Digital Image Sensor
Rev. F 5/15 EN
logo
Cypress Semiconductor
IBIS4-A-6600 CYPRESS-IBIS4-A-6600 Datasheet
1Mb / 40P
   6.6 MP CMOS Image Sensor
CYII5FM1300AB CYPRESS-CYII5FM1300AB Datasheet
1Mb / 40P
   1.3 MP CMOS Image Sensor
CYII5FM1300AB CYPRESS-CYII5FM1300AB_09 Datasheet
1Mb / 41P
   1.3 MP CMOS Image Sensor
IBIS4-6600 CYPRESS-IBIS4-6600_09 Datasheet
937Kb / 35P
   6.6 MP CMOS Image Sensor
logo
ON Semiconductor
MT9F002 ONSEMI-MT9F002_17 Datasheet
661Kb / 61P
   1/2.3?릋nch 14 Mp CMOS Digital Image Sensor
September, 2017 ??Rev. 11
MT9P001 ONSEMI-MT9P001_17 Datasheet
324Kb / 33P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com