Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AR0542MBSC25SUD20 Datasheet(PDF) 11 Page - ON Semiconductor

Part # AR0542MBSC25SUD20
Description  5 Mp CMOS Digital Image Sensor
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0542MBSC25SUD20 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button AR0542MBSC25SUD20 Datasheet HTML 7Page - ON Semiconductor AR0542MBSC25SUD20 Datasheet HTML 8Page - ON Semiconductor AR0542MBSC25SUD20 Datasheet HTML 9Page - ON Semiconductor AR0542MBSC25SUD20 Datasheet HTML 10Page - ON Semiconductor AR0542MBSC25SUD20 Datasheet HTML 11Page - ON Semiconductor AR0542MBSC25SUD20 Datasheet HTML 12Page - ON Semiconductor AR0542MBSC25SUD20 Datasheet HTML 13Page - ON Semiconductor AR0542MBSC25SUD20 Datasheet HTML 14Page - ON Semiconductor AR0542MBSC25SUD20 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 81 page
background image
AR0542_DS Rev. H
Pub. 5/15 EN
11
©Semiconductor Components Industries, LLC, 2015.
AR0542: 1/4-Inch CMOS Digital Image Sensor
Signal Descriptions
Signal Descriptions
Table 3 provides signal descriptions for AR0542 die. For pad location and aperture infor-
mation, refer to the AR0542 die data sheet.
Table 3:
Signal Descriptions
Pad Name
Pad Type
Description
EXTCLK
Input
Master clock input, 6–27 MHz.
RESET_BAR
Input
Asynchronous active LOW reset. When asserted, data output stops and all internal registers are
restored to their factory default settings.
XSHUTDOWN
Input
Asynchronous active LOW reset. When asserted, data output stops and all internal registers are
restored to their factory default settings. This pin will turn off the digital power domain and is the
lowest power state of the sensor.
SCLK
Input
Serial clock for access to control and status registers.
GPI[3:0]
Input
General purpose inputs. After reset, these pads are powered-down by default; this means that it is
not necessary to bond to these pads. Any of these pads can be configured to provide hardware
control of the standby, output enable, SADDR select, and shutter trigger functions.
ON Semiconductor recommends that unused GPI pins be tied to DGND, but can also be left
floating.
TEST
Input
Enable manufacturing test modes. Connect to VDD_IO power for the MIPI-configured sensor.
SDATA
I/O
Serial data from reads and writes to control and status registers.
VCM_ISINK
I/O
Connected to VCM actuator. 100mA max. 3.3V max.
VCM_GND
I/O
Connected to DGND.
REG_OUT
I/O
1.2V on-chip regulator output node.
REG_IN
I/O
On-chip regulator input node. It needs to be connected to external 1.8V.
REG_FB
I/O
This pad is receiving the 1.2V feedback from REG_OUT. It needs to be connected to REG_OUT.
DATA0_P
Output
Differential MIPI (sub-LVDS) serial data (positive).
DATA0_N
Output
Differential MIPI (sub-LVDS) serial data (negative).
DATA1_P
Output
Differential MIPI (sub-LVDS) serial data 2nd lane (positive).
Can be left floating when using one-lane MIPI serial interface.
DATA1_N
Output
Differential MIPI (sub-LVDS) serial data second lane (negative).
Can be left floating when using one-lane MIPI serial interface.
CLK_P
Output
Differential MIPI (sub-LVDS) serial clock/strobe (positive).
CLK_N
Output
Differential MIPI (sub-LVDS) serial clock/strobe (negative).
LINE_VALID
Output
LINE_VALID (LV) output. Qualified by PIXCLK.
FRAME_VALID
Output
FRAME_VALID (FV) output. Qualified by PIXCLK.
DOUT[9:0]
Output
Parallel pixel data output. Qualified by PIXCLK.
PIXCLK
Output
Pixel clock. Used to qualify the LV, FV, and DOUT[9:0] outputs.
FLASH
Output
Flash output. Synchronization pulse for external light source. Can be left floating if not used.
VPP
Supply
Power supply used to program one-time programmable (OTP) memory.
VDD_TX
Supply
Digital PHY power supply. Digital power supply for the serial interface.
VAA
Supply
Analog power supply.
VAA_PIX
Supply
Analog power supply for the pixel array.
AGND
Supply
Analog ground.
VDD
Supply
Digital core power supply.
VDD_IO
Supply
I/O power supply.
DGND
Supply
Common ground for digital and I/O.
VDD_PLL
Supply
PLL power supply.


Similar Part No. - AR0542MBSC25SUD20

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0542MBSC25SUD20 ONSEMI-AR0542MBSC25SUD20 Datasheet
666Kb / 55P
   1/4?륤nch 5 Mp CMOS Digital Image Sensor
March, 2017 ??Rev. 8
More results

Similar Description - AR0542MBSC25SUD20

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9P031 ONSEMI-MT9P031 Datasheet
1Mb / 46P
   5 Mp CMOS Digital Image Sensor
Rev. J 5/15 EN
MT9P401 ONSEMI-MT9P401 Datasheet
1Mb / 62P
   5 Mp CMOS Digital Image Sensor
Rev. F 5/15 EN
AR0835HS ONSEMI-AR0835HS Datasheet
1Mb / 70P
   8 Mp CMOS Digital Image Sensor
Rev. D Pub. 5/15 EN
MT9P001 ONSEMI-MT9P001_17 Datasheet
324Kb / 33P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 12
AR0833 ONSEMI-AR0833 Datasheet
1Mb / 64P
   8 Mp CMOS Digital Image Sensor
Rev. H Pub. 4/15 EN
MT9P006 ONSEMI-MT9P006_17 Datasheet
323Kb / 33P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 5
AR0543 ONSEMI-AR0543 Datasheet
1Mb / 74P
   1/4-Inch 5 Mp CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
MT9P401 ONSEMI-MT9P401_17 Datasheet
364Kb / 45P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
May, 2017 ??Rev. 6
MT9P031 ONSEMI-MT9P031_17 Datasheet
322Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 10
AR0542 ONSEMI-AR0542_17 Datasheet
666Kb / 55P
   1/4?륤nch 5 Mp CMOS Digital Image Sensor
March, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com