Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT46V8M16TG-75L Datasheet(PDF) 7 Page - Micron Technology

Part # MT46V8M16TG-75L
Description  DOUBLE DATA RATE DDR SDRAM
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT46V8M16TG-75L Datasheet(HTML) 7 Page - Micron Technology

Back Button MT46V8M16TG-75L Datasheet HTML 3Page - Micron Technology MT46V8M16TG-75L Datasheet HTML 4Page - Micron Technology MT46V8M16TG-75L Datasheet HTML 5Page - Micron Technology MT46V8M16TG-75L Datasheet HTML 6Page - Micron Technology MT46V8M16TG-75L Datasheet HTML 7Page - Micron Technology MT46V8M16TG-75L Datasheet HTML 8Page - Micron Technology MT46V8M16TG-75L Datasheet HTML 9Page - Micron Technology MT46V8M16TG-75L Datasheet HTML 10Page - Micron Technology MT46V8M16TG-75L Datasheet HTML 11Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
7
128Mb: x4, x8, x16 DDR SDRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
128Mx4x8x16DDR_C.p65 – Rev. C; Pub. 4/01
©2001, Micron Technology, Inc.
128Mb: x4, x8, x16
DDR SDRAM
PRELIMINARY
PIN DESCRIPTIONS
TSOP PIN NUMBERS
SYMBOL
TYPE
DESCRIPTION
45, 46
CK, CK#
Input
Clock: CK and CK# are differential clock inputs. All address and
control input signals are sampled on the crossing of the positive
edge of CK and negative edge of CK#. Output data (DQs and
DQS) is referenced to the crossings of CK and CK#.
44
CKE
Input
Clock Enable: CKE HIGH activates and CKE LOW deactivates the
internal clock, input buffers and output drivers. Taking CKE LOW
provides PRECHARGE POWER-DOWN and SELF REFRESH
operations (all banks idle), or ACTIVE POWER-DOWN (row
ACTIVE in any bank). CKE is synchronous for POWER-DOWN
entry and exit, and for SELF REFRESH entry. CKE is asynchronous
for SELF REFRESH exit and for disabling the outputs. CKE must be
maintained HIGH throughout read and write accesses. Input
buffers (excluding CK, CK# and CKE) are disabled during POWER-
DOWN. Input buffers (excluding CKE) are disabled during SELF
REFRESH. CKE is an SSTL_2 input but will detect an LVCMOS
LOW level after VDD is applied.
24
CS#
Input
Chip Select: CS# enables (registered LOW) and disables (regis-
tered HIGH) the command decoder. All commands are masked
when CS# is registered HIGH. CS# provides for external bank
selection on systems with multiple banks. CS# is considered part
of the command code.
23, 22, 21
RAS#,CAS#,
Input
Command Inputs: RAS#, CAS#, and WE# (along with CS#) define the
WE#
command being entered.
47
DM
Input
Input Data Mask: DM is an input mask signal for write data. Input
20, 47
LDM, UDM
data is masked when DM is sampled HIGH along with that input data
during a WRITE access. DM is sampled on both edges of DQS.
Although DM pins are input-only, the DM loading is designed to
match that of DQ and DQS pins. For the x16 , LDM is DM for DQ0-
DQ7 and UDM is DM for DQ8-DQ15. Pin 20 is a NC on x4 and x8
26, 27
BA0, BA1
Input
Bank Address Inputs: BA0 and BA1 define to which bank an
ACTIVE, READ, WRITE, or PRECHARGE command is being applied.
29-32, 35-40,
A0–A11
Input
Address Inputs: Provide the row address for ACTIVE commands, and
28, 41
the column address and auto precharge bit (A10) for READ/WRITE
commands, to select one location out of the memory array in the
respective bank. A10 sampled during a PRECHARGE command
determines whether the PRECHARGE applies to one bank (A10 LOW,
bank selected by BA0, BA1) or all banks (A10 HIGH). The address
inputs also provide the op-code during a MODE REGISTER SET
command. BA0 and BA1 define which mode register (mode register
or extended mode register) is loaded during the LOAD MODE
REGISTER command.
2, 4, 5, 7, 8, 10,11, 13, 54
DQ0–15
I/O
Data Input/Output: Data bus for x16 (4, 7, 10, 13, 54, 57, 60, and 63
56, 57, 59, 60, 62, 63,65
are NC for x8), (2, 4, 7, 8,10, 13, 54, 57, 59, 60, 63, and 65 are NC
for x4).
2, 5, 8, 11, 56, 59, 62, 65
DQ0–7
I/O
Data Input/Output: Data bus for x8 (2, 8, 59, and 65 are NC for x4).
5, 11, 56, 62
DQ0–3
I/O
Data Input/Output: Data bus for x4.
(continued on next page)


Similar Part No. - MT46V8M16TG-75L

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT46V8M16 MICRON-MT46V8M16 Datasheet
154Kb / 8P
   DOUBLE DATA RATE DDR SDRAM
More results

Similar Description - MT46V8M16TG-75L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAA32M4 ETC1-SAA32M4 Datasheet
256Kb / 13P
   DOUBLE DATA RATE (DDR) SDRAM
logo
Micron Technology
MT46V32M8P-5BK MICRON-MT46V32M8P-5BK Datasheet
4Mb / 91P
   Double Data Rate (DDR) SDRAM
MT46V64M4 MICRON-MT46V64M4 Datasheet
152Kb / 8P
   DOUBLE DATA RATE DDR SDRAM
MT46V4M32 MICRON-MT46V4M32 Datasheet
1Mb / 66P
   DOUBLE DATA RATE DDR SDRAM
logo
Alliance Semiconductor ...
MT46V32M16CV-5B ALSC-MT46V32M16CV-5B Datasheet
1Mb / 93P
   Double Data Rate (DDR) SDRAM
logo
Micron Technology
MT46V64M4 MICRON-MT46V64M4_1 Datasheet
3Mb / 93P
   Double Data Rate (DDR) SDRAM
MT46V128M4 MICRON-MT46V128M4 Datasheet
2Mb / 68P
   DOUBLE DATA RATE DDR SDRAM
MT46V2M32V1 MICRON-MT46V2M32V1 Datasheet
2Mb / 65P
   DOUBLE DATA RATE DDR SDRAM
MT46V256M4 MICRON-MT46V256M4 Datasheet
2Mb / 74P
   DOUBLE DATA RATE (DDR) SDRAM
MT46V16M8 MICRON-MT46V16M8 Datasheet
166Kb / 9P
   DOUBLE DATA RATE DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com