Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT28F322D18FH-70BET Datasheet(PDF) 3 Page - Micron Technology

Part # MT28F322D18FH-70BET
Description  FLASH MEMORY
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT28F322D18FH-70BET Datasheet(HTML) 3 Page - Micron Technology

  MT28F322D18FH-70BET Datasheet HTML 1Page - Micron Technology MT28F322D18FH-70BET Datasheet HTML 2Page - Micron Technology MT28F322D18FH-70BET Datasheet HTML 3Page - Micron Technology MT28F322D18FH-70BET Datasheet HTML 4Page - Micron Technology MT28F322D18FH-70BET Datasheet HTML 5Page - Micron Technology MT28F322D18FH-70BET Datasheet HTML 6Page - Micron Technology MT28F322D18FH-70BET Datasheet HTML 7Page - Micron Technology MT28F322D18FH-70BET Datasheet HTML 8Page - Micron Technology MT28F322D18FH-70BET Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
3
2 Meg x 16 Async/Page/Burst Flash Memory
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT28F322D20FH_4.p65 – Rev. 4, Pub. 7/02
©2002, Micron Technology, Inc.
2 MEG x 16
ASYNC/PAGE/BURST FLASH MEMORY
PART NUMBERING INFORMATION
Micron’s low-power devices are available with sev-
eral different combinations of features (see Figure 1).
Table 2
Valid Part Number Combinations
BOOT BLOCK
BURST
OPERATING
ACCESS
STARTING
FREQUENCY
TEMPERATURE
PART NUMBER
TIME (ns)
ADDRESS
(MHz)
RANGE
MT28F322D20FH-705 BET
70
Bottom
54
-40oC to +85oC
MT28F322D20FH-705 TET
70
Top
54
-40oC to +85oC
MT28F322D20FH-804 BET
80
Bottom
40
-40oC to +85oC
MT28F322D20FH-804 TET
80
Top
40
-40oC to +85oC
MT28F322D18FH-705 BET
70
Bottom
52
-40oC to +85oC
MT28F322D18FH-705 TET
70
Top
52
-40oC to +85oC
MT28F322D18FH-804 BET
80
Bottom
40
-40oC to +85oC
MT28F322D18FH-804 TET
80
Top
40
-40oC to +85oC
Figure 1
Part Number Chart
Valid combinations of features and their corresponding
part numbers are listed in Table 2.
MT 28F 322 D20 FH-80 4 B ET
Micron Technology
Flash Family
28F = Dual-Supply Flash
Density/Organization/Banks
322 = 32Mb (2,048K x 16)
bank a = 1/4; bank b = 3/4
Access Time
-70 = 70ns
-80 = 80ns
Read Mode Operation
D = Asynchronous/Page/Burst Read
Package Code
FH = 58-ball FBGA (8 x 7 grid)
Operating Temperature Range
ET = Extended (-40ºC to +85ºC)
Burst Mode Frequency
Blank = None
4 = 40 MHz
5 = 54 MHz (MT28F322D20) or
52 MHz (MT28F322D18)
Boot Block Starting Address
B = Bottom boot
T = Top boot
Operating Voltage Range
18 = 1.70V–1.90V
20 = 1.80V–2.20V VCC
20 = 1.80V–2.25V VCCQ


Similar Part No. - MT28F322D18FH-70BET

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28F322P3 MICRON-MT28F322P3 Datasheet
395Kb / 36P
   FLASH MEMORY
More results

Similar Description - MT28F322D18FH-70BET

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
   FLASH MEMORY
logo
Micron Technology
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
   FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
   FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
   FLASH MEMORY
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
   FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
   FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
   FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
   FLASH MEMORY
KM29V32000T SAMSUNG-KM29V32000T Datasheet
1Mb / 26P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com