Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AR0134CSSC00SPCA0-TPBR Datasheet(PDF) 6 Page - ON Semiconductor

Part # AR0134CSSC00SPCA0-TPBR
Description  Inch 1.2 Mp CMOS Digital Image Sensor with Global Shutter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0134CSSC00SPCA0-TPBR Datasheet(HTML) 6 Page - ON Semiconductor

Back Button AR0134CSSC00SPCA0-TPBR Datasheet HTML 2Page - ON Semiconductor AR0134CSSC00SPCA0-TPBR Datasheet HTML 3Page - ON Semiconductor AR0134CSSC00SPCA0-TPBR Datasheet HTML 4Page - ON Semiconductor AR0134CSSC00SPCA0-TPBR Datasheet HTML 5Page - ON Semiconductor AR0134CSSC00SPCA0-TPBR Datasheet HTML 6Page - ON Semiconductor AR0134CSSC00SPCA0-TPBR Datasheet HTML 7Page - ON Semiconductor AR0134CSSC00SPCA0-TPBR Datasheet HTML 8Page - ON Semiconductor AR0134CSSC00SPCA0-TPBR Datasheet HTML 9Page - ON Semiconductor AR0134CSSC00SPCA0-TPBR Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
AR0134_DS Rev. G Pub. 6/15 EN
6
©Semiconductor Components Industries, LLC,2015.
AR0134: 1/3-Inch 1.2 Mp CMOS Digital Image Sensor
General Description
General Description
The ON Semiconductor AR0134 can be operated in its default mode or programmed for
frame size, exposure, gain, and other parameters. The default mode output is a full-reso-
lution image at 54 frames per second (fps). It outputs 12-bit raw data, using either the
parallel or serial (HiSPi) output ports. The device may be operated in video (master)
mode or in frame trigger mode.
FRAME_VALID and LINE_VALID signals are output on dedicated pins, along with a
synchronized pixel clock. A dedicated FLASH pin can be programmed to control
external LED or flash exposure illumination.
The AR0134 includes additional features to allow application-specific tuning:
windowing, adjustable auto-exposure control, auto black level correction, on-board
temperature sensor, and row skip and digital binning modes.
The sensor is designed to operate in a wide temperature range (–30°C to +70°C).
Functional Overview
The AR0134 is a progressive-scan sensor that generates a stream of pixel data at a
constant frame rate. It uses an on-chip, phase-locked loop (PLL) that can be optionally
enabled to generate all internal clocks from a single master input clock running between
6 and 50 MHz. The maximum output pixel rate is 74.25 Mp/s, corresponding to a clock
rate of 74.25 MHz. Figure 1 shows a block diagram of the sensor.
Figure 1:
Block Diagram
User interaction with the sensor is through the two-wire serial bus, which communi-
cates with the array control, analog signal chain, and digital signal chain. The core of the
sensor is a 1.2 Mp Active- Pixel Sensor array. The AR0134 features global shutter tech-
nology for accurate capture of moving images. The exposure of the entire array is
controlled by programming the integration time by register setting. All rows simultane-
ously integrate light prior to readout. Once a row has been read, the data from the
columns is sequenced through an analog signal chain (providing offset correction and
gain), and then through an analog-to- digital converter (ADC). The output from the ADC
is a 12-bit value for each pixel in the array. The ADC output passes through a digital
Control Registers
Active Pixel Sensor
(APS)
Array
PLL
Memory
OTPM
Temperature
sensor
Timing and Control
(Sequencer)
Analog Processing and
A/D Conversion
Auto Exposure
and Stats Engine
Pixel Data Path
(Signal Processing)
External
Clock
Serial
Output
Flash
Parallel
Output
Two-Wire
Serial
Interface
Trigger
Power


Similar Part No. - AR0134CSSC00SPCA0-TPBR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0134CSSC00SPCA0-TPBR ONSEMI-AR0134CSSC00SPCA0-TPBR Datasheet
1Mb / 38P
   1/3-Inch 1.2 Mp CMOS Digital Image Sensor
Rev. 8, Pub. 1/16 EN
More results

Similar Description - AR0134CSSC00SPCA0-TPBR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PYTHON300 ONSEMI-PYTHON300 Datasheet
50Kb / 2P
   CMOS Image Sensor, Global Shutter, 0.3 MP (VGA)
8/5/2016
logo
ams AG
MIRA130 AMSCO-MIRA130 Datasheet
1Mb / 53P
   1.3 MP NIR Enhanced Global Shutter CMOS Image Sensor
v5-00 2022-Apr-05
logo
ON Semiconductor
AR0134CS ONSEMI-AR0134CS_16 Datasheet
1Mb / 38P
   1/3-Inch 1.2 Mp CMOS Digital Image Sensor
Rev. 8, Pub. 1/16 EN
logo
ams AG
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
   0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
logo
ON Semiconductor
PYTHON480 ONSEMI-PYTHON480 Datasheet
853Kb / 69P
   Megapixel Global Shutter CMOS Image Sensor
July, 2017 ??Rev. 1
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
   20 Megapixel global shutter CMOS image sensor
logo
ON Semiconductor
AR0135CS ONSEMI-AR0135CS Datasheet
230Kb / 27P
   1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
July, 2016 ??Rev. 4
NOIP1SN025KA ONSEMI-NOIP1SN025KA Datasheet
682Kb / 87P
   Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
AR0134CS ONSEMI-AR0134CS Datasheet
259Kb / 29P
   1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
March, 2017 ??Rev. 9
logo
ams AG
CSG14K_CSG8K AMSCO-CSG14K_CSG8K Datasheet
2Mb / 113P
   13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
v1-00 2020-Dec-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com