Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7SB384DTT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # 7SB384DTT1G
Description  Bus Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

7SB384DTT1G Datasheet(HTML) 2 Page - ON Semiconductor

  7SB384DTT1G Datasheet HTML 1Page - ON Semiconductor 7SB384DTT1G Datasheet HTML 2Page - ON Semiconductor 7SB384DTT1G Datasheet HTML 3Page - ON Semiconductor 7SB384DTT1G Datasheet HTML 4Page - ON Semiconductor 7SB384DTT1G Datasheet HTML 5Page - ON Semiconductor 7SB384DTT1G Datasheet HTML 6Page - ON Semiconductor 7SB384DTT1G Datasheet HTML 7Page - ON Semiconductor 7SB384DTT1G Datasheet HTML 8Page - ON Semiconductor 7SB384DTT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
7SB384
http://onsemi.com
2
Table 1. MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
−0.5 to +7.0
V
VIN
Control Pin Input Voltage
−0.5 to +7.0
V
VI/O
Switch Input / Output Voltage
−0.5 to +7.0
V
IIK
Control Pin DC Input Diode Current
VIN < GND
−50
mA
IOK
Switch I/O Port DC Diode Current
VI/O < GND
−50
mA
IO
On−State Switch Current
±128
mA
Continuous Current Through VCC or GND
±150
mA
ICC
DC Supply Current per Supply Pin
±150
mA
IGND
DC Ground Current per Ground Pin
±150
mA
TSTG
Storage Temperature Range
−65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
°C
TJ
Junction Temperature Under Bias
150
°C
qJA
Thermal Resistance
SC70−5/SC−88A (Note 1)
TSOP−5
ULLGA6/UDFN6
350
230
496
°C/W
PD
Power Dissipation in Still Air at 85°C
SC70−5/SC−88A (Note 1)
TSOP−5
ULLGA6/UDFN6
150
200
252
mW
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
VESD
ESD Withstand Voltage
Human Body Mode (Note 2)
Machine Mode (Note 3)
Charged Device Mode (Note 4)
>2000
>200
N/A
V
ILATCHUP
Latchup Performance Above VCC and Below GND at 85°C (Note 5)
±100
mA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Measured with minimum pad spacing on an FR4 board, using 10 mm−by−1 inch, 2 ounce copper trace no air flow.
2. Tested to EIA/ JESD22−A114−A
3. Tested to EIA/ JESD22−A115−A
4. Tested to JESD22−C101−A
5. Tested to EIA / JESD78.
Table 2. RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Positive DC Supply Voltage
4.0
5.5
V
VI
Control Pin Input Voltage
0
5.5
V
VI/O
Switch Input / Output Voltage
0
5.5
V
TA
Operating Free−Air Temperature
−55
+125
°C
Dt / DV
Input Transition Rise or Fall Rate
Control Input
Switch I/O
0
0
5
DC
nS/V


Similar Part No. - 7SB384DTT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
7SB385 ONSEMI-7SB385 Datasheet
139Kb / 10P
   Bus Switch 3 Switch Connection Between 2 Ports 3  Switch Connection Between 2 Ports
March, 2011 ??Rev. 2
7SB385AMX1TCG ONSEMI-7SB385AMX1TCG Datasheet
139Kb / 10P
   Bus Switch 3 Switch Connection Between 2 Ports 3  Switch Connection Between 2 Ports
March, 2011 ??Rev. 2
7SB385BMX1TCG ONSEMI-7SB385BMX1TCG Datasheet
139Kb / 10P
   Bus Switch 3 Switch Connection Between 2 Ports 3  Switch Connection Between 2 Ports
March, 2011 ??Rev. 2
7SB385CMX1TCG ONSEMI-7SB385CMX1TCG Datasheet
139Kb / 10P
   Bus Switch 3 Switch Connection Between 2 Ports 3  Switch Connection Between 2 Ports
March, 2011 ??Rev. 2
7SB385DFT2G ONSEMI-7SB385DFT2G Datasheet
139Kb / 10P
   Bus Switch 3 Switch Connection Between 2 Ports 3  Switch Connection Between 2 Ports
March, 2011 ??Rev. 2
More results

Similar Description - 7SB384DTT1G

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
N4915A-005 HP-N4915A-005 Datasheet
173Kb / 4P
   Bus Switch
logo
ON Semiconductor
7SB3125 ONSEMI-7SB3125 Datasheet
147Kb / 10P
   Bus Switch
September, 2010 ??Rev. 1
7SB3126 ONSEMI-7SB3126 Datasheet
146Kb / 10P
   Bus Switch
September, 2010 ??Rev. 1
7WB383 ONSEMI-7WB383 Datasheet
169Kb / 12P
   Bus Exchange Switch
April, 2010 ??Rev. 0
logo
Toshiba Semiconductor
TC7MB3244FK TOSHIBA-TC7MB3244FK_07 Datasheet
166Kb / 6P
   Octal Bus Switch
TC7MBD3244AFK TOSHIBA-TC7MBD3244AFK Datasheet
197Kb / 7P
   Octal Bus Switch
TC7MBD3245AFK TOSHIBA-TC7MBD3245AFK_07 Datasheet
178Kb / 7P
   Octal Bus Switch
logo
NXP Semiconductors
74CBTLV1G125 PHILIPS-74CBTLV1G125 Datasheet
121Kb / 18P
   Single bus switch
Rev. 01-2 February 2007
logo
Fairchild Semiconductor
FST3125 FAIRCHILD-FST3125 Datasheet
123Kb / 6P
   Quad Bus Switch
logo
PHOENIX CONTACT
5088A PHOENIX-5088A Datasheet
120Kb / 4P
   Remote Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com