Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT46V4M32 Datasheet(PDF) 6 Page - Micron Technology

Part # MT46V4M32
Description  DOUBLE DATA RATE DDR SDRAM
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT46V4M32 Datasheet(HTML) 6 Page - Micron Technology

Back Button MT46V4M32 Datasheet HTML 2Page - Micron Technology MT46V4M32 Datasheet HTML 3Page - Micron Technology MT46V4M32 Datasheet HTML 4Page - Micron Technology MT46V4M32 Datasheet HTML 5Page - Micron Technology MT46V4M32 Datasheet HTML 6Page - Micron Technology MT46V4M32 Datasheet HTML 7Page - Micron Technology MT46V4M32 Datasheet HTML 8Page - Micron Technology MT46V4M32 Datasheet HTML 9Page - Micron Technology MT46V4M32 Datasheet HTML 10Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
6
128Mb: x32 DDR SDRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
4M32DDR_B.p65 – Rev. B, Pub. 7/02
©2002, Micron Technology, Inc.
128Mb: x32
DDR SDRAM
ADVANCE
38, 39, 40, 41, 42, 43, 44
NC
No Connect: These pins should be left unconnected.
87, 88, 90
91
DNU
Do Not Use: Must float to minimize noise.
93
NC/RFU
Reserved for Future Use
52
NC (MCL)
No Connect: Not internally connected. Must Connect LOW (for
compatibility with SGRAM devices).
2, 8, 14, 22, 59, 67, 73,
VDDQ
Supply
DQ Power Supply: +2.5V ±0.125V. Isolated on the die for
79, 86, 95
improved noise immunity. 1.8V option
5, 11, 19, 62, 70, 76,
VSSQ
Supply
DQ Ground. Isolated on the die for improved noise immunity.
82, 92, 99
15, 35, 65, 96
VDD
Supply
Power Supply: +2.5V ±0.125V.
16, 46, 66, 85
VSS
Supply
Ground.
58
VREF
Supply
SSTL_2 reference voltage.
PIN DESCRIPTIONS (continued)
TQFP PIN NUMBERS
SYMBOL
TYPE
DESCRIPTION
NOTE: 1. NC pins not listed may also be reserved for other uses now or in the future. This table simply defines specific NC pins
deemed to be of importance.
FBGA BALLOUT
DQS0
DM0
VSSQ
VSSQ
DQ21
DQ10
VDDQ
DQ15
DQ16
VSS
DQ26
VDD
VDDQ
VDDQ
DQ4
DQ3
VSSQ
DM2
DM1
DQS2
DQS1
DQ22
DQ8
VSSQ
VSSQ
NC
VDDQ
DQ1
DQ6
DQ2
A2
DQ0
VDDQ
CS#
VDDQ
DQ31
VDDQ DQ30
VSSQ
DQ29
DSF/MCL
DQ24
DQ7
VSSQ
DQ28
VSSQ
DM3
DQS3
DQ27
DQ5
NC
VSSQVDD
123456789
10
11
12
VSSQVSSQ
DQ25
A
B
C
D
E
F
G
H
J
K
L
M
VDDQVDD
VDDQ
VSS
VSSQVSS
VSS
VSS
A11
A3
A4
A9
A5
CK#
VDD
CKE
VDD
VSS
VSSQ
VSSQVSS
VSSQ
RFU
CAS#
VDDQ
VDD
DQ17
VSSQ
DQ14
VDDQ
RAS#
DQ19
DQ18 VDDQ
VSSQ
VSS/
θ1
VSS/
θ1
VSS/
θ1
VSS/
θ1
VSS/
θ1
VSS/
θ1
VSS/
θ1
VSS/
θ1
VSS/
θ1
VSS/
θ1
VSS/
θ1
VSS/
θ1
VSS/
θ1
VSS/
θ1
VSS/
θ1
VSS/
θ1
VDDQ
NC
DQ20
DQ23
WE#
NC
NC
VDDQ
VDD
NC
BA0
VSSQVSS
BA1
A0
VSS
VSSQ
VSSQ
DQ13
DQ12
NC
VDDQ DQ11
VDDQ
DQ9
VREF
A1
A6
A7
A8/AP
NC
NC
CK
VSS
RFU
VDD
A10
3
2
NOTE: 1. This package uses 4 DQS lines


Similar Part No. - MT46V4M32

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT46V128M4 MICRON-MT46V128M4 Datasheet
2Mb / 68P
   DOUBLE DATA RATE DDR SDRAM
MT46V128M4 MICRON-MT46V128M4 Datasheet
3Mb / 91P
   512Mb: x4, x8, x16 DDR SDRAM Features
MT46V128M4 MICRON-MT46V128M4 Datasheet
1Mb / 93P
   512Mb: x4, x8, x16 Double Data Rate SDRAM Features
MT46V128M4 MICRON-MT46V128M4 Datasheet
1Mb / 93P
   512Mb: x4, x8, x16 Double Data Rate (DDR) SDRAM SDRAM Features
MT46V128M4TG-75 MICRON-MT46V128M4TG-75 Datasheet
2Mb / 68P
   DOUBLE DATA RATE DDR SDRAM
More results

Similar Description - MT46V4M32

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAA32M4 ETC1-SAA32M4 Datasheet
256Kb / 13P
   DOUBLE DATA RATE (DDR) SDRAM
logo
Micron Technology
MT46V32M8P-5BK MICRON-MT46V32M8P-5BK Datasheet
4Mb / 91P
   Double Data Rate (DDR) SDRAM
MT46V64M4 MICRON-MT46V64M4 Datasheet
152Kb / 8P
   DOUBLE DATA RATE DDR SDRAM
logo
Alliance Semiconductor ...
MT46V32M16CV-5B ALSC-MT46V32M16CV-5B Datasheet
1Mb / 93P
   Double Data Rate (DDR) SDRAM
logo
Micron Technology
MT46V64M4 MICRON-MT46V64M4_1 Datasheet
3Mb / 93P
   Double Data Rate (DDR) SDRAM
MT46V32M4-1 MICRON-MT46V32M4-1 Datasheet
2Mb / 68P
   DOUBLE DATA RATE DDR SDRAM
MT46V128M4 MICRON-MT46V128M4 Datasheet
2Mb / 68P
   DOUBLE DATA RATE DDR SDRAM
MT46V2M32V1 MICRON-MT46V2M32V1 Datasheet
2Mb / 65P
   DOUBLE DATA RATE DDR SDRAM
MT46V256M4 MICRON-MT46V256M4 Datasheet
2Mb / 74P
   DOUBLE DATA RATE (DDR) SDRAM
MT46V16M8 MICRON-MT46V16M8 Datasheet
166Kb / 9P
   DOUBLE DATA RATE DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com