Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT46V16M8 Datasheet(PDF) 5 Page - Micron Technology

Part # MT46V16M8
Description  DOUBLE DATA RATE DDR SDRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT46V16M8 Datasheet(HTML) 5 Page - Micron Technology

  MT46V16M8 Datasheet HTML 1Page - Micron Technology MT46V16M8 Datasheet HTML 2Page - Micron Technology MT46V16M8 Datasheet HTML 3Page - Micron Technology MT46V16M8 Datasheet HTML 4Page - Micron Technology MT46V16M8 Datasheet HTML 5Page - Micron Technology MT46V16M8 Datasheet HTML 6Page - Micron Technology MT46V16M8 Datasheet HTML 7Page - Micron Technology MT46V16M8 Datasheet HTML 8Page - Micron Technology MT46V16M8 Datasheet HTML 9Page - Micron Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
128Mb: x8DDR400 SDRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
128Mbx8DDR400.p65 – Rev. A (1/30/02-B)
©2002, Micron Technology, Inc.
128Mb: x8
DDR400 SDRAM Addendum
PREVIEW
READ LATENCY
The READ latency is the delay, in clock cycles,
between the registration of a READ command and the
availability of the first bit of output data. The latency
should be set to 3 clocks, as shown in the CAS Latency
Diagram and Mode Register Definition Diagram.
If a READ command is registered at clock edge n,
and the latency is m clocks, the data will be available
nominally coincident with clock edge n + m.
Reserved states should not be used as unknown
operation or incompatibility with future versions may
result.
CK
CK#
COMMAND
DQ
DQS
CL = 3
READ
NOP
NOP
NOP
Burst Length = 4 in the cases shown
Shown with nominal tAC and nominal tDSDQ
T0
T1
T2
T2n
T3
T3n
DON’T CARE
TRANSITIONING DATA
CAS Latency
Diagram
Mode Register Definition
Diagram
M3 = 0
Reserved
2
4
8
Reserved
Reserved
Reserved
Reserved
M3 = 1
Reserved
2
4
8
Reserved
Reserved
Reserved
Reserved
Operating Mode
Normal Operation
Normal Operation/Reset DLL
All other states reserved
0
1
-
0
0
-
0
0
-
0
0
-
0
0
-
Valid
Valid
-
0
1
Burst Type
Sequential
Interleaved
CAS Latency
Reserved
Reserved
Reserved
3
Reserved
Reserved
Reserved
Reserved
Burst Length
M0
0
1
0
1
0
1
0
1
Burst Length
CAS Latency BT
0*
A9
A7 A6 A5 A4 A3
A8
A2 A1 A0
Mode Register (Mx)
Address Bus
97
6
5
4
3
82
1
0
M1
0
0
1
1
0
0
1
1
M2
0
0
0
0
1
1
1
1
M3
M4
0
1
0
1
0
1
0
1
M5
0
0
1
1
0
0
1
1
M6
0
0
0
0
1
1
1
1
M6-M0
M8 M7
Operating Mode
A10
BA0 A11
BA1
10
11
12
13
0*
* M13 and M12 (BA0 and BA1)
must be “0, 0” to select the
base mode register (vs. the
extended mode register).
M9
M10
M11


Similar Part No. - MT46V16M8

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT46V16M8 MICRON-MT46V16M8 Datasheet
154Kb / 8P
   DOUBLE DATA RATE DDR SDRAM
MT46V16M8TG-75 MICRON-MT46V16M8TG-75 Datasheet
2Mb / 68P
   DOUBLE DATA RATE DDR SDRAM
MT46V16M8TG-75L MICRON-MT46V16M8TG-75L Datasheet
2Mb / 68P
   DOUBLE DATA RATE DDR SDRAM
MT46V16M8TG-75Z MICRON-MT46V16M8TG-75Z Datasheet
2Mb / 68P
   DOUBLE DATA RATE DDR SDRAM
MT46V16M8TG-75ZL MICRON-MT46V16M8TG-75ZL Datasheet
2Mb / 68P
   DOUBLE DATA RATE DDR SDRAM
More results

Similar Description - MT46V16M8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAA32M4 ETC1-SAA32M4 Datasheet
256Kb / 13P
   DOUBLE DATA RATE (DDR) SDRAM
logo
Micron Technology
MT46V32M8P-5BK MICRON-MT46V32M8P-5BK Datasheet
4Mb / 91P
   Double Data Rate (DDR) SDRAM
MT46V64M4 MICRON-MT46V64M4 Datasheet
152Kb / 8P
   DOUBLE DATA RATE DDR SDRAM
MT46V4M32 MICRON-MT46V4M32 Datasheet
1Mb / 66P
   DOUBLE DATA RATE DDR SDRAM
logo
Alliance Semiconductor ...
MT46V32M16CV-5B ALSC-MT46V32M16CV-5B Datasheet
1Mb / 93P
   Double Data Rate (DDR) SDRAM
logo
Micron Technology
MT46V64M4 MICRON-MT46V64M4_1 Datasheet
3Mb / 93P
   Double Data Rate (DDR) SDRAM
MT46V32M4-1 MICRON-MT46V32M4-1 Datasheet
2Mb / 68P
   DOUBLE DATA RATE DDR SDRAM
MT46V128M4 MICRON-MT46V128M4 Datasheet
2Mb / 68P
   DOUBLE DATA RATE DDR SDRAM
MT46V2M32V1 MICRON-MT46V2M32V1 Datasheet
2Mb / 65P
   DOUBLE DATA RATE DDR SDRAM
MT46V256M4 MICRON-MT46V256M4 Datasheet
2Mb / 74P
   DOUBLE DATA RATE (DDR) SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com