Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT28F320J3FS-12 Datasheet(PDF) 10 Page - Micron Technology

Part # MT28F320J3FS-12
Description  Q-FLASHTM MEMORY
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT28F320J3FS-12 Datasheet(HTML) 10 Page - Micron Technology

Back Button MT28F320J3FS-12 Datasheet HTML 6Page - Micron Technology MT28F320J3FS-12 Datasheet HTML 7Page - Micron Technology MT28F320J3FS-12 Datasheet HTML 8Page - Micron Technology MT28F320J3FS-12 Datasheet HTML 9Page - Micron Technology MT28F320J3FS-12 Datasheet HTML 10Page - Micron Technology MT28F320J3FS-12 Datasheet HTML 11Page - Micron Technology MT28F320J3FS-12 Datasheet HTML 12Page - Micron Technology MT28F320J3FS-12 Datasheet HTML 13Page - Micron Technology MT28F320J3FS-12 Datasheet HTML 14Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
10
128Mb, 64Mb, 32Mb Q-Flash Memory
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT28F640J3_7.p65 – Rev. 6, Pub. 8/02
©2002, Micron Technology, Inc.
128Mb, 64Mb, 32Mb
Q-FLASH MEMORY
Table 3
Bus Operations
CE0, CE1,
STS DEFAULT
MODE
RP#
CE21
OE#2 WE#2
ADDRESS
VPEN
DQ 3
MODE
NOTES
Read Array
VIH
Enabled
VIL
VIH
XX
DOUT
High-Z4
5, 6, 7
Output Disable
VIH
Enabled
VIH
VIH
X
X
High-Z
X
Standby
VIH
Disabled
X
X
X
X
High-Z
X
Reset/Power-Down
VIL
X
X
X
X
X
High-Z
High-Z4
Mode
Read Identifier Codes
VIH
Enabled
VIL
VIH
See
X
Note 8
High-Z4
Figure 2
Read Query
VIH
Enabled
VIL
VIH
See
X
Note 9
High-Z4
Table 7
Read Status (ISM off)
VIH
Enabled
VIL
VIH
XX
DOUT
Read Status (ISM on)
VIH
Enabled
VIL
VIH
XX
DQ7
DOUT
DQ15–DQ8
High-Z
DQ6–DQ0
High-Z
Write
VIH
Enabled
VIH
VIL
XVPENH
DIN
X
7, 10, 11
NOTE: 1. See Table 2 for valid CE configurations.
2. OE# and WE# should never be enabled simultaneously.
3. DQ refers to DQ0–DQ7 if BYTE# is LOW and DQ0–DQ15 if BYTE# is HIGH.
4. High-Z is VOH with an external pull-up resistor.
5. Refer to DC Characteristics. When VPEN
≤ VPENLK, memory contents can be read, but not altered.
6. X can be VIL or VIH for control and address pins, and VPENLK or VPENH for VPEN. See DC Characteristics for VPENLK and
VPENH voltages.
7. In default mode, STS is VOL when the ISM is executing internal block erase, program, or lock bit configuration
algorithms. It is VOH when the ISM is not busy, in block erase suspend mode (with programming inactive), program
suspend mode, or reset/power-down mode.
8. See Read Identifier Codes section for read identifier code data.
9. See Read Query Mode Command section for read query data.
10. Command writes involving block erase, program, or lock bit configuration are reliably executed when VPEN = VPENH and
VCC is within specification.
11. Refer to Table 4 for valid DIN during a WRITE operation.


Similar Part No. - MT28F320J3FS-12

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
   FLASH MEMORY
More results

Similar Description - MT28F320J3FS-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L6402A MCNIX-MX25L6402A Datasheet
457Kb / 30P
   64M-BIT [x 1] CMOS SERIAL eLite FlashTM MEMORY
MX25L6402 MCNIX-MX25L6402 Datasheet
312Kb / 24P
   64M-BIT [x 1] CMOS SERIAL eLite FlashTM MEMORY
logo
PHOENIX CONTACT
2902828 PHOENIX-2902828 Datasheet
50Kb / 1P
   Configuration memory - RAD-MEMORY
logo
NXP Semiconductors
MWCT101XSF NXP-MWCT101XSF Datasheet
1Mb / 65P
   Memory and memory interfaces
Rev. 3, 12/2019
logo
PHOENIX CONTACT
1105142 PHOENIX-1105142 Datasheet
50Kb / 2P
   Configuration memory - PSR-M-MEMORY
logo
ITT Industries
CCM05-5774T60 ITT-CCM05-5774T60 Datasheet
159Kb / 3P
   Memory Stick & Memory Stick Duo
logo
ebm-papst
M4Q045-BD03-04 EBMPAPST-M4Q045-BD03-04 Datasheet
1Mb / 5P
   Q-MOTORS
logo
Holtek Semiconductor In...
HT83004 HOLTEK-HT83004 Datasheet
263Kb / 40P
   Q-VoiceTM
HT83XXX HOLTEK-HT83XXX_07 Datasheet
269Kb / 39P
   Q-Voice
logo
Fujitsu Component Limit...
MB85R256 FUJITSU-MB85R256 Datasheet
153Kb / 12P
   Memory FRAM(Ferroelectric Random Access Memory)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com