Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT28S4M16LC Datasheet(PDF) 11 Page - Micron Technology

Part # MT28S4M16LC
Description  SYNCFLASH MEMORY
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT28S4M16LC Datasheet(HTML) 11 Page - Micron Technology

Back Button MT28S4M16LC Datasheet HTML 7Page - Micron Technology MT28S4M16LC Datasheet HTML 8Page - Micron Technology MT28S4M16LC Datasheet HTML 9Page - Micron Technology MT28S4M16LC Datasheet HTML 10Page - Micron Technology MT28S4M16LC Datasheet HTML 11Page - Micron Technology MT28S4M16LC Datasheet HTML 12Page - Micron Technology MT28S4M16LC Datasheet HTML 13Page - Micron Technology MT28S4M16LC Datasheet HTML 14Page - Micron Technology MT28S4M16LC Datasheet HTML 15Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
COMMANDS
Truth Table 2 provides a quick reference of available commands
for flash memory interface operation. A written description of each
command is found in the Flash Memory Functional Description sec-
tion.
TRUTH TABLE 2
FLASH MEMORY COMMAND SEQUENCES
(Notes: 1, 2, 3, 4, 5; see notes on the next page.)
FIRST CYCLE
SECOND CYCLE
THIRD CYCLE
BANK
BANK
BANK
OPERATION
CMD
ADDR6 ADDR
DQ
RP#
CMD7
ADDR ADDR
DQ
RP#
CMD
ADDR ADDR
DQ8
RP#
NOTES
READ DEVICE CONFIGURATION
LCR
90h
Bank
X
H
ACTIVE
Row
Bank
X
H
READ
CA
Bank
X
H
9, 10
READ STATUS REGISTER
LCR
70h
X
X
H
ACTIVE
X
X
X
H
READ
X
X
X
H
CLEAR STATUS REGISTER
LCR
50h
X
X
H
ERASE SETUP/CONFIRM
LCR
20h
Bank
X
H
ACTIVE
Row
Bank
X
H
WRITE
X
Bank
D0h
H/VHH 11, 12, 13
PROGRAM SETUP/PROGRAM
LCR
40h
Bank
X
H
ACTIVE
Row
Bank
X
H
WRITE
Col
Bank
DIN
H/VHH 11, 12, 13
PROTECT BLOCK/CONFIRM
LCR
60h
Bank
X
H
ACTIVE
Row
Bank
X
H
WRITE
X
Bank
01h
H/VHH
11, 12,
13, 14
PROTECT DEVICE/CONFIRM
LCR
60h
Bank
X
H
ACTIVE
X
Bank
X
H
WRITE
X
Bank
F1h
VHH
11, 12
UNPROTECT BLOCKS/CONFIRM
LCR
60h
Bank
X
H
ACTIVE
X
Bank
X
H
WRITE
X
Bank
D0h
H/VHH
11, 12,
13, 15
ERASE NVMODE REGISTER
LCR
30h
Bank
X
H
ACTIVE
X
Bank
X
H
WRITE
X
Bank
C0h
H
11, 12
PROGRAM NVMODE REGISTER
LCR
A0h
Bank
X
H
ACTIVE
X
Bank
X
H
WRITE
X
Bank
X
H
11, 12


Similar Part No. - MT28S4M16LC

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28S4M16B1LC MICRON-MT28S4M16B1LC Datasheet
1Mb / 60P
   SYNCFLASH MEMORY
MT28S4M16B1LL MICRON-MT28S4M16B1LL Datasheet
1Mb / 58P
   SYNCFLASH MEMORY
More results

Similar Description - MT28S4M16LC

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28S4M16B1LL MICRON-MT28S4M16B1LL Datasheet
1Mb / 58P
   SYNCFLASH MEMORY
MT28S4M16B1LC MICRON-MT28S4M16B1LC Datasheet
1Mb / 60P
   SYNCFLASH MEMORY
logo
PHOENIX CONTACT
2902828 PHOENIX-2902828 Datasheet
50Kb / 1P
   Configuration memory - RAD-MEMORY
logo
NXP Semiconductors
MWCT101XSF NXP-MWCT101XSF Datasheet
1Mb / 65P
   Memory and memory interfaces
Rev. 3, 12/2019
logo
PHOENIX CONTACT
1105142 PHOENIX-1105142 Datasheet
50Kb / 2P
   Configuration memory - PSR-M-MEMORY
logo
ITT Industries
CCM05-5774T60 ITT-CCM05-5774T60 Datasheet
159Kb / 3P
   Memory Stick & Memory Stick Duo
logo
Fujitsu Component Limit...
MB85R256 FUJITSU-MB85R256 Datasheet
153Kb / 12P
   Memory FRAM(Ferroelectric Random Access Memory)
logo
List of Unclassifed Man...
KVR8X72V84-50EG ETC1-KVR8X72V84-50EG Datasheet
48Kb / 1P
   Memory Module Specification (EDO Memory Module)
logo
Rohm
BR34E02FVT-3 ROHM-BR34E02FVT-3 Datasheet
403Kb / 20P
   Memory for Plug & Play DDR2/DDR3 SPD Memory (for Memory Modules)
logo
Micron Technology
MT28F002B3 MICRON-MT28F002B3 Datasheet
558Kb / 31P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com