Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT28S2M32B1LL Datasheet(PDF) 2 Page - Micron Technology

Part # MT28S2M32B1LL
Description  SYNCFLASH MEMORY
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT28S2M32B1LL Datasheet(HTML) 2 Page - Micron Technology

  MT28S2M32B1LL Datasheet HTML 1Page - Micron Technology MT28S2M32B1LL Datasheet HTML 2Page - Micron Technology MT28S2M32B1LL Datasheet HTML 3Page - Micron Technology MT28S2M32B1LL Datasheet HTML 4Page - Micron Technology MT28S2M32B1LL Datasheet HTML 5Page - Micron Technology MT28S2M32B1LL Datasheet HTML 6Page - Micron Technology MT28S2M32B1LL Datasheet HTML 7Page - Micron Technology MT28S2M32B1LL Datasheet HTML 8Page - Micron Technology MT28S2M32B1LL Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
2
64Mb: x16, x32 SyncFlash
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT28S4M16B1LL.p65 – Rev. 1, Pub. 5/02
©2002, Micron Technology, Inc.
64Mb: x16, x32
SYNCFLASH MEMORY
ADVANCE
GENERAL DESCRIPTION
This 64Mb SyncFlash® data sheet is divided into
two major sections. The SDRAM Interface Functional
Description details compatibility with the SDRAM
memory, and the Flash Memory Functional Descrip-
tion specifies the symmetrical-sectored Flash architec-
ture and functional commands.
The 64Mb SyncFlash devices are nonvolatile, elec-
trically sector-erasable (Flash), programmable read-
only memory containing 67,108,864 bits. Each of the
x16’s 16,777,216-bit banks is organized as 4,096 rows
by 256 columns by 16 bits. Each of the x32’s 16,777,216-
bit banks is organized as 2,048 rows by 256 columns by
32 bits.
The 64Mb devices are organized into 16 indepen-
dently erasable blocks. To ensure that critical firmware
is protected from accidental erasure or overwrite, this
device features sixteen (x32: 128K-Dword; x16: 256K-
word) hardware and software-lockable blocks.
A four-bank architecture supports true concurrent
operations. A read access to any bank can occur simul-
taneously with a background PROGRAM or ERASE op-
eration to any other bank.
SyncFlash memory has a synchronous interface (all
signals are registered on the positive edge of the clock
signal, CLK). Read accesses to the memory are burst
oriented; accesses start at a selected location and con-
tinue for a programmed number of locations in a pro-
grammed sequence. Accesses begin with the registra-
tion of an ACTIVE command, followed by a READ com-
mand. The address bits registered coincident with the
ACTIVE command are used to select the bank and row
to be accessed. The address bits registered coincident
with the READ command are used to select the starting
column location for the burst access.
The 64Mb devices provide for programmable read
burst lengths of 1, 2, 4, or 8 locations, or the full page,
with a burst terminate option. The x16 device features
an 8-word internal write buffer and the x32 features an
8-Dword internal write buffer that support mode regis-
ter programmed burst write compatibility of 1, 2, 4, or 8
locations.
SyncFlash memory uses an internal pipelined archi-
tecture to achieve high-speed operation.
The 64Mb devices are designed to operate in 3.3V
VCC and 1.8V VCCQ, low-power memory systems. A deep
power-down mode is provided, along with a power-
saving standby mode. All inputs and outputs are
LVTTL-compatible.
SyncFlash memory offers substantial advances in
Flash operating performance, including the ability to
synchronously burst data at a high data rate with auto-
matic column-address generation and the capability
to randomly change column addresses on each clock
cycle during a burst access.
All Flash operations are performed using either a
hardware command sequence (HCS) or a software com-
mand sequence (SCS). The HCS operations are used
by memory controllers with native SyncFlash support.
Standard SDRAM controllers can use SCS operation to
perform Flash operations.
Please refer to Micron’s Web site (www.micron.com/
syncflash) for the latest data sheet.


Similar Part No. - MT28S2M32B1LL

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28S2M32B1LC MICRON-MT28S2M32B1LC Datasheet
1Mb / 60P
   SYNCFLASH MEMORY
More results

Similar Description - MT28S2M32B1LL

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28S4M16B1LC MICRON-MT28S4M16B1LC Datasheet
1Mb / 60P
   SYNCFLASH MEMORY
MT28S4M16LC MICRON-MT28S4M16LC Datasheet
993Kb / 48P
   SYNCFLASH MEMORY
logo
PHOENIX CONTACT
2902828 PHOENIX-2902828 Datasheet
50Kb / 1P
   Configuration memory - RAD-MEMORY
logo
NXP Semiconductors
MWCT101XSF NXP-MWCT101XSF Datasheet
1Mb / 65P
   Memory and memory interfaces
Rev. 3, 12/2019
logo
PHOENIX CONTACT
1105142 PHOENIX-1105142 Datasheet
50Kb / 2P
   Configuration memory - PSR-M-MEMORY
logo
ITT Industries
CCM05-5774T60 ITT-CCM05-5774T60 Datasheet
159Kb / 3P
   Memory Stick & Memory Stick Duo
logo
Fujitsu Component Limit...
MB85R256 FUJITSU-MB85R256 Datasheet
153Kb / 12P
   Memory FRAM(Ferroelectric Random Access Memory)
logo
List of Unclassifed Man...
KVR8X72V84-50EG ETC1-KVR8X72V84-50EG Datasheet
48Kb / 1P
   Memory Module Specification (EDO Memory Module)
logo
Rohm
BR34E02FVT-3 ROHM-BR34E02FVT-3 Datasheet
403Kb / 20P
   Memory for Plug & Play DDR2/DDR3 SPD Memory (for Memory Modules)
logo
Micron Technology
MT28F002B3 MICRON-MT28F002B3 Datasheet
558Kb / 31P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com