Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C11204-01 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # C11204-01
Description  Bias power supply with built-in high precision temperature compensation for MPPCs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C11204-01 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  C11204-01_15 Datasheet HTML 1Page - Hamamatsu Corporation C11204-01_15 Datasheet HTML 2Page - Hamamatsu Corporation C11204-01_15 Datasheet HTML 3Page - Hamamatsu Corporation C11204-01_15 Datasheet HTML 4Page - Hamamatsu Corporation C11204-01_15 Datasheet HTML 5Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Power supply for MPPC®
C11204-01
Bias power supply with built-in high precision
temperature compensation for MPPCs
1
www.hamamatsu.com
Absolute maximum ratings
Parameter
Symbol
Condition
Value
Unit
Supply voltage
Vs
6
V
Operating temperature
Topr
No condensation
0 to +50
°C
Storage temperature
Tstg
No condensation
-20 to +70
°C
Note: Exceeding the absolute maximum ratings even momentarily may cause a drop in product quality. Always be sure to use the
product within the absolute maximum ratings.
Electrical characteristics (Typ. Ta=25 °C, Vs=+5 V, unless otherwise noted)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply voltage
Vs
4.75
5
5.25
V
Current consumption
Icc
Vo=72 V, no load
-
20
-
mA
Output voltage
Vo
No load
-
50 to 90
-
V
Output current
Io
0
-
2
mA
Ripple noise*2
Vn
Vo=72 V, no load
-
0.1
0.2
mVp-p
Setting precision
-
Vo=72 V, no load
-
±10
-
mV
Setting resolution
-
-
1.8
-
mV
Temperature stability
-
25 ± 10 °C
Vo=72 V, no load
-
±10
-
ppm/°C
Interface*3
-
Serial communication
-
*2: Using the recommended circuit
*3: To control the C11204-01 from a PC, we recommend that you use the C12332 driver circuit (starter kit) for MPPC
(sold separately, C11204-01 built in).
*1: No load, using the recommended circuit
The C11204-01 is a high voltage power supply that is optimized for MPPCs (multi-pixel photon counters). It can output up to
90 V. It contains a temperature compensation function that constantly optimizes the MPPC operation even in environments
with varying temperatures. It also has built-in output voltage monitor and output current monitor. All functions can be con-
trolled from a PC via its serial interface (UART).
Power supply for MPPCs
Wide output voltage range: 50 V to 90 V
Low ripple noise*1: 0.1 mVp-p typ.
Superb temperature stability: ±10 ppm/°C typ.
Finely adjustable resolution (in 1.8 mV steps)
Serial interface
Features
Applications


Similar Part No. - C11204-01_15

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
C1120275 HUBBELL-C1120275 Datasheet
368Kb / 1P
   Anchor, Bumper Post, 3.5inX 84in
logo
Hamamatsu Corporation
C11202 HAMAMATSU-C11202_15 Datasheet
380Kb / 5P
   Single pixel photon counting module for low-light-level detection
C11209-110 HAMAMATSU-C11209-110_15 Datasheet
610Kb / 4P
   Optical measurement modules for low-level light detection
More results

Similar Description - C11204-01_15

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SAP16N SANKEN-SAP16N Datasheet
36Kb / 1P
   Built-in temperature compensation diodes
SAP09P SANKEN-SAP09P Datasheet
45Kb / 1P
   BUILT-IN TEMPERATURE COMPENSATION DIODES
SAP16P SANKEN-SAP16P Datasheet
36Kb / 1P
   Built-in temperature compensation diodes
logo
Hamamatsu Corporation
S13360 HAMAMATSU-S13360_15 Datasheet
911Kb / 12P
   MPPCs for precision measurement
logo
Sanken electric
SAP09N SANKEN-SAP09N Datasheet
46Kb / 1P
   BUILT-IN TEMPERATURE COMPENSATION DIODES / BUILT-IN EMITTER RESISTOR DARLINGTON
SAP15P SANKEN-SAP15P Datasheet
135Kb / 6P
   Darlington transistors with built-in temperature compensation diodes for audio amplifier applications
STD03P SANKEN-STD03P Datasheet
393Kb / 8P
   Darlington Transistor with built-in compensation diodes
logo
Maxim Integrated Produc...
MAX1729 MAXIM-MAX1729 Datasheet
158Kb / 12P
   ECB and LCD Display Bias Supply with Accurate Output Voltage and Temperature Compensation
19-1406; Rev 1; 1/99
logo
ON Semiconductor
ADT7421 ONSEMI-ADT7421 Datasheet
256Kb / 20P
   Precision Temperature Sensor with Beta Compensation (for <45 nm Geometries)
January, 2010 ??Rev. 5
logo
Maxim Integrated Produc...
MAX6693 MAXIM-MAX6693 Datasheet
172Kb / 19P
   7-Channel Precision Temperature Monitor with Beta Compensation
Rev 0; 5/08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com