Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT28F642D18 Datasheet(PDF) 10 Page - Micron Technology

Part # MT28F642D18
Description  FLASH MEMORY
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT28F642D18 Datasheet(HTML) 10 Page - Micron Technology

Back Button MT28F642D18 Datasheet HTML 6Page - Micron Technology MT28F642D18 Datasheet HTML 7Page - Micron Technology MT28F642D18 Datasheet HTML 8Page - Micron Technology MT28F642D18 Datasheet HTML 9Page - Micron Technology MT28F642D18 Datasheet HTML 10Page - Micron Technology MT28F642D18 Datasheet HTML 11Page - Micron Technology MT28F642D18 Datasheet HTML 12Page - Micron Technology MT28F642D18 Datasheet HTML 13Page - Micron Technology MT28F642D18 Datasheet HTML 14Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
10
4 Meg x 16 Async/Page/Burst Flash Memory
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT28F642D18_3.p65 – Rev. 3, Pub. 8/02
©2002, Micron Technology, Inc.
4 MEG x 16
ASYNC/PAGE/BURST FLASH MEMORY
ADVANCE
Table 4
Command Definitions
FIRST BUS CYCLE
SECOND BUS CYCLE
COMMAND
OPERATION ADDRESS1
DATA
OPERATION ADDRESS1
DATA
READ ARRAY
WRITE
WA
FFh
READ PROTECTION CONFIGURATION REGISTER
WRITE
IA
90h
READ
IA
ID
READ STATUS REGISTER
WRITE
BA
70h
READ
X
SRD
CLEAR STATUS REGISTER
WRITE
BA
50h
READ QUERY
WRITE
QA
98h
READ
QA
QD
BLOCK ERASE SETUP
WRITE
BA
20h
WRITE
BA
D0h
PROGRAM SETUP
WRITE
WA
40h
WRITE
WA
WD
ACCELERATED PROGRAMMING ALGORITHM (APA)
WRITE
WA
10h
WRITE
WA
WD
PROGRAM/ERASE SUSPEND
WRITE
BA
B0h
PROGRAM/ERASE RESUME – ERASE CONFIRM
WRITE
BA
D0h
LOCK BLOCK
WRITE
BA
60h
WRITE
BA
01h
UNLOCK BLOCK
WRITE
BA
60h
WRITE
BA
D0h
LOCK DOWN BLOCK
WRITE
BA
60h
WRITE
BA
2Fh
CHECK BLOCK ERASE
WRITE
BA
20h
WRITE
BA
D1h
PROTECTION REGISTER PROGRAM
WRITE
PA
C0h
WRITE
PA
PD
PROTECTION REGISTER LOCK
WRITE
LPA
C0h
WRITE
LPA
FFFDh
SET READ CONFIGURATION REGISTER
WRITE
RCD
60h
WRITE
RCD
03h
STATUS REGISTER
The status register allows the user to determine
whether the state of a PROGRAM/ERASE operation is
pending or complete. The status register is monitored
by toggling OE# and CE# and reading the resulting
status code on I/Os DQ0–DQ7. The high-order I/Os
(DQ8–DQ15) are set to 00h internally, so only the low-
order I/Os (DQ0–DQ7) need to be interpreted. Address
lines select the status register pertinent to the selected
memory partition.
Register data is updated and latched on the falling
edge of ADV# or the rising (falling) edge of CLK when
ADV# is LOW during synchronous burst mode, or on
the falling edge of OE# or CE#, whichever occurs last.
Latching the data prevents errors from occurring if the
register input changes during status register monitor-
ing.
The status register provides a reading of the inter-
nal state of the WSM to the external microprocessor.
During periods when the WSM is active, the status reg-
ister can be polled to determine the WSM status. Table
8 defines the status register bits.
After monitoring the status register during a PRO-
GRAM/ERASE operation, the data appearing on
DQ0–DQ7 remains as status register data until a new
command is issued to the CSM. To return the device to
other modes of operation, a new command must be
issued to the CSM.
COMMAND STATE MACHINE
OPERATIONS
The CSM decodes instructions for the commands
listed in Table 3. The 8-bit command code is input to
the device on DQ0–DQ7 (see Table 3 for CSM codes
and Table 4 for command definitions). During a PRO-
GRAM or ERASE cycle, the CSM informs the WSM that a
PROGRAM or ERASE cycle has been requested.
NOTE: 1. WA: Word address of memory location to be
written, or read
IA:
Identification code address
BA:
Address within the block
ID:
Identification code data
SRD: Data read from the status register
QA: Query code address
QD: Query code data
WD: Data to be written at the location WA
PA:
Protection register address
PD:
Data to be written at the location PA
LPA: Lock protection register address
RCD: Data to be written in the read configuration
register
X:
“Don’t Care”


Similar Part No. - MT28F642D18

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28F640J3 MICRON-MT28F640J3 Datasheet
548Kb / 52P
   Q-FLASHTM MEMORY
MT28F640J3FS-11 MICRON-MT28F640J3FS-11 Datasheet
548Kb / 52P
   Q-FLASHTM MEMORY
MT28F640J3FS-11ET MICRON-MT28F640J3FS-11ET Datasheet
548Kb / 52P
   Q-FLASHTM MEMORY
MT28F640J3FS-12 MICRON-MT28F640J3FS-12 Datasheet
548Kb / 52P
   Q-FLASHTM MEMORY
MT28F640J3FS-12ET MICRON-MT28F640J3FS-12ET Datasheet
548Kb / 52P
   Q-FLASHTM MEMORY
More results

Similar Description - MT28F642D18

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
   FLASH MEMORY
logo
Micron Technology
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
   FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
   FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
   FLASH MEMORY
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
   FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
   FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
   FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
   FLASH MEMORY
KM29V32000T SAMSUNG-KM29V32000T Datasheet
1Mb / 26P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com