Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S9251 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # S9251
Description  High sensitivity in near infrared range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S9251 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  S9251_15 Datasheet HTML 1Page - Hamamatsu Corporation S9251_15 Datasheet HTML 2Page - Hamamatsu Corporation S9251_15 Datasheet HTML 3Page - Hamamatsu Corporation S9251_15 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Si APD
S9251/S12092 series
High sensitivity in near infrared range
(
λ=900 nm)
1
www.hamamatsu.com
Structure / Absolute maximum ratings
Type no.
Dimensional out-
line/
Window
material*1
Package
Effective*2
photosensitive area
size
Absolute maximum ratings
Operating
temperature
Topr
Storage
temperature
Tstg
Soldering
conditions
(mm)
(°C)
(°C)
S12092-02
(1)/K
TO-18
φ0.2
-20 to +85
-55 to +125
260 °C or less,
within 10 s
S12092-05
φ0.5
S9251-10
(2)/K
TO-5
φ1.0
S9251-15
φ1.5
Note: Exceeding the absolute maximum ratings even momentarily may cause a drop in product quality. Always be sure to use the
product within the absolute maximum ratings.
*1: K=borosilicate glass
*2: Area in which a typical gain can be obtained
Electrical and optical characteristics (Typ. Ta=25 °C, unless otherwise noted)
Type no.
Spectral
response
range
λ
Peak*3
sensitivity
wavelength
λp
Photo-
sensitivity
S
M=1
λ=900 nm
Quantum
efficiency
QE
M=1
λ=900 nm
Breakdown
voltage
VBR
ID=100 μA
Temp.
coefficient
of VBR
Dark*2
current
ID
Cutoff*3
frequency
fc
RL=50
Ω
Terminal*3
capacitance
Ct
Excess*3
noise
figure
x
λ=900 nm
Gain
M
λ=900 nm
Typ. Max.
Typ. Max.
(nm)
(nm)
(A/W)
(%)
(V)
(V)
(V/°C) (nA) (nA)
(MHz)
(pF)
S12092-02
440 to 1100
860
0.52
72
250
350
1.85
0.1
1
400
0.4
0.3
100
S12092-05
0.2
2
0.7
S9251-10
0.4
4
380
1.9
S9251-15
0.8
8
350
3.6
*3: Values measured at a gain listed in the characteristics table
These are Si APDs that offer enhanced 900 nm band near-infrared sensitivity. They are suitable for applications such as opti-
cal rangefinders.
High sensitivity in near infrared range (
λ=900 nm)
Optical rangefinders
FSO (free space optics)
Stable operation
Features
Applications


Similar Part No. - S9251_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9251-15 HAMAMATSU-S9251-15 Datasheet
75Kb / 2P
   Si APD High sensitivity in near IR range
More results

Similar Description - S9251_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9251 HAMAMATSU-S9251 Datasheet
75Kb / 2P
   Si APD High sensitivity in near IR range
S11510 HAMAMATSU-S11510_10 Datasheet
465Kb / 8P
   Enhanced near infrared sensitivity: QE=40% (貫=1000 nm)
S10747-0909 HAMAMATSU-S10747-0909 Datasheet
486Kb / 7P
   Enhanced near-infrared sensitivity by using fully-depleted CCD technology
logo
List of Unclassifed Man...
ICX658AKA ETC2-ICX658AKA Datasheet
138Kb / 2P
   New Generation EXview HAD CCD Ultrahigh-Sensitivity Near Infrared Structure
logo
Marktech Corporate
MT5720-IR MARKTECH-MT5720-IR Datasheet
595Kb / 2P
   Near Infrared LED
MT5720-IR MARKTECH-MT5720-IR_15 Datasheet
595Kb / 2P
   Near Infrared LED
logo
AVAGO TECHNOLOGIES LIMI...
SFH551-1 AVAGO-SFH551-1 Datasheet
84Kb / 5P
   Sensitive in visible and near IR range
logo
JDS Uniphase Corporatio...
FFS-733A3 JDSU-FFS-733A3 Datasheet
126Kb / 4P
   Fused Coupler, Near Infrared
logo
Hamamatsu Corporation
S11500-1007 HAMAMATSU-S11500-1007 Datasheet
453Kb / 7P
   Enhanced near infrared sensitivity: QE=40% (貫=1000 nm), back-thinned FFT-CCD
logo
Texas Instruments
DLP2010NIR TI1-DLP2010NIR Datasheet
742Kb / 39P
[Old version datasheet]   0.2 WVGA Near-Infrared DMD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com