Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT28F640J3 Datasheet(PDF) 11 Page - Micron Technology

Part # MT28F640J3
Description  Q-FLASHTM MEMORY
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT28F640J3 Datasheet(HTML) 11 Page - Micron Technology

Back Button MT28F640J3 Datasheet HTML 7Page - Micron Technology MT28F640J3 Datasheet HTML 8Page - Micron Technology MT28F640J3 Datasheet HTML 9Page - Micron Technology MT28F640J3 Datasheet HTML 10Page - Micron Technology MT28F640J3 Datasheet HTML 11Page - Micron Technology MT28F640J3 Datasheet HTML 12Page - Micron Technology MT28F640J3 Datasheet HTML 13Page - Micron Technology MT28F640J3 Datasheet HTML 14Page - Micron Technology MT28F640J3 Datasheet HTML 15Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
11
128Mb, 64Mb, 32Mb Q-Flash Memory
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT28F640J3_7.p65 – Rev. 6, Pub. 8/02
©2002, Micron Technology, Inc.
128Mb, 64Mb, 32Mb
Q-FLASH MEMORY
Table 4
Micron Q-Flash Memory Command Set Definitions1
COMMAND
SCALABLE
BUS
OR BASIC
CYCLES
FIRST BUS CYCLE
SECOND BUS CYCLE
COMMAND REQ’D
SET2
OPER3
ADDR4 DATA5, 6 OPER3
ADDR4 DATA5, 6 NOTES*
READ ARRAY
SCS/BCS
1
WRITE
X
FFh
READ IDENTIFIER
SCS/BCS
2
WRITE
X
90h
READ
IA
ID
7
CODES
READ QUERY
SCS
2
WRITE
X
98h
READ
Q A
Q D
READ STATUS
SCS/BCS
2
WRITE
X
70h
READ
X
SRD
8
REGISTER
CLEAR STATUS
SCS/BCS
1
WRITE
X
50h
REGISTER
WRITE TO BUFFER
SCS/BCS
> 2
WRITE
BA
E8h
WRITE
BA
N
9, 10, 11
WORD/BYTE
SCS/BCS
2
WRITE
X
40h
WRITE
PA
PD
12, 13
PROGRAM
or
10h
BLOCK ERASE
SCS/BCS
2
WRITE
BA
20h
WRITE
BA
D0h
11, 12
BLOCK ERASE,
SCS/BCS
1
WRITE
X
B0h
12, 14
PROGRAM SUSPEND
BLOCK ERASE,
SCS/BCS
1
WRITE
X
D0h
12
PROGRAM RESUME
CONFIGURATION
SCS
2
WRITE
X
B8h
WRITE
X
CC
SET BLOCK LOCK BITS
SCS
2
WRITE
X
60h
WRITE
BA
01h
CLEAR BLOCK
SCS
2
WRITE
X
60h
WRITE
X
D0h
15
LOCK BITS
PROTECTION
2
WRITE
X
C0h
WRITE
PA
PD
PROGRAM
*Notes appear on the next page.
COMMAND DEFINITIONS
When the VPEN voltage is less than VPPLK, only READ
operations from the status register, query, identifier
codes, or blocks are enabled. Placing VPENH on VPEN en-
ables BLOCK ERASE, PROGRAM, and LOCK BIT CON-
FIGURATION operations. Device operations are se-
lected by writing specific commands into the CEL, as
seen in Table 4.


Similar Part No. - MT28F640J3

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28F642D18 MICRON-MT28F642D18 Datasheet
593Kb / 51P
   FLASH MEMORY
MT28F642D20 MICRON-MT28F642D20 Datasheet
593Kb / 51P
   FLASH MEMORY
More results

Similar Description - MT28F640J3

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L6402A MCNIX-MX25L6402A Datasheet
457Kb / 30P
   64M-BIT [x 1] CMOS SERIAL eLite FlashTM MEMORY
MX25L6402 MCNIX-MX25L6402 Datasheet
312Kb / 24P
   64M-BIT [x 1] CMOS SERIAL eLite FlashTM MEMORY
logo
PHOENIX CONTACT
2902828 PHOENIX-2902828 Datasheet
50Kb / 1P
   Configuration memory - RAD-MEMORY
logo
NXP Semiconductors
MWCT101XSF NXP-MWCT101XSF Datasheet
1Mb / 65P
   Memory and memory interfaces
Rev. 3, 12/2019
logo
PHOENIX CONTACT
1105142 PHOENIX-1105142 Datasheet
50Kb / 2P
   Configuration memory - PSR-M-MEMORY
logo
ITT Industries
CCM05-5774T60 ITT-CCM05-5774T60 Datasheet
159Kb / 3P
   Memory Stick & Memory Stick Duo
logo
ebm-papst
M4Q045-BD03-04 EBMPAPST-M4Q045-BD03-04 Datasheet
1Mb / 5P
   Q-MOTORS
logo
Holtek Semiconductor In...
HT83004 HOLTEK-HT83004 Datasheet
263Kb / 40P
   Q-VoiceTM
HT83XXX HOLTEK-HT83XXX_07 Datasheet
269Kb / 39P
   Q-Voice
logo
Fujitsu Component Limit...
MB85R256 FUJITSU-MB85R256 Datasheet
153Kb / 12P
   Memory FRAM(Ferroelectric Random Access Memory)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com