Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIHFZ44R Datasheet(PDF) 1 Page - Vishay Telefunken

Part # SIHFZ44R
Description  Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIHFZ44R Datasheet(HTML) 1 Page - Vishay Telefunken

  SIHFZ44R Datasheet HTML 1Page - Vishay Telefunken SIHFZ44R Datasheet HTML 2Page - Vishay Telefunken SIHFZ44R Datasheet HTML 3Page - Vishay Telefunken SIHFZ44R Datasheet HTML 4Page - Vishay Telefunken SIHFZ44R Datasheet HTML 5Page - Vishay Telefunken SIHFZ44R Datasheet HTML 6Page - Vishay Telefunken SIHFZ44R Datasheet HTML 7Page - Vishay Telefunken SIHFZ44R Datasheet HTML 8Page - Vishay Telefunken SIHFZ44R Datasheet HTML 9Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 91292
www.vishay.com
S11-0517-Rev. B, 21-Mar-11
1
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power MOSFET
IRFZ44R, SiHFZ44R
Vishay Siliconix
FEATURES
• Advanced Process Technology
• Ultra Low On-Resistance
• Dynamic dV/dt Rating
• 175 °C Operating Temperature
•Fast Switching
• Fully Avalanche Rated
• Drop in Replacement of the IRFZ44, SiHFZ44 for
Linear/Audio Applications
• Compliant to RoHS Directive 2002/95/EC
DESCRIPTION
Advanced Power MOSFETs from Vishay utilize advanced
processing
techniques
to
achieve
extremely
low
on-resistance per silicon area. This benefit, combined with
the fast switching speed and ruggedized device design that
Power MOSFETs are well known for, provides the designer
with an extremely efficient and reliable device for use in a
wide variety of applications.
The TO-220AB package is universally preferred for all
commercial-industrial applications at power dissipation
levels to approximately 50 W. The low thermal resistance
and low package cost of the TO-220AB contribute to its
wide acceptance throughout the industry.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. VDD = 25 V, starting TJ = 25 °C, L = 44 μH, Rg = 25
Ω, IAS = 51 A (see fig. 12).
c. ISD
≤ 51 A, dV/dt ≤ 250 A/μs, VDD ≤ VDS, TJ ≤ 175 °C.
d. 1.6 mm from case.
e. Current limited by the package, (die current = 51 A).
PRODUCT SUMMARY
VDS (V)
60
RDS(on) (
Ω)VGS = 10 V
0.028
Qg (Max.) (nC)
67
Qgs (nC)
18
Qgd (nC)
25
Configuration
Single
N-Channel MOSFET
G
D
S
TO-220AB
G
D
S
Available
RoHS*
COMPLIANT
ORDERING INFORMATION
Package
TO-220AB
Lead (Pb)-free
IRFZ44RPbF
SiHFZ44R-E3
SnPb
IRFZ44R
SiHFZ44R
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Currente
VGS at 10 V
TC = 25 °C
ID
50
A
Continuous Drain Current
TC = 100 °C
36
Pulsed Drain Currenta
IDM
200
Linear Derating Factor
1.0
W/°C
Single Pulse Avalanche Energyb
EAS
100
mJ
Maximum Power Dissipation
TC = 25 °C
PD
150
W
Peak Diode Recovery dV/dtc
dV/dt
4.5
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 175
°C
Soldering Recommendations (Peak Temperature)d
for 10 s
300
Mounting Torque
6-32 or M3 screw
10
lbf · in
1.1
N · m
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - SIHFZ44R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHFZ44R VISHAY-SIHFZ44R Datasheet
1Mb / 8P
   Power MOSFET
S-Pending-Rev. A, 17-Jul-08
SIHFZ44R VISHAY-SIHFZ44R Datasheet
1Mb / 9P
   Power MOSFET
Rev. B, 21-Mar-11
SIHFZ44R VISHAY-SIHFZ44R Datasheet
1Mb / 9P
   Power MOSFET
Rev. B, 21-Mar-11
SIHFZ44R VISHAY-SIHFZ44R Datasheet
1Mb / 9P
   Power MOSFET
09-Jul-2021
SIHFZ44R-E3 VISHAY-SIHFZ44R-E3 Datasheet
1Mb / 8P
   Power MOSFET
S-Pending-Rev. A, 17-Jul-08
More results

Similar Description - SIHFZ44R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com