Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMZ31503 Datasheet(PDF) 1 Page - Texas Instruments

Part # LMZ31503
Description  3A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ31503 Datasheet(HTML) 1 Page - Texas Instruments

  LMZ31503_15 Datasheet HTML 1Page - Texas Instruments LMZ31503_15 Datasheet HTML 2Page - Texas Instruments LMZ31503_15 Datasheet HTML 3Page - Texas Instruments LMZ31503_15 Datasheet HTML 4Page - Texas Instruments LMZ31503_15 Datasheet HTML 5Page - Texas Instruments LMZ31503_15 Datasheet HTML 6Page - Texas Instruments LMZ31503_15 Datasheet HTML 7Page - Texas Instruments LMZ31503_15 Datasheet HTML 8Page - Texas Instruments LMZ31503_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
40
45
50
55
60
65
70
75
80
85
90
95
100
0
0.5
1
1.5
2
2.5
3
Output Current (A)
VIN = PVIN = 5 V,VOUT = 3.3V, fSW = 630 kHz
VIN = PVIN = 12 V,VOUT = 3.3V, fSW = 630 kHz
G000
VOUT
VIN
LMZ31503
SENSE+
VADJ
AGND
PGND
VOUT
VIN
PWRGD
RT/CLK
INH/UVLO
SS/TR
STSEL
CIN
RSET
COUT
PVIN
LMZ31503
www.ti.com
SNVS992 – JULY 2013
3A SIMPLE SWITCHER® Power Module with 4.5V-14.5V Input in QFN Package
Check for Samples: LMZ31503
1
FEATURES
DESCRIPTION
The LMZ31503 SIMPLE SWITCHER® power module
2
Complete Integrated Power Solution Allows
is an easy-to-use integrated power solution that
Small Footprint, Low-Profile Design
combines
a
3-A
DC/DC
converter
with
power
9mm x 15mm x 2.8mm package
MOSFETs, a shielded inductor, and passives into a
- Pin Compatible with LMZ31506
low profile, QFN package. This total power solution
allows as few as 3 external components and
Efficiencies Up To 95%
eliminates the loop compensation and magnetics
Wide-Output Voltage Adjust
design process.
0.8 V to 5.5 V, with 1% Reference Accuracy
The 9×15×2.8 mm QFN package is easy to solder
Optional Split Power Rail Allows
onto a printed circuit board and allows a compact
Input Voltage Down to 1.6 V
point-of-load design with up to 95% efficiency and
Adjustable Switching Frequency
excellent power dissipation with a thermal impedance
(330 kHz to 780 kHz)
of 13°C/W junction to ambient. The device delivers
the full 3-A rated output current at 85°C ambient
Synchronizes to an External Clock
temperature without airflow.
Adjustable Slow-Start
The LMZ31503 offers the flexibility and the feature-
Output Voltage Sequencing / Tracking
set of a discrete point-of-load design and is ideal for
Power Good Output
powering performance DSPs and FPGAs. Advanced
Programmable Undervoltage Lockout (UVLO)
packaging technology afford a robust and reliable
power
solution
compatible
with
standard
QFN
Overcurrent Protection (Hiccup-Mode)
mounting and testing techniques.
Over Temperature Protection
Pre-bias Output Start-up
SIMPLIFIED APPLICATION
Operating Temperature Range: –40°C to 85°C
Enhanced Thermal Performance: 13°C/W
Meets EN55022 Class B Emissions
- Integrated Shielded Inductor
APPLICATIONS
Broadband & Communications Infrastructure
Automated Test and Medical Equipment
Compact PCI / PCI Express / PXI Express
DSP and FPGA Point of Load Applications
High Density Distributed Power Systems
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SIMPLE SWITCHER is a registered trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMZ31503_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ31503EVM-692 TI-LMZ31503EVM-692 Datasheet
978Kb / 22P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
LMZ31503RUQR TI1-LMZ31503RUQR Datasheet
1Mb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503RUQR TI1-LMZ31503RUQR Datasheet
973Kb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503RUQT TI1-LMZ31503RUQT Datasheet
1Mb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503RUQT TI1-LMZ31503RUQT Datasheet
973Kb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
More results

Similar Description - LMZ31503_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ31506H TI-LMZ31506H_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI1-LMZ31503 Datasheet
1Mb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI1-LMZ31503 Datasheet
973Kb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31520 TI1-LMZ31520 Datasheet
766Kb / 30P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31520 TI-LMZ31520_15 Datasheet
1Mb / 32P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31530 TI1-LMZ31530 Datasheet
768Kb / 30P
[Old version datasheet]   30A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31530 TI-LMZ31530_15 Datasheet
1Mb / 32P
[Old version datasheet]   30A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506 TI1-LMZ31506 Datasheet
973Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com