Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT28F002B3 Datasheet(PDF) 4 Page - Micron Technology

Part # MT28F002B3
Description  FLASH MEMORY
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT28F002B3 Datasheet(HTML) 4 Page - Micron Technology

  MT28F002B3 Datasheet HTML 1Page - Micron Technology MT28F002B3 Datasheet HTML 2Page - Micron Technology MT28F002B3 Datasheet HTML 3Page - Micron Technology MT28F002B3 Datasheet HTML 4Page - Micron Technology MT28F002B3 Datasheet HTML 5Page - Micron Technology MT28F002B3 Datasheet HTML 6Page - Micron Technology MT28F002B3 Datasheet HTML 7Page - Micron Technology MT28F002B3 Datasheet HTML 8Page - Micron Technology MT28F002B3 Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
4
2Mb Smart 3 Boot Block Flash Memory
Micron Technology, Inc., reserves the right to change products or specifications without notice.
F48.p65 – Rev. 1/00
©2000, Micron Technology, Inc.
2Mb
SMART 3 BOOT BLOCK FLASH MEMORY
PIN DESCRIPTIONS
44-PIN SOP 40-PIN TSOP 48-PIN TSOP
NUMBERS
NUMBERS
NUMBERS
SYMBOL
TYPE
DESCRIPTION
43
9
11
WE#
Input
Write Enable: Determines if a given cycle is a WRITE cycle. If
WE# is LOW, the cycle is either a WRITE to the command
execution logic (CEL) or to the memory array.
2
12
14
WP#
Input
Write Protect: Unlocks the boot block when HIGH if VPP =
VPPH1 (3.3V), VPPH2 (5V) or VPPH3 (12V)1 and RP# = VIH during a
WRITE or ERASE. Does not affect WRITE or ERASE operation
on other blocks.
12
22
26
CE#
Input
Chip Enable: Activates the device when LOW. When CE# is
HIGH, the device is disabled and goes into standby power
mode.
44
10
12
RP#
Input
Reset/Power-Down: When LOW, RP# clears the status register,
sets the internal state machine (ISM) to the array read mode
and places the device in deep power-down mode. All inputs,
including CE#, are “Don’t Care,” and all outputs are High-Z.
RP# unlocks the boot block and overrides the condition of
WP# when at VHH (12V); RP# must be held at VIH during all
other modes of operation.
14
24
28
OE#
Input
Output Enable: Enables data output buffers when LOW.
When OE# is HIGH, the output buffers are disabled.
33
47
BYTE#
Input
Byte Enable: If BYTE# = HIGH, the upper byte is active through
DQ8-DQ15. If BYTE# = LOW, DQ8-DQ14 are High-Z, and all
data is accessed through DQ0-DQ7. DQ15/(A - 1) becomes the
least significant address input.
11, 10, 9, 8,
21, 20, 19,
25, 24, 23,
A0-A16/
Input
Address Inputs: Select a unique, 16-bit word or 8-bit byte. The
7, 6, 5, 4,
18, 17, 16,
22, 21, 20,
(A17)
DQ15/(A - 1) input becomes the lowest order address when
42, 41, 40,
15, 14, 8, 7,
19, 18, 8, 7,
BYTE# = LOW (MT28F200B3) to allow for a selection of an
39, 38, 37,
36, 6, 5, 4,
6, 5, 4, 3, 2,
8-bit byte from the 262,144 available.
36, 35, 34
3, 2, 1, 40
1, 48
31
45
DQ15/
Input/
Data I/O: MSB of data when BYTE# = HIGH. Address Input:
(A - 1)
Output LSB of address input when BYTE# = LOW during READ or
WRITE operation.
15, 17, 19,
25-28, 32-35
29, 31, 33,
DQ0-DQ7
Input/
Data I/Os: Data output pins during any READ operation or
21, 24, 26,
35, 38, 40,
Output data input pins during a WRITE. These pins are used to input
28, 30
42, 44
commands to the CEL.
16, 18, 20,
30, 32, 34,
DQ8-DQ14
Input/
Data I/Os: Data output pins during any READ operation or
22, 25, 27,
36, 39, 41,
Output data input pins during a WRITE when BYTE# = HIGH. These
29
43
pins are High-Z when BYTE# is LOW.
111
13
VPP
Supply Write/Erase Supply Voltage: From a WRITE or ERASE CONFIRM
until completion of the WRITE or ERASE, VPP must be at VPPH1
(3.3V), VPPH2 (5V) or VPPH3 (12V)1. VPP = “Don’t Care” during all
other operations. (VPPH1 is only supported in the commercial
temperature range.)
23
30, 31
37
VCC
Supply Power Supply: +3.3V
±0.3V.
13, 32
23, 39
27, 46
VSS
Supply Ground.
3
13, 29, 37, 38 9, 10, 15-17
NC
No Connect: These pins may be driven or left unconnected.
NOTE: 1. For SmartVoltage-compatible production programming, 12V VPP is supported for a maximum of 100 cycles and may
be connected for up to 100 cumulative hours.


Similar Part No. - MT28F002B3

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
   FLASH MEMORY
More results

Similar Description - MT28F002B3

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
   FLASH MEMORY
logo
Micron Technology
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
   FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
   FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
   FLASH MEMORY
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
   FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
   FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
   FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
   FLASH MEMORY
KM29V32000T SAMSUNG-KM29V32000T Datasheet
1Mb / 26P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com