Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT28F002B3 Datasheet(PDF) 11 Page - Micron Technology

Part # MT28F002B3
Description  FLASH MEMORY
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT28F002B3 Datasheet(HTML) 11 Page - Micron Technology

Back Button MT28F002B3 Datasheet HTML 7Page - Micron Technology MT28F002B3 Datasheet HTML 8Page - Micron Technology MT28F002B3 Datasheet HTML 9Page - Micron Technology MT28F002B3 Datasheet HTML 10Page - Micron Technology MT28F002B3 Datasheet HTML 11Page - Micron Technology MT28F002B3 Datasheet HTML 12Page - Micron Technology MT28F002B3 Datasheet HTML 13Page - Micron Technology MT28F002B3 Datasheet HTML 14Page - Micron Technology MT28F002B3 Datasheet HTML 15Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
11
2Mb Smart 3 Boot Block Flash Memory
Micron Technology, Inc., reserves the right to change products or specifications without notice.
F48.p65 – Rev. 1/00
©2000, Micron Technology, Inc.
2Mb
SMART 3 BOOT BLOCK FLASH MEMORY
COMMAND SET
To simplify writing of the memory blocks, the
MT28F002B3 and MT28F200B3 incorporate an ISM
that controls all internal algorithms for the WRITE and
ERASE cycles. An 8-bit command set is used to control
the device. Details on how to sequence commands are
provided in the Command Execution section. Table 1
lists the valid commands.
ISM STATUS REGISTER
The 8-bit ISM status register (see Table 2) is polled to
check for WRITE or ERASE completion or any related
errors. During or following a WRITE, ERASE or ERASE
SUSPEND, a READ operation will output the status
register contents on DQ0-DQ7 without prior com-
mand. While the status register contents are read, the
outputs will not be updated if there is a change in the
ISM status unless OE# or CE# is toggled. If the device is
not in the write, erase, erase suspend or status register
read mode, READ STATUS REGISTER (70H) can be
issued to view the status register contents.
All of the defined bits are set by the ISM, but only the
ISM and erase suspend status bits are reset by the ISM.
The erase, write and VPP status bits must be cleared
using CLEAR STATUS REGISTER. If the VPP status bit
(SR3) is set, the CEL will not allow further WRITE or
ERASE operations until the status register is cleared.
This allows the user to choose when to poll and clear
the status register. For example, the host system may
perform multiple BYTE WRITE operations before check-
ing the status register instead of checking after each
individual WRITE. Asserting the RP# signal or powering
down the device will also clear the status register.
Table 2
Status Register
STATUS
BIT #
STATUS REGISTER BIT
DESCRIPTION
SR7
ISM STATUS
The ISMS bit displays the active status of the state machine during
1 = Ready
WRITE or BLOCK ERASE operations. The controlling logic polls this
0 = Busy
bit to determine when the erase and write status bits are valid.
SR6
ERASE SUSPEND STATUS
Issuing an ERASE SUSPEND places the ISM in the suspend mode
1 = ERASE suspended
and sets this and the ISMS bit to “1.” The ESS bit will remain “1” until
0 = ERASE in progress/completed
an ERASE RESUME is issued.
SR5
ERASE STATUS
ES is set to “1” after the maximum number of ERASE cycles is
1 = BLOCK ERASE error
executed by the ISM without a successful verify. ES is only cleared
0 = Successful BLOCK ERASE
by a CLEAR STATUS REGISTER command or after a RESET.
SR4
WRITE STATUS
WS is set to “1” after the maximum number of WRITE cycles is
1 = WORD/BYTE WRITE error
executed by the ISM without a successful verify. WS is only cleared
0 = Successful WORD/
by a CLEAR STATUS REGISTER command or after a RESET.
BYTE WRITE
SR3
VPP STATUS
VPPS detects the presence of a VPP voltage. It does not monitor VPP
1 = No VPP voltage detected
continuously, nor does it indicate a valid VPP voltage. The VPP pin is
0 = VPP present
sampled for 3.3V or 5V after WRITE or ERASE CONFIRM is given. VPPS
must be cleared by CLEAR STATUS REGISTER or by a RESET.
SR0-2
RESERVED
Reserved for future use.


Similar Part No. - MT28F002B3

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
   FLASH MEMORY
More results

Similar Description - MT28F002B3

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
   FLASH MEMORY
logo
Micron Technology
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
   FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
   FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
   FLASH MEMORY
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
   FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
   FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
   FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
   FLASH MEMORY
KM29V32000T SAMSUNG-KM29V32000T Datasheet
1Mb / 26P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com