Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S12576-050 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # S12576-050
Description  Low afterpulse, for very low light-level measurement Photosensitive area: 1 x 1 mm, 3 x 3 mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S12576-050 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  S12576-050_15 Datasheet HTML 1Page - Hamamatsu Corporation S12576-050_15 Datasheet HTML 2Page - Hamamatsu Corporation S12576-050_15 Datasheet HTML 3Page - Hamamatsu Corporation S12576-050_15 Datasheet HTML 4Page - Hamamatsu Corporation S12576-050_15 Datasheet HTML 5Page - Hamamatsu Corporation S12576-050_15 Datasheet HTML 6Page - Hamamatsu Corporation S12576-050_15 Datasheet HTML 7Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
MPPC (multi-pixel photon counter)
S12576-050, S12577-050
Reverse voltage vs. element temperature
(S12576-050, typical example)
Element temperature (°C)
65.0
66.0
67.0
68.0
65.5
66.5
67.5
-30
-20
-10
0
10
20
30
(M=1.25 × 106)
KAPDB0219EA
Photon detection efficiency vs. wavelength
Dark count vs. element temperature
(S12576-050, typical example)
0
10
20
30
40
50
300
400
500
600
700
800
900
Wavelength (nm)
(Typ. Ta=25 °C, Vop=VBR + 2.6 V)
Element temperature (°C)
1
10
100
1000
-25
-15
-5
5
15
-20
-10
0
10
20
25
(Threshold: 0.5 p.e.)
KAPDB0220EA
KAPDB0218EA
Photon detection coefficient does not include crosstalk or
afterpulses.
Crosstalk probability vs. overvoltage
Overvltage (V)
012345
70
60
50
40
30
20
10
(Typ. Ta=25 °C)
0
KAPDB0249EB


Similar Part No. - S12576-050_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S12571-010C HAMAMATSU-S12571-010C Datasheet
831Kb / 6P
   multi-pixel photon counter
S12571-010 HAMAMATSU-S12571-010_15 Datasheet
870Kb / 6P
   Low afterpulses, wide dynamic range, for high-speed measurement Photosensitive area: 1 x 1 mm
S12571-025C HAMAMATSU-S12571-025C Datasheet
680Kb / 7P
   multi-pixel photon counter)
S12571-050 HAMAMATSU-S12571-050 Datasheet
680Kb / 7P
   multi-pixel photon counter)
S12571-100C HAMAMATSU-S12571-100C Datasheet
680Kb / 7P
   multi-pixel photon counter)
More results

Similar Description - S12576-050_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S12571-010 HAMAMATSU-S12571-010_15 Datasheet
870Kb / 6P
   Low afterpulses, wide dynamic range, for high-speed measurement Photosensitive area: 1 x 1 mm
logo
ILSI America LLC
38-BX0F12.5-32.768 ILSI-38-BX0F12.5-32.768 Datasheet
51Kb / 2P
   2 Lead Metal Package Crystal, 3 mm x 8 mm, 2 mm x 6 mm, 1 mm x 5 mm
logo
ON Semiconductor
CAT3614 ONSEMI-CAT3614 Datasheet
164Kb / 12P
   4-Channel 1-Wire LED Driver in 3 x 3 mm Package
April, 2010 ??Rev. 2
logo
Agilent(Hewlett-Packard...
HLMP-1350 HP-HLMP-1350 Datasheet
195Kb / 11P
   Low Profile T-1 (3 mm) LED Lamps
HLMP-08XX HP-HLMP-08XX Datasheet
159Kb / 6P
   T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4000 AVAGO-HLMP-4000 Datasheet
192Kb / 6P
   T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps
logo
Broadcom Corporation.
HLMP-40XX BOARDCOM-HLMP-40XX Datasheet
192Kb / 6P
   T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps
logo
Alpha Wire
6063C ALPHAWIRE-6063C Datasheet
75Kb / 2P
   Component 1 3 X 1 PAIR
6363 ALPHAWIRE-6363 Datasheet
72Kb / 1P
   Component 1 3 X 1 PAIR
6203C ALPHAWIRE-6203C Datasheet
75Kb / 2P
   Component 1 3 X 1 PAIR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com