Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT28C3214P2NFL Datasheet(PDF) 5 Page - Micron Technology

Part # MT28C3214P2NFL
Description  FLASH AND SRAM COMBO MEMORY
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT28C3214P2NFL Datasheet(HTML) 5 Page - Micron Technology

  MT28C3214P2NFL Datasheet HTML 1Page - Micron Technology MT28C3214P2NFL Datasheet HTML 2Page - Micron Technology MT28C3214P2NFL Datasheet HTML 3Page - Micron Technology MT28C3214P2NFL Datasheet HTML 4Page - Micron Technology MT28C3214P2NFL Datasheet HTML 5Page - Micron Technology MT28C3214P2NFL Datasheet HTML 6Page - Micron Technology MT28C3214P2NFL Datasheet HTML 7Page - Micron Technology MT28C3214P2NFL Datasheet HTML 8Page - Micron Technology MT28C3214P2NFL Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
5
2 Meg x 16 Page Flash 256K x 16 SRAM Combo Memory
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT28C3214P2FL_4.p65 – Rev. 4, Pub. 4/02
©2002, Micron Technology, Inc.
2 MEG x 16 PAGE FLASH
256K x 16 SRAM COMBO MEMORY
BALL DESCRIPTIONS
66-BALL FBGA
NUMBERS
SYMBOL
TYPE
DESCRIPTION
A3, A4, A5, A6,
A0–A20
Input
Address Inputs: Inputs for the addresses during READ and WRITE
A7, A8, B3, B4,
operations. Addresses are internally latched during READ and WRITE
B5, B6, E5, G3,
cycles. Flash: A0–A20; SRAM: A0–A17.
G4, G5, G6, G7,
G8, G9, H4, H5,
H6
H7
F_CE#
Input
Flash Chip Enable: Activates the device when LOW. When CE# is HIGH,
the device is disabled and goes into standby power mode.
H9
F_OE#
Input
Flash Output Enable: Enables Flash output buffers when LOW. When
F_OE# is HIGH, the output buffers are disabled.
C3
F_WE#
Input
Flash Write Enable: Determines if a given cycle is a Flash WRITE cycle.
F_WE# is active LOW.
D4
F_RP#
Input
Reset. When F_RP# is a logic LOW, the device is in reset, which drives
the outputs to High-Z and resets the WSM. When F_RP# is a logic HIGH,
the device is in standard operation. When F_RP# transitions from logic
LOW to logic HIGH, the device resets all blocks to locked and defaults to
the read array mode.
E3
F_WP#
Input
Flash Write Protect. Controls the lock down function of the flexible
locking feature.
G10
S_CE1#
Input
SRAM Chip Enable1: Activates the SRAM when it is LOW. HIGH level
deselects the SRAM and reduces the power consumption to standby
levels.
D8
S_CE2
Input
SRAM Chip Enable2: Activates the SRAM when it is HIGH. LOW level
deselects the SRAM and reduces the power consumption to standby
levels.
F5
S_OE#
Input
SRAM Output Enable: Enables SRAM output buffers when LOW. When
S_OE# is HIGH, the output buffers are disabled.
B8
S_WE#
Input
SRAM Write Enable: Determines if a given cycle is an SRAM WRITE cycle.
S_WE# is active LOW.
F3
S_LB#
Input
SRAM Lower Byte: When LOW, it selects the SRAM address lower byte
(DQ0–DQ7).
F4
S_UB#
Input
SRAM Upper Byte: When LOW, it selects the SRAM address upper byte
(DQ8–DQ15).
B7, B9, B10,
DQ0–DQ15
Input/
Data Inputs/Outputs: Input array data on the second CE# and WE#
C7, C8, C9,
Output
cycle during PROGRAM command. Input commands to the command
C10, D7, E6,
user interface when CE# and WE# are active. Output data when CE#
E8, E9, E10,
and OE# are active.
F7, F8, F9, F10
(continued on next page)


Similar Part No. - MT28C3214P2NFL

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28C3212P2FL MICRON-MT28C3212P2FL Datasheet
564Kb / 47P
   FLASH AND SRAM COMBO MEMORY
MT28C3212P2NFL MICRON-MT28C3212P2NFL Datasheet
564Kb / 47P
   FLASH AND SRAM COMBO MEMORY
More results

Similar Description - MT28C3214P2NFL

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28C3224P20 MICRON-MT28C3224P20 Datasheet
498Kb / 42P
   FLASH AND SRAM COMBO MEMORY
MT28C6428P20 MICRON-MT28C6428P20 Datasheet
571Kb / 48P
   FLASH AND SRAM COMBO MEMORY
MT28C3212P2FL MICRON-MT28C3212P2FL Datasheet
564Kb / 47P
   FLASH AND SRAM COMBO MEMORY
logo
ADL Embedded Solutions
MSMF104 ADL-MSMF104 Datasheet
171Kb / 1P
   Flash/SRAM Memory
logo
Texas Instruments
DK-LM3S9B96-FS8 TI-DK-LM3S9B96-FS8 Datasheet
200Kb / 5P
[Old version datasheet]   Stellaris짰 Flash and SRAM Memory Expansion Board
logo
Sharp Corporation
LRS1383C SHARP-LRS1383C Datasheet
3Mb / 54P
   FLASH MEMORY 32M (X16) FLASH MEMORY 8M (X16) SRAM
LRS1383F SHARP-LRS1383F Datasheet
3Mb / 44P
   FLASH MEMORY 32M (X16) FLASH MEMORY 8M (X16) SRAM
LRS1331 SHARP-LRS1331 Datasheet
216Kb / 26P
   Stacked Chip 16M Flash Memory and 4M SRAM
LRS1338A SHARP-LRS1338A Datasheet
218Kb / 36P
   Stacked Chip 8M Flash Memory and 2M SRAM
logo
Toshiba Semiconductor
TH50VSF3680 TOSHIBA-TH50VSF3680 Datasheet
585Kb / 55P
   SRAM AND FLASH MEMORY MIXED MULTI-CHIP PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com