Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT28C3214P2FL Datasheet(PDF) 3 Page - Micron Technology

Part # MT28C3214P2FL
Description  FLASH AND SRAM COMBO MEMORY
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT28C3214P2FL Datasheet(HTML) 3 Page - Micron Technology

  MT28C3214P2FL Datasheet HTML 1Page - Micron Technology MT28C3214P2FL Datasheet HTML 2Page - Micron Technology MT28C3214P2FL Datasheet HTML 3Page - Micron Technology MT28C3214P2FL Datasheet HTML 4Page - Micron Technology MT28C3214P2FL Datasheet HTML 5Page - Micron Technology MT28C3214P2FL Datasheet HTML 6Page - Micron Technology MT28C3214P2FL Datasheet HTML 7Page - Micron Technology MT28C3214P2FL Datasheet HTML 8Page - Micron Technology MT28C3214P2FL Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
3
2 Meg x 16 Page Flash 256K x 16 SRAM Combo Memory
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT28C3214P2FL_4.p65 – Rev. 4, Pub. 4/02
©2002, Micron Technology, Inc.
2 MEG x 16 PAGE FLASH
256K x 16 SRAM COMBO MEMORY
PART NUMBERING INFORMATION
Micron’s low-power devices are available with sev-
eral different combinations of features (see Figure 1).
Table 3
Valid Part Number Combinations
BOOT BLOCK
OPERATING
VPP1
ACCESS
STARTING
TEMPERATURE
PART NUMBER
RANGE
TIME (ns)
ADDRESS
RANGE
MT28C3214P2FL-10 BET
0.9V–2.2V
100
Bottom
-40oC to +85oC
MT28C3214P2FL-10 TET
0.9V–2.2V
100
Top
-40oC to +85oC
MT28C3214P2FL-11 BET
0.9V–2.2V
110
Bottom
-40oC to +85oC
MT28C3214P2FL-11 TET
0.9V–2.2V
110
Top
-40oC to +85oC
MT28C3214P2NFL-11 TET
0.0V–2.2V
110
Top
-40oC to +85oC
MT 28C 321 4 P 2 N FL-11 T ET
Micron Technology
Flash Family
28C = Dual-Supply Flash/SRAM Combo
Density/Organization/Banks
321 = 32Mb (2,048K x 16)
bank a = 1/8; bank b = 7/8
SRAM Density
4 = 4Mb SRAM (256K x 16)
Access Time
-10 = 100ns
-11 = 110ns
Read Mode Operation
P = Asynchronous/Page Read
Package Code
FL = 66-ball FBGA (8 x 8 grid)
Operating Temperature Range
None = Commercial (0ºC to +70ºC)
ET = Extended (-40ºC to +85ºC)
VPP1 Range
None = 0.9V–2.2V
N = 0.0V–2.2V
Boot Block Starting Address
B = Bottom boot
T = Top boot
Operating Voltage Range
2 = 1.65V–1.95V or 1.80V–2.20V
Figure 1
Part Number Chart
Valid combinations of features and their correspond-
ing part numbers are listed in Table 3.


Similar Part No. - MT28C3214P2FL

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28C3212P2FL MICRON-MT28C3212P2FL Datasheet
564Kb / 47P
   FLASH AND SRAM COMBO MEMORY
MT28C3212P2NFL MICRON-MT28C3212P2NFL Datasheet
564Kb / 47P
   FLASH AND SRAM COMBO MEMORY
More results

Similar Description - MT28C3214P2FL

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28C3224P20 MICRON-MT28C3224P20 Datasheet
498Kb / 42P
   FLASH AND SRAM COMBO MEMORY
MT28C6428P20 MICRON-MT28C6428P20 Datasheet
571Kb / 48P
   FLASH AND SRAM COMBO MEMORY
MT28C3212P2FL MICRON-MT28C3212P2FL Datasheet
564Kb / 47P
   FLASH AND SRAM COMBO MEMORY
logo
ADL Embedded Solutions
MSMF104 ADL-MSMF104 Datasheet
171Kb / 1P
   Flash/SRAM Memory
logo
Texas Instruments
DK-LM3S9B96-FS8 TI-DK-LM3S9B96-FS8 Datasheet
200Kb / 5P
[Old version datasheet]   Stellaris짰 Flash and SRAM Memory Expansion Board
logo
Sharp Corporation
LRS1383C SHARP-LRS1383C Datasheet
3Mb / 54P
   FLASH MEMORY 32M (X16) FLASH MEMORY 8M (X16) SRAM
LRS1383F SHARP-LRS1383F Datasheet
3Mb / 44P
   FLASH MEMORY 32M (X16) FLASH MEMORY 8M (X16) SRAM
LRS1331 SHARP-LRS1331 Datasheet
216Kb / 26P
   Stacked Chip 16M Flash Memory and 4M SRAM
LRS1338A SHARP-LRS1338A Datasheet
218Kb / 36P
   Stacked Chip 8M Flash Memory and 2M SRAM
logo
Toshiba Semiconductor
TH50VSF3680 TOSHIBA-TH50VSF3680 Datasheet
585Kb / 55P
   SRAM AND FLASH MEMORY MIXED MULTI-CHIP PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com