Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIHFD014 Datasheet(PDF) 1 Page - Vishay Telefunken

Part # SIHFD014
Description  Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIHFD014 Datasheet(HTML) 1 Page - Vishay Telefunken

  SIHFD014 Datasheet HTML 1Page - Vishay Telefunken SIHFD014 Datasheet HTML 2Page - Vishay Telefunken SIHFD014 Datasheet HTML 3Page - Vishay Telefunken SIHFD014 Datasheet HTML 4Page - Vishay Telefunken SIHFD014 Datasheet HTML 5Page - Vishay Telefunken SIHFD014 Datasheet HTML 6Page - Vishay Telefunken SIHFD014 Datasheet HTML 7Page - Vishay Telefunken SIHFD014 Datasheet HTML 8Page - Vishay Telefunken SIHFD014 Datasheet HTML 9Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 91125
www.vishay.com
S10-2466-Rev. C, 25-Oct-10
1
Power MOSFET
IRFD014, SiHFD014
Vishay Siliconix
FEATURES
• Dynamic dV/dt Rating
• For Automatic Insertion
•End Stackable
• 175 °C Operating Temperature
•Fast Switching
• Ease of Paralleling
• Simple Drive Requirements
• Compliant to RoHS Directive 2002/95/EC
DESCRIPTION
Third generation Power MOSFETs from Vishay provide the
designer with the best combination of fast switching,
ruggedized
device
design,
low
on-resistance
and
cost-effectiveness.
The 4 pin DIP package is a low cost machine-insertable
case style which can be stacked in multiple combinations on
standard 0.1" pin centers. The dual drain serves as a thermal
link to the mounting surface for power dissipation levels up
to 1 W.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. VDD = 25 V, starting TJ = 25 °C, L = 52 mH, Rg = 25 , IAS = 1.7 A (see fig. 12).
c. ISD  10 A, dI/dt  90 A/μs, VDD  VDS, TJ  175 °C.
d. 1.6 mm from case.
PRODUCT SUMMARY
VDS (V)
60
RDS(on) ()VGS = 10 V
0.20
Qg (Max.) (nC)
11
Qgs (nC)
3.1
Qgd (nC)
5.8
Configuration
Single
N-Channel MOSFET
G
D
S
HVMDIP
D
S
G
Available
RoHS*
COMPLIANT
ORDERING INFORMATION
Package
HVMDIP
Lead (Pb)-free
IRFD014PbF
SiHFD014-E3
SnPb
IRFD014
SiHFD014
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
VGS at 10 V
TA = 25 °C
ID
1.7
A
TA = 100 °C
1.2
Pulsed Drain Currenta
IDM
14
Linear Derating Factor
0.0083
W/°C
Single Pulse Avalanche Energyb
EAS
130
mJ
Maximum Power Dissipation
TA = 25 °C
PD
1.3
W
Peak Diode Recovery dV/dtc
dV/dt
4.5
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 175
°C
Soldering Recommendations (Peak Temperature)
for 10 s
300d
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - SIHFD014

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHFD014 VISHAY-SIHFD014 Datasheet
2Mb / 8P
   Power MOSFET
S-81263-Rev. A, 21-Jul-08
SIHFD014 VISHAY-SIHFD014 Datasheet
1Mb / 9P
   Power MOSFET
Rev. C, 25-Oct-10
SIHFD014 VISHAY-SIHFD014 Datasheet
1Mb / 9P
   Power MOSFET
Rev. C, 25-Oct-10
SIHFD014-E3 VISHAY-SIHFD014-E3 Datasheet
2Mb / 8P
   Power MOSFET
S-81263-Rev. A, 21-Jul-08
SIHFD014-E3 VISHAY-SIHFD014-E3 Datasheet
1Mb / 9P
   Power MOSFET
Rev. C, 25-Oct-10
More results

Similar Description - SIHFD014

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com