Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMZ14203 Datasheet(PDF) 11 Page - Texas Instruments

Part # LMZ14203
Description  SIMPLE SWITCHER 6V to 42V, 3A Power Module in Leaded SMT-TO Package
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ14203 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMZ14203_15 Datasheet HTML 7Page - Texas Instruments LMZ14203_15 Datasheet HTML 8Page - Texas Instruments LMZ14203_15 Datasheet HTML 9Page - Texas Instruments LMZ14203_15 Datasheet HTML 10Page - Texas Instruments LMZ14203_15 Datasheet HTML 11Page - Texas Instruments LMZ14203_15 Datasheet HTML 12Page - Texas Instruments LMZ14203_15 Datasheet HTML 13Page - Texas Instruments LMZ14203_15 Datasheet HTML 14Page - Texas Instruments LMZ14203_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
LMZ14203
www.ti.com
SNVS632R – DECEMBER 2009 – REVISED OCTOBER 2015
Feature Description (continued)
7.3.4 Thermal Protection
The junction temperature of the LMZ14203 should not be allowed to exceed its maximum ratings. Thermal
protection is implemented by an internal Thermal Shutdown circuit which activates at 165 °C (typical) causing the
device to enter a low power standby state. In this state the main MOSFET remains off causing VO to fall, and
additionally the CSS capacitor is discharged to ground. Thermal protection helps prevent catastrophic failures for
accidental device overheating. When the junction temperature falls back below 145°C (typical hysteresis = 20 °C)
the SS pin is released, VO rises smoothly, and normal operation resumes.
Applications requiring maximum output current especially those at high input voltage may require application
derating at elevated temperatures.
7.3.5 Zero Coil Current Detection
The current of the lower (synchronous) MOSFET is monitored by a zero coil current detection circuit which
inhibits the synchronous MOSFET when its current reaches zero until the next ON-time. This circuit enables the
DCM operating mode, which improves efficiency at light loads.
7.3.6 Prebiased Start-Up
The LMZ14203 will properly start up into a prebiased output. This start-up situation is common in multiple rail
logic applications where current paths may exist between different power rails during the start-up sequence.
Figure 23 is a scope capture that shows proper behavior during this event.
Figure 23. Prebiased Start-Up
7.4 Device Functional Modes
7.4.1 Discontinuous Conduction and Continuous Conduction Modes
At light-load, the regulator operates in discontinuous conduction mode (DCM). With load currents above the
critical conduction point, it operates in continuous conduction mode (CCM). When operating in DCM the
switching cycle begins at zero amps inductor current; increases up to a peak value, and then recedes back to
zero before the end of the OFF-time. During the period of time that inductor current is zero, all load current is
supplied by the output capacitor. The next ON-time period starts when the voltage on the FB pin falls below the
internal reference. The switching frequency is lower in DCM and varies more with load current as compared to
CCM. Conversion efficiency in DCM is maintained because conduction and switching losses are reduced with
the smaller load and lower switching frequency.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMZ14203


Similar Part No. - LMZ14203_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ14203 NSC-LMZ14203_1 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰Power Module with 42V Maximum Input Voltage
LMZ14203 NSC-LMZ14203_11 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
Texas Instruments
LMZ14203 TI-LMZ14203_13 Datasheet
2Mb / 25P
[Old version datasheet]   LMZ14203 3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
More results

Similar Description - LMZ14203_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ14201 TI1-LMZ14201_17 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 1A Power Module in Leaded SMT-TO Package
LMZ14202 TI-LMZ14202_15 Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 2A Power Module in Leaded SMT-TO Package
LMZ14201 TI-LMZ14201_15 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 1A Power Module in Leaded SMT-TO Package
LMZ14203H TI-LMZ14203H_15 Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 3A High Output Voltage Power Module
LMZ20501 TI-LMZ20501_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ14203H SIMPLE SWITCHER짰 6V to 42V, 3A High Output Voltage Power Module
LMZ30606 TI1-LMZ30606 Datasheet
827Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module
LMZ30606 TI1-LMZ30606 Datasheet
978Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
841Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI1-LMZ30602 Datasheet
885Kb / 25P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com