Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML6691CQ Datasheet(PDF) 8 Page - Micro Linear Corporation

Part # ML6691CQ
Description  100BASE-T MII-to-PMD Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6691CQ Datasheet(HTML) 8 Page - Micro Linear Corporation

Back Button ML6691CQ Datasheet HTML 2Page - Micro Linear Corporation ML6691CQ Datasheet HTML 3Page - Micro Linear Corporation ML6691CQ Datasheet HTML 4Page - Micro Linear Corporation ML6691CQ Datasheet HTML 5Page - Micro Linear Corporation ML6691CQ Datasheet HTML 6Page - Micro Linear Corporation ML6691CQ Datasheet HTML 7Page - Micro Linear Corporation ML6691CQ Datasheet HTML 8Page - Micro Linear Corporation ML6691CQ Datasheet HTML 9Page - Micro Linear Corporation ML6691CQ Datasheet HTML 10Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ML6691
8
MANAGEMENT SECTION
The ML6691 implements the applicable portions of the
IEEE 802.3 Control and Status registers. The management
section provides a two-wire serial interface for the
purpose of control and status gathering. The MDIO pin is
a bi-directional signal used to transfer control information
between the ML6691 and the MAC. Data on MDIO is
clocked using the MDC pin. The following frame structure
is used:
PRE (Preamble)
The preamble condition on the two wire interface is a
logic one. Prior to initiation of any other transaction, a
sequence of 32 consecutive logic ones must be presented
on MDIO with 32 corresponding cycles on MDC to
establish synchronization.
ST (Start of Frame)
The start of frame is indicated by a <01> pattern. This
pattern assures transitions from the default logic one line
state to zero and back to one.
OP (Operation Code)
The operation code for a read transaction is <10>, while
the operation code for a write transaction is <01>.
PHYAD (PHY Address)
The PHY Address is five bits, allowing 32 unique PHY
addresses. The first PHY address bit transmitted and
received is the MSB of the address.
REGAD (Register Address)
The Control register is address <00000>, and the Status
register is address <00001>.
TA (Turnaround)
The turnaround time is a 2 bit time spacing between the
Register Address field and the Data field of a management
frame to avoid contention during a read transaction.
DATA (Data)
The data field is 16-bits. The first data bit transmitted and
received shall be bit 15 of the register being addressed.
CONTROL REGISTER
Table 2 shows the applicable portions of the Control
registers that are implemented in the ML6691. Bits 12, 9,
and 6–0 are read-only and have default values of logic
low.
PRE ST
OP
PHYAD
REGAD
TA
DATA
IDLE
READ
1
01
10
AAAAA
RRRRR
Z0
DDDDDDDDDDDDDDDD
Z
WRITE
1
01
01
AAAAA
RRRRR
10
DDDDDDDDDDDDDDDD
Z
CONTROL REGISTER
BIT
NAME
DESCRIPTION
R/W
DEFAULT
15
Reset
1 = reset
R/W
0
0 = normal operation
SC
14
Loopback
1 = loopback
R/W
0
0 = normal operation
13
Speed Selection
1 = 100Mb/s
R
1
0 = 10Mb/s
11
Power Down
1 = power down
R/W
0
0 = normal operation
10
Isolate
1= electrically isolate from MII
R/W
Determined by LOCAL
0 = normal operation
8
Duplex Mode
1 = full duplex
R/W
0
0 = half duplex
7
Collision Test
1 = test Col signal
R/W
0
0 = normal operation
NOTE:
R/W = Read/Write, SC = Self Clearing
Table 2. Control Register


Similar Part No. - ML6691CQ

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6692 MICRO-LINEAR-ML6692 Datasheet
325Kb / 21P
   100BASE-TX Physical Layer with MII
ML6692CH MICRO-LINEAR-ML6692CH Datasheet
325Kb / 21P
   100BASE-TX Physical Layer with MII
ML6692CQ MICRO-LINEAR-ML6692CQ Datasheet
325Kb / 21P
   100BASE-TX Physical Layer with MII
ML6694 MICRO-LINEAR-ML6694 Datasheet
177Kb / 12P
   100BASE-TX Physical Layer with 5-Bit Interface
ML6694CH MICRO-LINEAR-ML6694CH Datasheet
177Kb / 12P
   100BASE-TX Physical Layer with 5-Bit Interface
More results

Similar Description - ML6691CQ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS1894-34 RENESAS-ICS1894-34 Datasheet
567Kb / 49P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH MII INTERFACE
REV B 052112
ICS1894-44 RENESAS-ICS1894-44 Datasheet
611Kb / 54P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH MII INTERFACE
030112
logo
Source Photonics, Inc.
FTM-C001R-LG SOURCE-FTM-C001R-LG Datasheet
240Kb / 8P
   100BASE-T Copper SFP Transceiver
logo
Micrel Semiconductor
KSZ8041TL MICREL-KSZ8041TL_09 Datasheet
436Kb / 65P
   10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
KSZ8041TL MICREL-KSZ8041TL Datasheet
396Kb / 58P
   10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
logo
Micro Linear Corporatio...
ML6697 MICRO-LINEAR-ML6697 Datasheet
331Kb / 16P
   100BASE-TX Physical Layer with MII
logo
Micrel Semiconductor
KS8721BL MICREL-KS8721BL_11 Datasheet
317Kb / 35P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
logo
Micro Linear Corporatio...
ML6692 MICRO-LINEAR-ML6692 Datasheet
325Kb / 21P
   100BASE-TX Physical Layer with MII
logo
Cirrus Logic
CS8952T CIRRUS-CS8952T Datasheet
1Mb / 86P
   100BASE E-X AND 10BASE-T TRANSCEIVER
logo
Micrel Semiconductor
KSZ8081MNX MICREL-KSZ8081MNX Datasheet
1Mb / 69P
   10Base-T/100Base-TX Physical Layer Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com