Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML6691 Datasheet(PDF) 10 Page - Micro Linear Corporation

Part # ML6691
Description  100BASE-T MII-to-PMD Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6691 Datasheet(HTML) 10 Page - Micro Linear Corporation

Back Button ML6691 Datasheet HTML 2Page - Micro Linear Corporation ML6691 Datasheet HTML 3Page - Micro Linear Corporation ML6691 Datasheet HTML 4Page - Micro Linear Corporation ML6691 Datasheet HTML 5Page - Micro Linear Corporation ML6691 Datasheet HTML 6Page - Micro Linear Corporation ML6691 Datasheet HTML 7Page - Micro Linear Corporation ML6691 Datasheet HTML 8Page - Micro Linear Corporation ML6691 Datasheet HTML 9Page - Micro Linear Corporation ML6691 Datasheet HTML 10Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
ML6691
1
0
ORDERING INFORMATION
Micro Linear reserves the right to make changes to any product herein to improve reliability, function or design.
Micro Linear does not assume any liability arising out of the application or use of any product described herein,
neither does it convey any license under its patent right nor the rights of others. The circuits contained in this
data sheet are offered as possible applications only. Micro Linear makes no warranties or representations as to
whether the illustrated circuits infringe any intellectual property rights of others, and will accept no responsibility
or liability for use of any application herein. The customer is urged to consult with appropriate legal counsel
before deciding on a particular application.
DS6691-01
2092 Concourse Drive
San Jose, CA 95131
Tel: 408/433-5200
Fax: 408/432-0295
π
PART NUMBER
TEMPERATURE RANGE
PACKAGE
ML6691CQ
0
°C to 70°C
44-PIN PLCC (Q44)
(End Of Life)
0.100 - 0.112
(2.54 - 2.84)
PIN 1 ID
SEATING PLANE
0.685 - 0.695
(17.40 - 17.65)
0.650 - 0.656
(16.51 - 16.66)
0.013 - 0.021
(0.33 - 0.53)
0.165 - 0.180
(4.06 - 4.57)
1
0.650 - 0.656
(16.51 - 16.66)
0.685 - 0.695
(17.40 - 17.65)
12
23
34
0.590 - 0.630
(14.99 - 16.00)
0.025 - 0.045
(0.63 - 1.14)
(RADIUS)
0.050 BSC
(1.27 BSC)
0.009 - 0.011
(0.23 - 0.28)
0.042 - 0.056
(1.07 - 1.42)
0.042 - 0.048
(1.07 - 1.22)
0.026 - 0.032
(0.66 - 0.81)
0.500 BSC
(12.70 BSC)
Package: Q44
44-Pin PLCC
0.148 - 0.156
(3.76 - 3.96)
PHYSICAL DIMENSIONS inches (millimeters)
© Micro Linear 1997
is a registered trademark of Micro Linear Corporation
Products described in this document may be covered by one or more of the following patents, U.S.: 4,897,611; 4,964,026; 5,027,116; 5,281,862; 5,283,483; 5,418,502; 5,508,570; 5,510,727; 5,523,940;
5,546,017; 5,559,470; 5,565,761; 5,592,128; 5,594,376; Japan: 2598946. Other patents are pending.


Similar Part No. - ML6691

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6692 MICRO-LINEAR-ML6692 Datasheet
325Kb / 21P
   100BASE-TX Physical Layer with MII
ML6692CH MICRO-LINEAR-ML6692CH Datasheet
325Kb / 21P
   100BASE-TX Physical Layer with MII
ML6692CQ MICRO-LINEAR-ML6692CQ Datasheet
325Kb / 21P
   100BASE-TX Physical Layer with MII
ML6694 MICRO-LINEAR-ML6694 Datasheet
177Kb / 12P
   100BASE-TX Physical Layer with 5-Bit Interface
ML6694CH MICRO-LINEAR-ML6694CH Datasheet
177Kb / 12P
   100BASE-TX Physical Layer with 5-Bit Interface
More results

Similar Description - ML6691

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS1894-34 RENESAS-ICS1894-34 Datasheet
567Kb / 49P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH MII INTERFACE
REV B 052112
ICS1894-44 RENESAS-ICS1894-44 Datasheet
611Kb / 54P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH MII INTERFACE
030112
logo
Source Photonics, Inc.
FTM-C001R-LG SOURCE-FTM-C001R-LG Datasheet
240Kb / 8P
   100BASE-T Copper SFP Transceiver
logo
Micrel Semiconductor
KSZ8041TL MICREL-KSZ8041TL_09 Datasheet
436Kb / 65P
   10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
KSZ8041TL MICREL-KSZ8041TL Datasheet
396Kb / 58P
   10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
logo
Micro Linear Corporatio...
ML6697 MICRO-LINEAR-ML6697 Datasheet
331Kb / 16P
   100BASE-TX Physical Layer with MII
logo
Micrel Semiconductor
KS8721BL MICREL-KS8721BL_11 Datasheet
317Kb / 35P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
logo
Micro Linear Corporatio...
ML6692 MICRO-LINEAR-ML6692 Datasheet
325Kb / 21P
   100BASE-TX Physical Layer with MII
logo
Cirrus Logic
CS8952T CIRRUS-CS8952T Datasheet
1Mb / 86P
   100BASE E-X AND 10BASE-T TRANSCEIVER
logo
Micrel Semiconductor
KSZ8081MNX MICREL-KSZ8081MNX Datasheet
1Mb / 69P
   10Base-T/100Base-TX Physical Layer Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com