Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI5476DU Datasheet(PDF) 4 Page - Vishay Telefunken

Part # SI5476DU
Description  N-Channel 60-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI5476DU Datasheet(HTML) 4 Page - Vishay Telefunken

  SI5476DU Datasheet HTML 1Page - Vishay Telefunken SI5476DU Datasheet HTML 2Page - Vishay Telefunken SI5476DU Datasheet HTML 3Page - Vishay Telefunken SI5476DU Datasheet HTML 4Page - Vishay Telefunken SI5476DU Datasheet HTML 5Page - Vishay Telefunken SI5476DU Datasheet HTML 6Page - Vishay Telefunken SI5476DU Datasheet HTML 7Page - Vishay Telefunken SI5476DU Datasheet HTML 8Page - Vishay Telefunken SI5476DU Datasheet HTML 9Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
4
Document Number: 73663
S-81448-Rev. B, 23-Jun-08
Vishay Siliconix
Si5476DU
New Product
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
30
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1
10
TJ = 150 C
VSD - Source-to-Drain Voltage (V)
TJ = 25 C
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0246
8
10
ID = 4.6 A
VGS - Gate-to-Source Voltage (V)
TA = 25 C
TA = 125 C
0
30
40
10
20
Time (s)
0
0
0
1
1
0.1
0.01
0.001
10
100
50
Safe Operating Area, Junction-to-Ambient
100
1
0
0
1
1
1
.
0
0.01
10
0.1
100 µs
TA = 25 C
Single Pulse
10 ms
100 ms
DC
VDS - Drain-to-Source Voltage (V)
* VGS
minimum VGS at which RDS(on) is specified
1 s
10 s
10
1 ms
BVDSS Limited
Limited by RDS(on)*


Similar Part No. - SI5476DU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5476DU VISHAY-SI5476DU Datasheet
112Kb / 7P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 20-Feb-06
SI5476DU VISHAY-SI5476DU Datasheet
180Kb / 9P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 23-Jun-08
SI5476DU-T1-GE3 VISHAY-SI5476DU-T1-GE3 Datasheet
144Kb / 7P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 23-Jun-08
SI5476DU-T1-GE3 VISHAY-SI5476DU-T1-GE3 Datasheet
187Kb / 9P
   N-Channel 60 V (D-S) MOSFET
01-Jan-2022
SI5476DU VISHAY-SI5476DU_08 Datasheet
144Kb / 7P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 23-Jun-08
More results

Similar Description - SI5476DU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com