Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML6674 Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML6674
Description  ATM 155Mbps UTP Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6674 Datasheet(HTML) 7 Page - Micro Linear Corporation

  ML6674 Datasheet HTML 1Page - Micro Linear Corporation ML6674 Datasheet HTML 2Page - Micro Linear Corporation ML6674 Datasheet HTML 3Page - Micro Linear Corporation ML6674 Datasheet HTML 4Page - Micro Linear Corporation ML6674 Datasheet HTML 5Page - Micro Linear Corporation ML6674 Datasheet HTML 6Page - Micro Linear Corporation ML6674 Datasheet HTML 7Page - Micro Linear Corporation ML6674 Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ML6674
7
PHYSICAL DIMENSIONS inches (millimeters)
0.048 MAX
(1.20 MAX)
SEATING PLANE
0.354 BSC
(9.00 BSC)
0.276 BSC
(7.00 BSC)
1
0.276 BSC
(7.00 BSC)
0.354 BSC
(9.00 BSC)
9
25
17
0.032 BSC
(0.8 BSC)
PIN 1 ID
0.012 - 0.018
(0.29 - 0.45)
0.037 - 0.041
(0.95 - 1.05)
0.018 - 0.030
(0.45 - 0.75)
0.003 - 0.008
(0.09 - 0.20)
0º - 8º
Package: H32-7
32-Pin (7 x 7 x 1mm) TQFP
0.098 - 0.112
(2.49 - 2.85)
PIN 1 ID
SEATING PLANE
0.585 - 0.595
(14.86 - 15.11)
0.450 - 0.456
(11.43 - 11.58)
0.013 - 0.021
(0.33 - 0.53)
0.165 - 0.180
(4.06 - 4.57)
1
0.550 - 0.556
(13.97 - 14.12)
0.485 - 0.495
(12.32 - 12.57)
9
17
25
0.490 - 0.530
(12.45 - 13.46)
0.025 - 0.045
(0.63 - 1.14)
(RADIUS)
0.050 BSC
(1.27 BSC)
0.019 - 0.021
(0.48 - 0.51)
0.026 - 0.032
(0.66 - 0.81)
0.390 - 0.430
(9.90 - 10.92)
0.042 - 0.048
(1.07 - 1.22)
0.148 - 0.156
(3.76 - 3.96)
Package: Q32
32-Pin PLCC


Similar Part No. - ML6674

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6672 MICRO-LINEAR-ML6672 Datasheet
248Kb / 8P
   ATM UTP Transceiver
ML6672CH MICRO-LINEAR-ML6672CH Datasheet
248Kb / 8P
   ATM UTP Transceiver
ML6672CQ MICRO-LINEAR-ML6672CQ Datasheet
248Kb / 8P
   ATM UTP Transceiver
ML6673 MICRO-LINEAR-ML6673 Datasheet
183Kb / 8P
   Fast Ethernet/FDDI TP-PMD Transceiver
ML6673CH MICRO-LINEAR-ML6673CH Datasheet
183Kb / 8P
   Fast Ethernet/FDDI TP-PMD Transceiver
More results

Similar Description - ML6674

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6672 MICRO-LINEAR-ML6672 Datasheet
248Kb / 8P
   ATM UTP Transceiver
logo
Teridian Semiconductor ...
STM1E-SFPXX TERIDIAN-STM1E-SFPXX Datasheet
430Kb / 16P
   155Mbps Copper Transceiver
logo
Source Photonics, Inc.
FTM-6101C-SL13051G SOURCE-FTM-6101C-SL13051G Datasheet
329Kb / 11P
   155Mbps Spring-latch SFP Transceiver
logo
List of Unclassifed Man...
ATR-S0105 ETC1-ATR-S0105 Datasheet
185Kb / 5P
   155Mbps Single Mode SFP Transceiver (80km)
logo
Source Photonics, Inc.
FTM-8001C-SLG SOURCE-FTM-8001C-SLG Datasheet
251Kb / 9P
   155Mbps 850nm Spring-Latch SFP Transceiver
logo
Maxim Integrated Produc...
MAX3963 MAXIM-MAX3963 Datasheet
650Kb / 6P
   155Mbps Preamplifier for FDDI and ATM LAN Fiber Optic Receivers
Rev 1; 4/98
logo
Delta Electronics, Inc.
LC-155B DELTA-LC-155B Datasheet
187Kb / 6P
   155Mbps, SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
LC-155B2J1RA DELTA-LC-155B2J1RA Datasheet
169Kb / 8P
   155Mbps, SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
logo
PCA ELECTRONICS INC.
EPA2864 PCA-EPA2864 Datasheet
34Kb / 2P
   25 Mbps ATM Transmit and Receive, UTP Interface
logo
Delta Electronics, Inc.
OPT-155B1J1RA DELTA-OPT-155B1J1RA Datasheet
113Kb / 7P
   155Mbps 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com