Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI1022R Datasheet(PDF) 1 Page - Vishay Telefunken

Part # SI1022R
Description  N-Channel 60 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI1022R Datasheet(HTML) 1 Page - Vishay Telefunken

  SI1022R Datasheet HTML 1Page - Vishay Telefunken SI1022R Datasheet HTML 2Page - Vishay Telefunken SI1022R Datasheet HTML 3Page - Vishay Telefunken SI1022R Datasheet HTML 4Page - Vishay Telefunken SI1022R Datasheet HTML 5Page - Vishay Telefunken SI1022R Datasheet HTML 6Page - Vishay Telefunken SI1022R Datasheet HTML 7Page - Vishay Telefunken SI1022R Datasheet HTML 8Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Vishay Siliconix
Si1022R
Document Number: 71331
S10-2687-Rev. F, 22-Nov-10
www.vishay.com
1
N-Channel 60 V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
•TrenchFET® Power MOSFETs
Low On-Resistance: 1.25
Low Threshold: 2.5 V
Low Input Capacitance: 30 pF
Fast Switching Speed: 25 ns
Low Input and Output Leakage
Miniature Package
ESD Protected: 2000 V
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Drivers: Relays, Solenoids, Lamps, Hammers, Displays,
Memories, Transistors, etc.
Battery Operated Systems
Solid State Relays
BENEFITS
Low Offset Voltage
Low-Voltage Operation
High-Speed Circuits
Low Error Voltage
Small Board Area
PRODUCT SUMMARY
VDS(min.) (V)
RDS(on) ()VGS(th) (V)
ID (mA)
60
1.25 at VGS = 10 V
1 to 2.5
330
Notes:
a. Surface mounted on FR4 board, power applied for t
 10 s.
Marking Code: E
SC-75A
(SOT-416)
1
2
3
G
S
D
Ordering Information: Si1022R-T1-GE3 (Lead (Pb)-free and Halogen-free)
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Currenta
TA = 25 °C
ID
330
mA
TA = 85 °C
240
Pulsed Drain Currenta
IDM
650
Power Dissipationa
TA = 25 °C
PD
250
mW
TA = 85 °C
130
Thermal Resistance, Maximum Junction-to-Ambienta
RthJA
500
°C/W
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C


Similar Part No. - SI1022R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1022R VISHAY-SI1022R Datasheet
39Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 05-Feb-01
SI1022R VISHAY-SI1022R Datasheet
93Kb / 5P
   N-Channel 60-V (D-S) MOSFET
S-81543-Rev. B, 07-Jul-08
SI1022R VISHAY-SI1022R Datasheet
156Kb / 7P
   N-Channel 60 V (D-S) MOSFET
Rev. F, 22-Nov-10
SI1022R VISHAY-SI1022R Datasheet
156Kb / 8P
   N-Channel 60 V (D-S) MOSFET
Rev. F, 22-Nov-10
SI1022R VISHAY-SI1022R Datasheet
154Kb / 7P
   N-Channel 60 V (D-S) MOSFET
Rev. F, 22-Nov-10
More results

Similar Description - SI1022R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com