Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMZ10500 Datasheet(PDF) 3 Page - Texas Instruments

Part # LMZ10500
Description  LMZ10500 650-mA SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ10500 Datasheet(HTML) 3 Page - Texas Instruments

  LMZ10500_15 Datasheet HTML 1Page - Texas Instruments LMZ10500_15 Datasheet HTML 2Page - Texas Instruments LMZ10500_15 Datasheet HTML 3Page - Texas Instruments LMZ10500_15 Datasheet HTML 4Page - Texas Instruments LMZ10500_15 Datasheet HTML 5Page - Texas Instruments LMZ10500_15 Datasheet HTML 6Page - Texas Instruments LMZ10500_15 Datasheet HTML 7Page - Texas Instruments LMZ10500_15 Datasheet HTML 8Page - Texas Instruments LMZ10500_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
BOTTOM VIEW
TOP VIEW
1
2
3
4
5
6
7
8
SIDE VIEW
EN
VCON
FB
SGND
5
6
7
8
1
2
3
4
VREF
VIN
PGND
VOUT
PAD
(SGND)
LMZ10500
www.ti.com
SNVS723F – OCTOBER 2011 – REVISED FEBRUARY 2015
5 Pin Configuration and Functions
8-Pin
SIL Package
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
EN
1
I
Enable Input. Set this digital input higher than 1.2 V for normal operation. For shutdown, set low.
Pin is internally pulled up to VIN and can be left floating for always-on operation.
VCON
2
I
Output voltage control pin. Connect to analog voltage from resisitve divider or DAC/controller to
set the VOUT voltage. VOUT = 2.5 x VCON. Connect a small (470pF) capacitor from this pin to
SGND to provide noise filtering.
FB
3
I
Feedback of the error amplifier. Connect directly to output capacitor to sense VOUT.
SGND
4
I
Ground for analog and control circuitry. Connect to PGND at a single point.
VOUT
5
O
Output Voltage. Connected to one pin of the integrated inductor. Connect output filter capacitor
between VOUT and PGND.
PGND
6
I
Power ground for the power MOSFETs and gate-drive circuitry.
VIN
7
I
Voltage supply input. Connect ceramic capacitor between VIN and PGND as close as possible to
these two pins. Typical capacitor values are between 4.7 µF and 22 µF.
VREF
8
O
2.35 V voltage reference output. Typically connected to VCON pin through a resistive divider to set
the output voltage.
PAD
I
The center pad underneath the SIL0008A package is internally tied to SGND. This pad should be
connected to the ground plane for improved thermal performance.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMZ10500


Similar Part No. - LMZ10500_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ10500 TI1-LMZ10500_16 Datasheet
1Mb / 34P
[Old version datasheet]   LMZ10500 650-mA SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
More results

Similar Description - LMZ10500_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ10500 TI1-LMZ10500_16 Datasheet
1Mb / 34P
[Old version datasheet]   LMZ10500 650-mA SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ10500 TI1-LMZ10500 Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10500 650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ21700 TI-LMZ21700_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21700 650 mA SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ21700 TI1-LMZ21700 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21700 650 mA SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ10501 TI1-LMZ10501_16 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ10501 1-A SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
logo
National Semiconductor ...
LMZ10500 NSC-LMZ10500 Datasheet
1Mb / 20P
   650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ10501 NSC-LMZ10501 Datasheet
1Mb / 20P
   1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ10504 TI1-LMZ10504_17 Datasheet
1Mb / 35P
[Old version datasheet]   4-A SIMPLE SWITCHER짰 Power Module With 5.5-V Maximum Input Voltage
LMZ21701 TI1-LMZ21701 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ21701 TI-LMZ21701_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com