Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMZ10500 Datasheet(PDF) 1 Page - Texas Instruments

Part # LMZ10500
Description  LMZ10500 650-mA SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ10500 Datasheet(HTML) 1 Page - Texas Instruments

  LMZ10500_15 Datasheet HTML 1Page - Texas Instruments LMZ10500_15 Datasheet HTML 2Page - Texas Instruments LMZ10500_15 Datasheet HTML 3Page - Texas Instruments LMZ10500_15 Datasheet HTML 4Page - Texas Instruments LMZ10500_15 Datasheet HTML 5Page - Texas Instruments LMZ10500_15 Datasheet HTML 6Page - Texas Instruments LMZ10500_15 Datasheet HTML 7Page - Texas Instruments LMZ10500_15 Datasheet HTML 8Page - Texas Instruments LMZ10500_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
0
10
20
30
40
50
60
70
80
0
200
400
600
800
1000
Frequency (MHz)
Evaluation Board
EN 55022 Class B Limit
EN 55022 Class A Limit
C001
20
30
40
50
60
70
80
90
100
0
0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5 0.55 0.6 0.65
LOAD CURRENT (A)
VOUT=1.2V
VOUT=1.8V
VOUT=2.5V
VOUT=3.3V
C009
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
LMZ10500
SNVS723F – OCTOBER 2011 – REVISED FEBRUARY 2015
LMZ10500 650-mA SIMPLE SWITCHER® Nano Module With 5.5-V Maximum Input Voltage
1 Features
2 Applications
1
Output Current Up to 650 mA
Point of Load Conversions from 3.3-V and 5-V
Rails
Input Voltage Range 2.7 V to 5.5 V
Space Constrained Applications
Output Voltage Range 0.6 V to 3.6 V
Low Output Noise Applications
Efficiency up to 95%
Quick Links to Reference Designs:
Integrated Inductor
VOUT = 1.2 V, VOUT = 1.8 V,
8-Pin LLP Footprint
VOUT = 2.5 V, VOUT = 3.3 V
–40°C to 125°C Junction Temperature Range
Adjustable Output Voltage
3 Description
2.0-MHz Fixed PWM Switching Frequency
The LMZ10500 SIMPLE SWITCHER® nano module
is an easy-to-use step-down DC-DC solution capable
Integrated Compensation
of driving up to 650 mA load in space-constrained
Soft-Start Function
applications. Only an input capacitor, an output
Current Limit Protection
capacitor, a small VCON filter capacitor, and two
Thermal Shutdown Protection
resistors are required for basic operation. The nano
module comes in an 8-pin LLP footprint package with
Input Voltage UVLO for Power-Up, Power-Down,
an integrated inductor. Internal current limit based
and Brown-Out Conditions
soft-start function, current overload protection, and
Only 5 External Components — Resistor Divider
thermal shutdown are also provided.
and 3 Ceramic Capacitors
Device Information(1)
Small Solution Size
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Low Output Voltage Ripple
LMZ10500
uSiP (8)
3.00 mm x 2.60 mm
Easy Component Selection and Simple PCB
Layout
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
High Efficiency Reduces System Heat Generation
Typical Efficiency at VIN = 3.6 V
Radiated EMI (CISPR22)
VIN = 5.0 V, VOUT = 1.8 V, IOUT = 650 mA
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMZ10500_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ10500 TI1-LMZ10500_16 Datasheet
1Mb / 34P
[Old version datasheet]   LMZ10500 650-mA SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
More results

Similar Description - LMZ10500_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ10500 TI1-LMZ10500_16 Datasheet
1Mb / 34P
[Old version datasheet]   LMZ10500 650-mA SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ10500 TI1-LMZ10500 Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10500 650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ21700 TI-LMZ21700_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21700 650 mA SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ21700 TI1-LMZ21700 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21700 650 mA SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ10501 TI1-LMZ10501_16 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ10501 1-A SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
logo
National Semiconductor ...
LMZ10500 NSC-LMZ10500 Datasheet
1Mb / 20P
   650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ10501 NSC-LMZ10501 Datasheet
1Mb / 20P
   1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ10504 TI1-LMZ10504_17 Datasheet
1Mb / 35P
[Old version datasheet]   4-A SIMPLE SWITCHER짰 Power Module With 5.5-V Maximum Input Voltage
LMZ21701 TI1-LMZ21701 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ21701 TI-LMZ21701_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com