Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML6516244CR Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML6516244CR
Description  16-Bit Buffer/Line Driver with 3-State Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6516244CR Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML6516244CR Datasheet HTML 1Page - Micro Linear Corporation ML6516244CR Datasheet HTML 2Page - Micro Linear Corporation ML6516244CR Datasheet HTML 3Page - Micro Linear Corporation ML6516244CR Datasheet HTML 4Page - Micro Linear Corporation ML6516244CR Datasheet HTML 5Page - Micro Linear Corporation ML6516244CR Datasheet HTML 6Page - Micro Linear Corporation ML6516244CR Datasheet HTML 7Page - Micro Linear Corporation ML6516244CR Datasheet HTML 8Page - Micro Linear Corporation ML6516244CR Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ML6516244
4
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
VCC ............................................................................. 7V
DC Input Voltage .............................. –0.3V to VCC + 0.3V
AC Input Voltage (PW < 20ns) ................................. –3.0V
DC Output Voltage ................................... –0.3V to 7VDC
Output Current, Source or Sink ............................. 180mA
Storage Temperature Range...................... –65°C to 150°C
Junction Temperature ............................................. 150°C
Lead Temperature (Soldering, 10sec) ...................... 150°C
Thermal Impedance (
qJA) ..................................... 76°C/W
OPERATING CONDITIONS
Temperature Range ........................................ 0°C to 70°C
VIN Operating Range ................................... 3.0V to 5.5V
ELECTRICAL CHARACTERISTICS – 3.3V OPERATION
Unless otherwise specified, VIN = 3.3V, TA = Operating Temperature Range (Note 1).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AC ELECTRICAL CHARACTERISTICS (CLOAD = 50pF)
tPHL, tPLH
Propagation Delay
Ai to Bi
1.8
2.1
2.5
ns
tOE
Output Enable Time
OE to Ai
7.0
ns
tOD
Output Disable Time
OE to Ai
7.0
ns
TOS
Output-to-Output Skew
500
ps
CIN
Input Capacitance
5pF
DC ELECTRICAL CHARACTERISTICS (CLOAD = 50pF, RLOAD = Open)
VIH
Input High Voltage
Logic high
2.0
V
VIL
Input Low Voltage
Logic low
0.8
V
IIH
Input High Current
Per pin, VIN = 3V
300
mA
IIL
Input Low Current
Per pin, VIN = 0V
300
mA
IHI-Z
Three-State Output Current
VCC = 3.6V, 0 < VIN < VCC
5
mA
VIC
Input Clamp Voltage
VCC = 3.6V, IIN = 18mA
–0.7
–0.2
V
IDYNAMIC Dynamic Transition Current
Low to high transitions
80
mA
(FastBus Charge)
High to low transitions
80
mA
VOH
Output High Voltage
VCC = 3.6V, IOH = –2mA
2.4
V
VOL
Output LowVoltage
VCC = 3.6V, IOL = 2mA
0.6
V
ICC
Quiescent Power Supply Current
VCC = 3.6V, f = 0Hz,
3
mA
inputs = VCC or 0V
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst-case test conditions.


Similar Part No. - ML6516244CR

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6510 MICRO-LINEAR-ML6510 Datasheet
603Kb / 18P
   Series Programmable Adaptive Clock Manager (PACMan??
ML6510CQ-130 MICRO-LINEAR-ML6510CQ-130 Datasheet
603Kb / 18P
   Series Programmable Adaptive Clock Manager (PACMan??
ML6510CQ-80 MICRO-LINEAR-ML6510CQ-80 Datasheet
603Kb / 18P
   Series Programmable Adaptive Clock Manager (PACMan??
ML6518 MICRO-LINEAR-ML6518 Datasheet
205Kb / 8P
   18 Line Hot-Insertable Active SCSI Terminator
ML6518CH MICRO-LINEAR-ML6518CH Datasheet
205Kb / 8P
   18 Line Hot-Insertable Active SCSI Terminator
More results

Similar Description - ML6516244CR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74FR16540 FAIRCHILD-74FR16540 Datasheet
52Kb / 6P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
logo
Micro Linear Corporatio...
ML65F16244 MICRO-LINEAR-ML65F16244 Datasheet
203Kb / 10P
   16-Bit Buffer/Line Driver with 3-State Outputs
logo
Fairchild Semiconductor
74ACTQ16244 FAIRCHILD-74ACTQ16244 Datasheet
102Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74FR16541 FAIRCHILD-74FR16541 Datasheet
52Kb / 6P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
logo
Potato Semiconductor Co...
PO74G16244A POTATO-PO74G16244A Datasheet
512Kb / 6P
   16-Bit Buffer/Line Driver with 3-State Outputs
logo
Fairchild Semiconductor
74ACTQ16541 FAIRCHILD-74ACTQ16541 Datasheet
85Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74AC16244 FAIRCHILD-74AC16244 Datasheet
87Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74ACT16244 FAIRCHILD-74ACT16244 Datasheet
80Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74ACT16541 FAIRCHILD-74ACT16541 Datasheet
80Kb / 6P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74ACTQ16541 FAIRCHILD-74ACTQ16541_05 Datasheet
98Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74ABT16244 FAIRCHILD-74ABT16244 Datasheet
90Kb / 8P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com