Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HX318C9SR-8 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HX318C9SR-8
Description  DDR3-1866 CL9 240-Pin DIMM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HX318C9SR-8 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HX318C9SR-8 Datasheet HTML 1Page - List of Unclassifed Manufacturers HX318C9SR-8 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Document No. 4807123-001.B00
Page 2
continued
HyperX
FOR MORE INFORMATION, GO TO WWW.KINGSTON.COM/HYPERX
kingston.com/hyperx
All Kingston products are tested to meet our published specifications. Some motherboards or system configurations may not operate at the
published HyperX memory speeds and timing settings. Kingston does not recommend that any user attempt to run their computers faster than
the published speed. Overclocking or modifying your system timing may result in damage to computer components.
MODULE DIMENSIONS
MODULE WITH HEAT SPREADER
7.9 mm
133.35 mm


Similar Part No. - HX318C9SR-8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HX318C9SR-4 ETC2-HX318C9SR-4 Datasheet
596Kb / 2P
   DDR3-1866 CL9 240-Pin DIMM
More results

Similar Description - HX318C9SR-8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HX318C9SR-4 ETC2-HX318C9SR-4 Datasheet
596Kb / 2P
   DDR3-1866 CL9 240-Pin DIMM
HX318C9T3K4-16 ETC2-HX318C9T3K4-16 Datasheet
884Kb / 2P
   DDR3-1866 CL9 240-Pin DIMM Kit
HX318C9SRK2-8 ETC2-HX318C9SRK2-8 Datasheet
596Kb / 2P
   DDR3-1866 CL9 240-Pin DIMM Kit
HX318C9T3K2-8 ETC2-HX318C9T3K2-8 Datasheet
884Kb / 2P
   DDR3-1866 CL9 240-Pin DIMM Kit
HX318C9T2K2-8 ETC2-HX318C9T2K2-8 Datasheet
444Kb / 2P
   DDR3-1866 CL9 240-Pin DIMM Kit
HX318C9SRK2-16 ETC2-HX318C9SRK2-16 Datasheet
591Kb / 2P
   DDR3-1866 CL9 240-Pin DIMM Kit
HX318C9SRK4-32 ETC2-HX318C9SRK4-32 Datasheet
591Kb / 2P
   DDR3-1866 CL9 240-Pin DIMM Kit
HX318C9T2K4-16 ETC2-HX318C9T2K4-16 Datasheet
443Kb / 2P
   DDR3-1866 CL9 240-Pin DIMM Kit
HX316C9SR-8 ETC2-HX316C9SR-8 Datasheet
591Kb / 2P
   DDR3-1600 CL9 240-Pin DIMM
HX316C9SR-4 ETC2-HX316C9SR-4 Datasheet
596Kb / 2P
   DDR3-1600 CL9 240-Pin DIMM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com