Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HX316LC10FBK2-8 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HX316LC10FBK2-8
Description  DDR3L-1600 CL10 240-Pin DIMM Kit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HX316LC10FBK2-8 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HX316LC10FBK2-8 Datasheet HTML 1Page - List of Unclassifed Manufacturers HX316LC10FBK2-8 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION
HyperX HX316LC10FBK2/8 is kit of two 512M x 64-bit (4GB)
DDR3L-1600 CL10 SDRAM (Synchronous DRAM) 1Rx8, low
voltage, memory modules, based on eight 512M x 8-bit DDR3
FBGA components. Total kit capacity is 8GB. Each module kit
supports Intel® Extreme Memory Profiles (Intel® XMP) 2.0.
This module has been tested to run at DDR3L-1600 at a low
latency timing of 10-10-10 at 1.35V. Additional timing parame-
ters are shown in the PnP Timing Parameters section below.
The JEDEC standard electrical and mechanical specifications
areas follows:
Document No. 4807380-001.A00
08/24/15
Page 1
SPECIFICATIONS
s
e
l
c
y
c
0
1
)
D
D
I
(
L
C
Row Cycle Time (tRCmin)
48.125ns (min.)
Refresh to Active/Refresh
260ns (min.)
Command Time (tRFCmin)
Row Active Time (tRASmin)
37.5ns (min.)
Maximum Operating Power
TBD W*
0
-
V
4
9
g
n
it
a
R
L
U
Operating Temperature
0o C to 85o C
Storage Temperature
-55o C to +100o C
*Power will vary depending on the SDRAM used.
FEATURES
JEDEC standard 1.35V and 1.5V Power Supply
VDDQ = 1.35V and 1.5V
800MHz fCK for 1600Mb/sec/pin
8 independent internal bank
Programmable CAS Latency: 11, 10, 9, 8, 7, 6
Programmable Additive Latency: 0, CL - 2, or CL - 1 clock
8-bit pre-fetch
Burst Length: 8 (Interleave without any limit, sequential with
starting address “000” only), 4 with tCCD = 4 which does not
allow seamless read or write [either on the fly using A12 or
MRS]
Bi-directional Differential Data Strobe
Internal(self) calibration : Internal self calibration through ZQ
pin (RZQ : 240 ohm ± 1%)
On Die Termination using ODT pin
Average Refresh Period 7.8us at lower than TCASE 85°C,
3.9us at 85°C < TCASE ≤ 95°C
Asynchronous Reset
Height 1.291” (32.80mm) w/heatsink, single sided
component
HX316LC10FBK2/8
8GB (4GB 512M x 64-Bit x 2 pcs.)
DDR3L-1600 CL10 240-Pin DIMM Kit
Continued >>
hyperxgaming.com
PnP JEDEC TIMING PARAMETERS:
Note:
The PnP feature offers a range of speed and timing options to support
the widest variety of processors and chipsets. Your maximum speed will
be determined by your BIOS.
• JEDEC/PnP:
DDR3L-1600 CL10-10-10 @1.35V/1.5V
DDR3L-1333 CL9-9-9 @1.35V/1.5V
DDR3L-1066 CL7-7-7 @1.35V/1.5V
• XMP Profile #1:
DDR3L-1600 CL10-10-10 @1.35V
HX316LC10FBK2/8
8GB (4GB 512M x 64-Bit x 2 pcs.)
Memory Module Specifications


Similar Part No. - HX316LC10FBK2-8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HX316LC10FB-4 ETC2-HX316LC10FB-4 Datasheet
279Kb / 2P
   DDR3L-1600CL10 240-Pin DIMM
More results

Similar Description - HX316LC10FBK2-8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HX316C10FK2-16 ETC2-HX316C10FK2-16 Datasheet
393Kb / 2P
   DDR3-1600 CL10 240-Pin DIMM Kit
HX316C10FWK2-8 ETC2-HX316C10FWK2-8 Datasheet
429Kb / 2P
   DDR3-1600 CL10 240-Pin DIMM Kit
HX316C10FWK2-16 ETC2-HX316C10FWK2-16 Datasheet
392Kb / 2P
   DDR3-1600 CL10 240-Pin DIMM Kit
HX316C10FRK2-8 ETC2-HX316C10FRK2-8 Datasheet
429Kb / 2P
   DDR3-1600 CL10 240-Pin DIMM Kit
HX316C10FBK2-16 ETC2-HX316C10FBK2-16 Datasheet
391Kb / 2P
   DDR3-1600 CL10 240-Pin DIMM Kit
HX316C10FBK2-8 ETC2-HX316C10FBK2-8 Datasheet
428Kb / 2P
   DDR3-1600 CL10 240-Pin DIMM Kit
HX316C10FK2-8 ETC2-HX316C10FK2-8 Datasheet
429Kb / 2P
   DDR3-1600 CL10 240-Pin DIMM Kit
HX316C10FRK2-16 ETC2-HX316C10FRK2-16 Datasheet
393Kb / 2P
   DDR3-1600 CL10 240-Pin DIMM Kit
KHX18C10AT3K2-16X ETC2-KHX18C10AT3K2-16X Datasheet
677Kb / 2P
   DDR3-1866 CL10 240-Pin DIMM Kit
KHX18C10T2K2-8 ETC2-KHX18C10T2K2-8 Datasheet
227Kb / 2P
   DDR3-1866 CL10 240-Pin DIMM Kit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com