Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML6431CH Datasheet(PDF) 8 Page - Micro Linear Corporation

Part # ML6431CH
Description  Genlocking Sync Generator with Digital Audio Clock for NTSC, PAL & VGA
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6431CH Datasheet(HTML) 8 Page - Micro Linear Corporation

Back Button ML6431CH Datasheet HTML 4Page - Micro Linear Corporation ML6431CH Datasheet HTML 5Page - Micro Linear Corporation ML6431CH Datasheet HTML 6Page - Micro Linear Corporation ML6431CH Datasheet HTML 7Page - Micro Linear Corporation ML6431CH Datasheet HTML 8Page - Micro Linear Corporation ML6431CH Datasheet HTML 9Page - Micro Linear Corporation ML6431CH Datasheet HTML 10Page - Micro Linear Corporation ML6431CH Datasheet HTML 11Page - Micro Linear Corporation ML6431CH Datasheet HTML 12Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
ML6430/ML6431
8
DEVICE
FUNCTIONAL DESCRIPTION
Video Formats,
Timing,
Clock
Input
Free Run
VGA
VCR
and Pulse
Rates
Crystal
Mode
Clock
Lock
Generation
NTSC
PAL
CCIR601
Square
4xFSC
3.58
4.43
Pixel
MHz
MHz
ML6430
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes. Limited
Yes. Limited to
Yes
transition
640x480
between free
pixel clock.
run modes
1 and 2.
(Figure 4)
ML6431
Yes
Yes*
Yes
Yes*
Yes
Yes
Yes
Yes. Faster
Yes. Works
Yes.
transition be-
up to 75MHz.
tween freerun
(Table 6)
modes 1and 2.
(Figure 4a)
* Readjusted the center frequency for PAL square pixel with NTSC crystal to achieve greater than +/-5% range. See Table 4
Table 1. Summary of Functional Differences between the ML6430 and ML6431.
DEVICE
MODE
REGISTER DIFFERENCES
PIN OUT DIFFERENCES
Register 7,
Register 7,
Pin 3
Pin 16
Bit 2
Bit 3
ML6430
Sleep Mode
0
0
SLEEP
AUDIOCLK
Pulse Generator Mode*
1
0
54MHz**
AUDIOCLK
Time Base Correction Mode
This function not available in the ML6430
ML6431
Sleep Mode
0
0
SLEEP
AUDIOCLK
Pulse Generator Mode*
1
0
54MHz**
AUDIOCLK
PHERROUT Mode*
X
1
Must be set HIGH
PHERROUT
Table 2. Summary of Register Differences between the ML6430 and ML6431.
*For these modes the SLEEP mode can only be enable/disabled via serial bus (Register 8).
**The 54MHz clock input (pin 3) can be any 4 x Clock up to 70MHz
DEVICE DIFFERENCES
Tables 1 and 2 summarize the differences between the
ML6430 and ML6431. The pinouts of the ML6430 and the
ML6431 are the same with the exception that the ML6431
has a few enhancements, (Center Frequency and Free Run
Mode, see Table 1) and added functionality (see Table 2).


Similar Part No. - ML6431CH

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ML643RAU111MLZ COILCRAFT-ML643RAU111MLZ Datasheet
600Kb / 3P
   High-Reliability Air Core Inductors
ML643RAU151MLZ COILCRAFT-ML643RAU151MLZ Datasheet
600Kb / 3P
   High-Reliability Air Core Inductors
ML643RAU201MLZ COILCRAFT-ML643RAU201MLZ Datasheet
600Kb / 3P
   High-Reliability Air Core Inductors
ML643RAU251MLZ COILCRAFT-ML643RAU251MLZ Datasheet
600Kb / 3P
   High-Reliability Air Core Inductors
ML643RAU33NMLZ COILCRAFT-ML643RAU33NMLZ Datasheet
600Kb / 3P
   High-Reliability Air Core Inductors
More results

Similar Description - ML6431CH

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS662-02 ICST-ICS662-02 Datasheet
95Kb / 6P
   NTSC/PAL AUDIO CLOCK
logo
List of Unclassifed Man...
CH7001C ETC-CH7001C Datasheet
108Kb / 18P
   VGA to NTSC/PAL Encoder
logo
Integrated Circuit Syst...
MK2712 ICST-MK2712 Datasheet
56Kb / 4P
   NTSC/PAL Clock Source
logo
NXP Semiconductors
TDA9141 PHILIPS-TDA9141 Datasheet
175Kb / 25P
   PAL/NTSC/SECAM decoder/sync processor
December 1992
logo
Integrated Circuit Syst...
MK1410 ICST-MK1410 Datasheet
63Kb / 4P
   NTSC/PAL Clock Source
logo
Renesas Technology Corp
MK2712 RENESAS-MK2712 Datasheet
237Kb / 5P
   NTSC/PAL Clock Source
092104
logo
NXP Semiconductors
TDA9160 PHILIPS-TDA9160 Datasheet
220Kb / 27P
   PAL/NTSC/SECAM decoder/sync processor
December 1991
logo
List of Unclassifed Man...
CH7002D ETC-CH7002D Datasheet
199Kb / 36P
   Scalable VGA to NTSC/PAL Encoder
logo
Mitsubishi Electric Sem...
M65677FP MITSUBISHI-M65677FP Datasheet
38Kb / 6P
   DIGITAL NTSC/PAL ENCODER
M65675FP MITSUBISHI-M65675FP Datasheet
83Kb / 17P
   DIGITAL NTSC/PAL ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com