Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML6430 Datasheet(PDF) 10 Page - Micro Linear Corporation

Part # ML6430
Description  Genlocking Sync Generator with Digital Audio Clock for NTSC, PAL & VGA
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6430 Datasheet(HTML) 10 Page - Micro Linear Corporation

Back Button ML6430 Datasheet HTML 6Page - Micro Linear Corporation ML6430 Datasheet HTML 7Page - Micro Linear Corporation ML6430 Datasheet HTML 8Page - Micro Linear Corporation ML6430 Datasheet HTML 9Page - Micro Linear Corporation ML6430 Datasheet HTML 10Page - Micro Linear Corporation ML6430 Datasheet HTML 11Page - Micro Linear Corporation ML6430 Datasheet HTML 12Page - Micro Linear Corporation ML6430 Datasheet HTML 13Page - Micro Linear Corporation ML6430 Datasheet HTML 14Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
ML6430/ML6431
10
FUNCTIONAL DESCRIPTION (Continued)
Table 4. NTSC/ PAL Clock Rate Range vs. Crystal Input
DISABLING AUTOMATIC VCR SIGNAL DETECTION
DEVICE
DISABLE VCR SIGNAL DETECTION?
ML6430
No. Detection function is always on.
ML6431
Yes. Detection function can be disabled
or enabled via serial bus only. This
feature is enabled by default.
Table 5.
In the ML6430, the VCR detection circuit is always
enabled. This circuit detects the presence of a VCR input
signal at CVIN / HSYNC (pin 6) and automatically adjusts
the gain settings for the digital PLL to optimize locking
performance. This circuit scans for head switching greater
than the thresholds selected by the user threshold bits (via
serial bus) and then increases the phase gain of the digital
PLL to compensate.
In the ML6431, the VCR detection circuit operates the
same as the ML6430 with the additional ability to disable
or enable the VCR detection circuit to optimize for low
jitter performance. This feature is enabled by default.
This feature can be disabled in the ML6431 only by
setting the appropriate values in Register 7, Bit 0 via the
serial bus interface (see Table 11). When the VCR detect
circuit is disabled, the ML6431 is optimized for low jitter
performance.
PULSE GENERATOR MODE
54MHz Input or Any 4X Clock
The 54MHz pin (pin 3) is an input that clocks the
horizontal and vertical counters. In this mode, the
ML6430 or ML6431 is used as a pulse generator. The
input signal at can be any 4X clock; for example, 54MHz
(4 x CCIR clock rate of 13.5MHz), 49.09MHz (4 x Square
Pixel clock rate of 12.27MHz), or 57.27 MHz (4 x Fsc
clock rate of 14.31MHz for NTSC color subcarrier). This
input is limited to 70MHz.
As a pulse generator, the sync, clamp, blanking, and
clock signals are derived from the clock input at the
54MHz pin. This mode is activated by setting the
appropriate values in Register 7 via the serial bus. See
Tables 10 or 11.
USING FRESET FOR NTSC vs. PAL MODES
In NTSC mode, FRESET (pin 22) goes low on the high-to-
low transition of the FIELD ID pin (pin 17) and the
beginning of line 1 (see Figure 2).
In the PAL mode, FRESET (pin 22)goes low on the low-to-
high transition of the FIELD ID pin and the end of line
310 (see Figure 3).
CENTER FREQUENCY AND ± RANGE FOR EACH FREQUENCY
STANDARD OF THE ML6431
VIDEO STANDARD
CLOCK RATE
CLOCK RATE
ACCURACY
3.58MHz Crystal
NTSC Square Pixel
4xClk= 49.09MHz
+8.35%/ –5.19%
NTSC 601
4xClk= 54.00MHz
+6.07%/ –7.18%
NTSC 4fsc
4xClk= 57.27MHz
+7.15%/ –6.23%
PAL Square Pixel
4xClk= 59.00MHz
+7.47%/ –5.93%
PAL 601
4xClk= 54.00MHz
+6.07%/–7.18%
PAL 4fsc
4xClk= 35.47MHz
+7.64%/ –5.77%
4.43MHz Crystal
NTSC Square Pixel
4xClk= 49.09MHz
+8.28%/ –5.23%
NTSC 601
4xClk= 54.00MHz
+7.81%/ –5.64%
NTSC 4fsc
4xClk= 57.27MHz
+6.00%/ –7.18%
PAL Square Pixel
4xClk= 59.00MHz
+7.27%/ –6.13%
PAL 601
4xClk= 54.00MHz
+7.81%/–5.64%
PAL 4fsc
4xClk= 35.47MHz
+7.05%/ –6.31%
CENTER FREQUENCY AND ± RANGE FOR EACH FREQUENCY
STANDARD OF THE ML6430
VIDEO STANDARD
CLOCK RATE
CLOCK RATE
ACCURACY
3.58MHz Crystal
NTSC Square Pixel
4xClk= 49.09MHz
+8.35%/ –5.19%
NTSC 601
4xClk= 54.00MHz
+6.07%/ –7.18%
NTSC 4fsc
4xClk= 57.27MHz
+7.15%/ –6.23%
PAL Square Pixel
4xClk= 59.00MHz
+4.01%/ –9.10%
PAL 601
4xClk= 54.00MHz
+6.07%/–7.18%
PAL 4fsc
4xClk= 35.47MHz
+9.58%/ –4.14%
4.43MHz Crystal
NTSC Square Pixel
4xClk= 49.09MHz
+8.28%/ –5.23%
NTSC 601
4xClk= 54.00MHz
+7.81%/ –5.64%
NTSC 4fsc
4xClk= 57.27MHz
+6.00%/ –7.18%
PAL Square Pixel
4xClk= 59.00MHz
+7.27%/ –6.13%
PAL 601
4xClk= 54.00MHz
+7.81%/–5.64%
PAL 4fsc
4xClk= 35.47MHz
+7.05%/ –6.31%


Similar Part No. - ML6430

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ML643RAU111MLZ COILCRAFT-ML643RAU111MLZ Datasheet
600Kb / 3P
   High-Reliability Air Core Inductors
ML643RAU151MLZ COILCRAFT-ML643RAU151MLZ Datasheet
600Kb / 3P
   High-Reliability Air Core Inductors
ML643RAU201MLZ COILCRAFT-ML643RAU201MLZ Datasheet
600Kb / 3P
   High-Reliability Air Core Inductors
ML643RAU251MLZ COILCRAFT-ML643RAU251MLZ Datasheet
600Kb / 3P
   High-Reliability Air Core Inductors
ML643RAU33NMLZ COILCRAFT-ML643RAU33NMLZ Datasheet
600Kb / 3P
   High-Reliability Air Core Inductors
More results

Similar Description - ML6430

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS662-02 ICST-ICS662-02 Datasheet
95Kb / 6P
   NTSC/PAL AUDIO CLOCK
logo
List of Unclassifed Man...
CH7001C ETC-CH7001C Datasheet
108Kb / 18P
   VGA to NTSC/PAL Encoder
logo
Integrated Circuit Syst...
MK2712 ICST-MK2712 Datasheet
56Kb / 4P
   NTSC/PAL Clock Source
logo
NXP Semiconductors
TDA9141 PHILIPS-TDA9141 Datasheet
175Kb / 25P
   PAL/NTSC/SECAM decoder/sync processor
December 1992
logo
Integrated Circuit Syst...
MK1410 ICST-MK1410 Datasheet
63Kb / 4P
   NTSC/PAL Clock Source
logo
Renesas Technology Corp
MK2712 RENESAS-MK2712 Datasheet
237Kb / 5P
   NTSC/PAL Clock Source
092104
logo
NXP Semiconductors
TDA9160 PHILIPS-TDA9160 Datasheet
220Kb / 27P
   PAL/NTSC/SECAM decoder/sync processor
December 1991
logo
List of Unclassifed Man...
CH7002D ETC-CH7002D Datasheet
199Kb / 36P
   Scalable VGA to NTSC/PAL Encoder
logo
Mitsubishi Electric Sem...
M65677FP MITSUBISHI-M65677FP Datasheet
38Kb / 6P
   DIGITAL NTSC/PAL ENCODER
M65675FP MITSUBISHI-M65675FP Datasheet
83Kb / 17P
   DIGITAL NTSC/PAL ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com